Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1060242270 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1060242270
Description  LC Connector, Singlemode, 125.5關m Ceramic Ferrule, 3.00mm Simplex Cable, Blue Housing
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

1060242270 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1060242270 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 11/30/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1060242270
Status:
Active
Overview:
Optical Connectivity Solutions
Description:
LC Connector, Singlemode, 125.5µm Ceramic Ferrule, 3.00mm Simplex Cable, Blue
Housing, White Straight Boot
Documents:
Drawing (PDF)
Product Literature (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Fiber Optic Connectors
Series
106024
Cable Size
3.00mm
Material - Housing
PEI
Mode
Singlemode
Overview
Optical Connectivity Solutions
Product Literature Order No
987650-1589
Product Name
LC
UPC
822350258692
Wire/Cable Type
Simplex
Physical
Alignment Sleeve
N/A
Angled Physical Contact (APC)
Yes
Boot Color
White
Boot Type
Straight
Color - Resin
Blue
Ferrule Hole Size
125.5µm
Ferrule Material
Ceramic
Gender
Plug
Mounting Style
Adhesive
Net Weight
1.402/g
Ports
1
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Engineering Number
860242270
Reference - Drawing Numbers
Sales Drawing
SD-106024-X250
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Not Relevant
REACH SVHC
Not Relevant
Halogen-Free
Status
Not Relevant
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Relevant
ELV
Not Relevant
RoHS Phthalates
Not Relevant
Search Parts in this Series
106024 Series
This document was generated on 11/30/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1060242270

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1060242270 MOLEX-1060242270_V01 Datasheet
50Kb / 1P
   LC Connector, Singlemode, 125.5關m Ceramic Ferrule, 3.00mm Simplex Cable, Blue Housing, White Straight Boot
More results

Similar Description - 1060242270

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1060242250 MOLEX1-1060242250 Datasheet
50Kb / 1P
   LC Connector, Singlemode, 125.5關m Ceramic Ferrule, 3.00mm Simplex Cable
1060262250 MOLEX1-1060262250 Datasheet
54Kb / 1P
   LC/APC Connector, Singlemode, 125.5關m Ceramic Ferrule, 3.00mm Simplex Cable
1060272270 MOLEX1-1060272270 Datasheet
43Kb / 1P
   LC/APC Connector, Singlemode, 125.5關m Ceramic Ferrule, 3.00mm Simplex Cable
1060272250 MOLEX1-1060272250 Datasheet
43Kb / 1P
   LC/APC Connector, Singlemode, 125.5關m Ceramic Ferrule, 3.00mm Simplex Cable
1060262270 MOLEX1-1060262270 Datasheet
54Kb / 1P
   LC/APC Connector, Singlemode, 125.5關m Ceramic Ferrule, 3.00mm Simplex Cable
1060242400 MOLEX1-1060242400 Datasheet
44Kb / 1P
   LC Connector, Singlemode, 125.5關m Ceramic Ferrule, 1.60mm Simplex Cable, Blue Housing
1060242300 MOLEX1-1060242300 Datasheet
50Kb / 1P
   LC Connector, Singlemode, 125.5關m Ceramic Ferrule, 2.00mm Simplex Cable, Blue Housing
1060242011 MOLEX1-1060242011 Datasheet
50Kb / 1P
   LC Connector, Singlemode, 125.5關m Ceramic Ferrule, 2.00mm Simplex Cable, Blue Housing
1060242250 MOLEX-1060242250_V01 Datasheet
50Kb / 1P
   LC Connector, Singlemode, 125.5關m Ceramic Ferrule, 3.00mm Simplex Cable, Blue Housing, White Straight Boot
1060242270 MOLEX-1060242270_V01 Datasheet
50Kb / 1P
   LC Connector, Singlemode, 125.5關m Ceramic Ferrule, 3.00mm Simplex Cable, Blue Housing, White Straight Boot
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com