Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4H510838C-UCB0 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K4H510838C-UCB0
Description  512Mb C-die DDR SDRAM Specification
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4H510838C-UCB0 Datasheet(HTML) 4 Page - Samsung semiconductor

  K4H510838C-UCB0 Datasheet HTML 1Page - Samsung semiconductor K4H510838C-UCB0 Datasheet HTML 2Page - Samsung semiconductor K4H510838C-UCB0 Datasheet HTML 3Page - Samsung semiconductor K4H510838C-UCB0 Datasheet HTML 4Page - Samsung semiconductor K4H510838C-UCB0 Datasheet HTML 5Page - Samsung semiconductor K4H510838C-UCB0 Datasheet HTML 6Page - Samsung semiconductor K4H510838C-UCB0 Datasheet HTML 7Page - Samsung semiconductor K4H510838C-UCB0 Datasheet HTML 8Page - Samsung semiconductor K4H510838C-UCB0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Rev. 1.1 June. 2005
DDR SDRAM
DDR SDRAM 512Mb C-die (x4, x8, x16)
• VDD : 2.5V ± 0.2V, VDDQ : 2.5V ± 0.2V for DDR266, 333
• VDD : 2.6V ± 0.1V, VDDQ : 2.6V ± 0.1V for DDR400
• Double-data-rate architecture; two data transfers per clock cycle
• Bidirectional data strobe [DQS] (x4,x8) & [L(U)DQS] (x16)
• Four banks operation
• Differential clock inputs(CK and CK)
• DLL aligns DQ and DQS transition with CK transition
• MRS cycle with address key programs
-. Read latency : DDR266(2, 2.5 Clock), DDR333(2.5 Clock), DDR400(3 Clock)
-. Burst length (2, 4, 8)
-. Burst type (sequential & interleave)
• All inputs except data & DM are sampled at the positive going edge of the system clock(CK)
• Data I/O transactions on both edges of data strobe
• Edge aligned data output, center aligned data input
• LDM,UDM for write masking only (x16)
• DM for write masking only (x4, x8)
• Auto & Self refresh
• 7.8us refresh interval(8K/64ms refresh)
• Maximum burst refresh cycle : 8
• 66pin TSOP II Pb-Free package
RoHS compliant
CC(DDR400@CL=3)
B3(DDR333@CL=2.5)
A2(DDR266@CL=2.0)
B0(DDR266@CL=2.5)
Speed @CL2
-
133MHz
133MHz
100MHz
Speed @CL2.5
166MHz
166MHz
133MHz
133MHz
Speed @CL3
200MHz
-
-
-
CL-tRCD-tRP
3-3-3
2.5-3-3
2-3-3
2.5-3-3
Part No.
Org.
Max Freq.
Interface
Package
K4H510438C-UC/LB3
128M x 4
B3(DDR333@CL=2.5)
SSTL2
66pin TSOP II
K4H510438C-UC/LA2
A2(DDR266@CL=2)
K4H510438C-UC/LB0
B0(DDR266@CL=2.5)
K4H510838C-UC/LCC
64M x 8
CC(DDR400@CL=3)
SSTL2
66pin TSOP II
K4H510838C-UC/LB3
B3(DDR333@CL=2.5)
K4H510838C-UC/LA2
A2(DDR266@CL=2)
K4H510838C-UC/LB0
B0(DDR266@CL=2.5)
K4H511638C-UC/LCC
32M x 16
CC(DDR400@CL=3)
SSTL2
66pin TSOP II
K4H511638C-UC/LB3
B3(DDR333@CL=2.5)
K4H511638C-UC/LA2
A2(DDR266@CL=2)
K4H511638C-UC/LB0
B0(DDR266@CL=2.5)
1.0 Key Features
2.0 Ordering Information
3.0 Operating Frequencies


Similar Part No. - K4H510838C-UCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H510838C-TCA0 SAMSUNG-K4H510838C-TCA0 Datasheet
669Kb / 53P
   128Mb DDR SDRAM
K4H510838C-TCA2 SAMSUNG-K4H510838C-TCA2 Datasheet
669Kb / 53P
   128Mb DDR SDRAM
K4H510838C-TCB0 SAMSUNG-K4H510838C-TCB0 Datasheet
669Kb / 53P
   128Mb DDR SDRAM
K4H510838C-TLA0 SAMSUNG-K4H510838C-TLA0 Datasheet
669Kb / 53P
   128Mb DDR SDRAM
K4H510838C-TLA2 SAMSUNG-K4H510838C-TLA2 Datasheet
669Kb / 53P
   128Mb DDR SDRAM
More results

Similar Description - K4H510838C-UCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H511638C-Z SAMSUNG-K4H511638C-Z Datasheet
391Kb / 24P
   512Mb C-die DDR SDRAM Specification
K4H511638B-G SAMSUNG-K4H511638B-G Datasheet
392Kb / 24P
   512Mb B-die DDR SDRAM Specification
K4H510438F SAMSUNG-K4H510438F Datasheet
367Kb / 24P
   512Mb F-die DDR SDRAM Specification
K4H510438 SAMSUNG-K4H510438 Datasheet
332Kb / 24P
   512Mb B-die DDR SDRAM Specification
K4H510438G SAMSUNG-K4H510438G Datasheet
355Kb / 24P
   512Mb G-die DDR SDRAM Specification
K4H510438D SAMSUNG-K4H510438D Datasheet
367Kb / 24P
   512Mb D-die DDR SDRAM Specification
K4H510738E SAMSUNG-K4H510738E Datasheet
191Kb / 22P
   Stacked 512Mb E-die DDR SDRAM Specification (x4/x8)
K4S510432B-UC SAMSUNG-K4S510432B-UC Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
K4S510432B-TC SAMSUNG-K4S510432B-TC Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
K4H1G0638C SAMSUNG-K4H1G0638C Datasheet
348Kb / 23P
   Stacked 1Gb C-die DDR SDRAM Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com