Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADD480S45 Datasheet(PDF) 1 Page - Power Semiconductors

Part # ADD480S45
Description  RECTIFIER DIODES MODULE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

ADD480S45 Datasheet(HTML) 1 Page - Power Semiconductors

  ADD480S45 Datasheet HTML 1Page - Power Semiconductors ADD480S45 Datasheet HTML 2Page - Power Semiconductors ADD480S45 Datasheet HTML 3Page - Power Semiconductors ADD480S45 Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RECTIFIER DIODES MODULE
ADD480
Repetitive voltage up to
4500 V
Mean forward current
483 A
Surge current
4,5 kA
FINAL SPECIFICATION
Mar. 17 - Issue: 1
Symbol
Characteristic
Conditions
Tj
[°C]
Value
Unit
BLOCKING
V RRM
Repetitive peak reverse voltage
150
4500
V
V RSM
Non-repetitive peak reverse voltage
150
4600
V
I RRM
Repetitive peak reverse current
V=VRRM
150
100
mA
CONDUCTING
I F (AV)
Mean forward current
180° sin, 50 Hz, Tc=100°C, single side cooled
483
A
I F (AV)
Mean forward current
180° sin, 50 Hz, Tc=85°C, single side cooled
572
A
I FSM
Surge forward current
Sine wave, 10 ms
150
4,5
kA
I² t
I² t
without reverse voltage
101 x 10
3
A²s
V FM
Forward voltage
Forward current =
500 A
150
1,45
V
V F(TO)
Threshold voltage
150
1,00
V
r F
Forward slope resistance
150
0,900
mohm
SWITCHING
t rr
Reverse recovery time
µs
Q rr
Reverse recovery charge
150
µC
I rr
Peak reverse recovery current
A
MOUNTING
R th(j-c)
Thermal impedance, DC
Junction to heatsink, double side cooled
50,0
°C/kW
R th(c-h)
Thermal impedance
Case to heatsink, double side cooled
20,0
°C/kW
T j
Operating junction temperature
-30 / 150
°C
V ins
RMS insulation voltage
50Hz, circuit to base,all terminal shorted
25
4500
V
T
Mounting torque
Case to heatsink
4 to 6
Nm
Busbars to terminals
10 to 18
Nm
Mass
1500
g
ORDERING INFORMATION : ADD480 S 45
standard specification
VRRM/100
POSEICO SPA
Via Pillea 42-44, 16153 Genova - ITALY
Tel. + 39 010 8599400 - Fax + 39 010 8682006
Sales Office:
Tel. + 39 010 8599400 - sales@poseico.com


Similar Part No. - ADD480S45

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ADD480HVI POSEICO-ADD480HVI Datasheet
167Kb / 4P
   RECTIFIER DIODES MODULE
ADD480HVIS45 POSEICO-ADD480HVIS45 Datasheet
167Kb / 4P
   RECTIFIER DIODES MODULE
More results

Similar Description - ADD480S45

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ADS1000 POSEICO-ADS1000 Datasheet
153Kb / 4P
   RECTIFIER DIODES MODULE
ADD805 POSEICO-ADD805 Datasheet
167Kb / 4P
   RECTIFIER DIODES MODULE
AZD610HVI POSEICO-AZD610HVI Datasheet
142Kb / 4P
   RECTIFIER DIODES MODULE
AZD780HVI POSEICO-AZD780HVI Datasheet
142Kb / 4P
   RECTIFIER DIODES MODULE
ADD480HVI POSEICO-ADD480HVI Datasheet
167Kb / 4P
   RECTIFIER DIODES MODULE
AZD1600 POSEICO-AZD1600 Datasheet
141Kb / 4P
   RECTIFIER DIODES MODULE
ADD360HVI POSEICO-ADD360HVI Datasheet
184Kb / 4P
   RECTIFIER DIODES MODULE
AZD1080 POSEICO-AZD1080 Datasheet
140Kb / 4P
   RECTIFIER DIODES MODULE
AZD1280 POSEICO-AZD1280 Datasheet
141Kb / 4P
   RECTIFIER DIODES MODULE
ADD700 POSEICO-ADD700 Datasheet
168Kb / 4P
   RECTIFIER DIODES MODULE
ADD605 POSEICO-ADD605 Datasheet
167Kb / 4P
   RECTIFIER DIODES MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com