Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFF300A Datasheet(PDF) 1 Page - Power Semiconductors

Part # AFF300A
Description  FAST RECOVERY DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

AFF300A Datasheet(HTML) 1 Page - Power Semiconductors

  AFF300A Datasheet HTML 1Page - Power Semiconductors AFF300A Datasheet HTML 2Page - Power Semiconductors AFF300A Datasheet HTML 3Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FAST RECOVERY DIODE
AFF300A
INSULATED MODULE
Repetitive voltage up to
2600
V
Mean on-state current
252
A
Surge current
5
kA
FINAL SPECIFICATION
apr 17 - ISSUE : 2
Symbol
Characteristic
Conditions
Tj
[°C]
Value
Unit
BLOCKING
V RRM
Repetitive peak reverse voltage
125
2600
V
V RSM
Non-repetitive peak reverse voltage
125
2700
V
I RRM
Repetitive peak reverse current
125
50
mA
CONDUCTING
I F (AV)
Mean on-state current
180° sin, 50Hz, Tc=70°C
251,7
A
I F (AV)
Mean on-state current
180° sin. 50Hz, Tc=55°C
296,6
A
I FSM
Surge on-state current
sine wave, 10 ms
125
5,0
kA
I² t
I² t
without reverse voltage
125 x1E3
A²s
V F
On-state voltage
On-state current =
600 A
125
2,05
V
V F(TO)
Threshold voltage
125
1,15
V
r F
On-state slope resistance
125
1,500
mohm
Q rr
Reverse recovery charge
I F =
200 A
125
µC
I rr
Peak reverse recovery current
di/dt=
100 A/µs
125
A
t rr
Reverse recovery time
VR =
50 V
125
µs
MOUNTING
R th(j-c)
Thermal impedance
Junction to case, per element
°C/kW
R th(c-h)
Thermal impedance
Case to heatsink, per element
°C/kW
T j
Operating junction temperature
-30 / 125
°C
V ins
RMS insulation voltage
50Hz, circuit to base,all terminal shorted
25
V
T
Mounting tourque
Case to heatsink
Nm
Busbars to terminals
Nm
Mass
g
ORDERING INFORMATION : AFF300A S 26
120
140
12 to 18
1500
4500
105
20
4 to 6
*Full ermetic packaging
*Industrial compatible packaging
*Insulation using Aln substrate
*6KVrms insulation voltage available on request
*Contact screws avaliable on request
(*) 6000V available on request.
Add HVI to the desired code in
phase of order, i.e. AFF230HVIS26
standard specification
VRRM/100


Similar Part No. - AFF300A

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
AFF300 POSEICO-AFF300 Datasheet
289Kb / 3P
   FAST RECOVERY DIODE
AFF300K POSEICO-AFF300K Datasheet
293Kb / 3P
   FAST RECOVERY DIODE
AFF300KS26 POSEICO-AFF300KS26 Datasheet
293Kb / 3P
   FAST RECOVERY DIODE
AFF300S26 POSEICO-AFF300S26 Datasheet
289Kb / 3P
   FAST RECOVERY DIODE
More results

Similar Description - AFF300A

ManufacturerPart #DatasheetDescription
logo
Rohm
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
   Fast recovery diode
RF601T2D ROHM-RF601T2D_11 Datasheet
971Kb / 4P
   Fast recovery diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
   Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
   FAST RECOVERY DIODE
logo
Rohm
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
FMN-3306S SANKEN-FMN-3306S Datasheet
190Kb / 7P
   Fast Recovery Diode
logo
Rohm
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
   Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
   Fast Recovery Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com