Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T95S685K004CAAL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T95S685K004CAAL
Description  Solid Tantalum Chip Capacitors, TANTAMOUNT™, Hi-Rel COTS, Conformal Coated
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T95S685K004CAAL Datasheet(HTML) 2 Page - Vishay Siliconix

  T95S685K004CAAL Datasheet HTML 1Page - Vishay Siliconix T95S685K004CAAL Datasheet HTML 2Page - Vishay Siliconix T95S685K004CAAL Datasheet HTML 3Page - Vishay Siliconix T95S685K004CAAL Datasheet HTML 4Page - Vishay Siliconix T95S685K004CAAL Datasheet HTML 5Page - Vishay Siliconix T95S685K004CAAL Datasheet HTML 6Page - Vishay Siliconix T95S685K004CAAL Datasheet HTML 7Page - Vishay Siliconix T95S685K004CAAL Datasheet HTML 8Page - Vishay Siliconix T95S685K004CAAL Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
T95
www.vishay.com
Vishay Sprague
Revision: 10-Aug-17
2
Document Number: 40081
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• The anode termination (D less B) will be a minimum of 0.010" (0.25 mm)
CASE CODE
L (MAX.)
W
H
A
B
D (REF.)
J (MAX.)
X
0.285
[7.24]
0.104 ± 0.010
[2.65 ± 0.25]
0.051 ± 0.010
[1.30 ± 0.25]
0.040 ± 0.020
[1.00 ± 0.50]
0.200 ± 0.027
[5.08 ± 0.69]
0.243
[6.2]
0.004
[0.10]
Y
0.285
[7.24]
0.104 ± 0.010
[2.65 ± 0.25]
0.069 ± 0.010
[1.75 ± 0.25]
0.040 ± 0.020
[1.00 ± 0.50]
0.200 ± 0.027
[5.08 ± 0.69]
0.243
[6.2]
0.004
[0.10]
Z
0.285
[7.24]
0.104 ± 0.010
[2.65 ± 0.25]
0.104 ± 0.010
[2.65 ± 0.25]
0.040 ± 0.020
[1.00 ± 0.50]
0.200 ± 0.027
[5.08 ± 0.69]
0.243
[6.2]
0.004
[0.10]
C
0.281
[7.1]
0.126 ± 0.012
[3.2 ± 0.3]
0.098 ± 0.012
[2.5 ± 0.3]
0.051 ± 0.012
[1.3 ± 0.3]
0.180 ± 0.024
[4.6 ± 0.60]
0.236
[6.0]
0.004
[0.10]
D
0.293
[7.4]
0.170 + 0.012 / - 0.024
[4.3 + 0.3 / - 0.6]
0.110 ± 0.012
[2.8 ± 0.3]
0.051 ± 0.012
[1.3 ± 0.3]
0.180 ± 0.024
[4.6 ± 0.60]
0.253
[6.4]
0.004
[0.10]
R
0.283
[7.20]
0.235 + 0.012 / - 0.024
[6.0 + 0.30 / - 0.60]
0.136 + 0.012 / - 0.016
[3.50 + 0.30 / - 0.40]
0.051 ± 0.012
[1.30 ± 0.30]
0.180 ± 0.024
[4.60 ± 0.60]
0.243
[6.2]
0.004
[0.10]
RATINGS AND CASE CODES
μF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
0.15
S
0.22
S
0.33
SS
0.47
S
0.68
SS
1.0
SS
1.5
SS
V
2.2
S
S
V
X
3.3
S
S
V
4.7
S
S
V
X
X
Z / C
6.8
S
S
VA / XX
Y
Z
C / D
10
S
V
X
X
Y
C / Y
Z
R
15
V
X
B / X
B / Y
Z
Z
C / D / R
R
22
X
X
Y
B / Z
Z
R
R
33
X
Z
Z
D / R
R
47
Y
Y
Z
R
D / R
R
68
Y
RD / R
100
Z
Z
R
C / D
R
R
120
D / R
R
150
D / R
D
R
180
R
R
220
D / R
D / R
R
270
D
330
R
C
D / R
R
390
R
470
D
R
680
R
R
DIMENSIONS in inches [millimeters]


Similar Part No. - T95S685K004CAAL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T95S107K010CAAS VISHAY-T95S107K010CAAS Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
T95S107K010CBAS VISHAY-T95S107K010CBAS Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
T95S107K010CSAS VISHAY-T95S107K010CSAS Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
T95S107K010EAAS VISHAY-T95S107K010EAAS Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
T95S107K010EBAS VISHAY-T95S107K010EBAS Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
More results

Similar Description - T95S685K004CAAL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T95 VISHAY-T95 Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
T97 VISHAY-T97_17 Datasheet
306Kb / 21P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-17
T97 VISHAY-T97_1 Datasheet
86Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-10
T97 VISHAY-T97 Datasheet
95Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Aug-08
T97R106K075LSA VISHAY-T97R106K075LSA Datasheet
103Kb / 7P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 25-Jun-13
T96 VISHAY-T96_17 Datasheet
283Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Low ESR, Built-in-Fuse, Conformal Coated Case
Revision: 22-Jun-17
T97 VISHAY-T97_11 Datasheet
98Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Dec-11
195D VISHAY-195D_17 Datasheet
337Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated
Revision: 09-Nov-17
695D VISHAY-695D_17 Datasheet
320Kb / 22P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
Revision: 21-Jun-17
T98 VISHAY-T98_17 Datasheet
284Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Built-in-Fuse, Conformal Coated Case
Revision: 22-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com