Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T95D277K004CAAL Datasheet(PDF) 1 Page - Vishay Siliconix

Part # T95D277K004CAAL
Description  Solid Tantalum Chip Capacitors, TANTAMOUNT™, Hi-Rel COTS, Conformal Coated
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T95D277K004CAAL Datasheet(HTML) 1 Page - Vishay Siliconix

  T95D277K004CAAL Datasheet HTML 1Page - Vishay Siliconix T95D277K004CAAL Datasheet HTML 2Page - Vishay Siliconix T95D277K004CAAL Datasheet HTML 3Page - Vishay Siliconix T95D277K004CAAL Datasheet HTML 4Page - Vishay Siliconix T95D277K004CAAL Datasheet HTML 5Page - Vishay Siliconix T95D277K004CAAL Datasheet HTML 6Page - Vishay Siliconix T95D277K004CAAL Datasheet HTML 7Page - Vishay Siliconix T95D277K004CAAL Datasheet HTML 8Page - Vishay Siliconix T95D277K004CAAL Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
T95
www.vishay.com
Vishay Sprague
Revision: 10-Aug-17
1
Document Number: 40081
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Solid Tantalum Chip Capacitors,
TANTAMOUNT™, Hi-Rel COTS, Conformal Coated
PERFORMANCE / ELECTRICAL
CHARACTERISTICS
www.vishay.com/doc?40209
Operating Temperature: -55 °C to +125 °C
(above 85 °C, voltage derating is required)
Capacitance Range: 0.15 μF to 680 μF
Capacitance Tolerance: ± 20 %, ± 10 % standard
Voltage Rating: 4 VDC to 50 VDC
FEATURES
• High reliability; Weibull grading available
• Surge current testing per MIL-PRF-55365
options available
• Standard and low ESR options
• Terminations: SnPb, standard,
100 % tin available
• All cases except R case are halogen-free
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details
Notes
(1) Weibull 0.1 % and 0.01 % may not be available on all ratings. See detailed notes in ratings table or contact marketing for availability
• We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size
• Low ESR solid tantalum chip capacitors allow delta ESR of 1.25 times the datasheet limits after mounting
Available
Available
Available
Available
ORDERING INFORMATION
T95
D
107
K
010
E
A
A
S
TYPE CASE
CODE
CAPACITANCE CAPACITANCE
TOLERANCE
DC VOLTAGE
RATING AT +85 °C
TERMINATION AND
PACKAGING
RELIABILITY
LEVEL
SURGE
CURRENT
ESR
See
Ratings
and
Case
Codes
table.
This is
expressed
in picofarads.
The first two
digits are the
significant
figures. The
third is the
number of
zeros to
follow.
K = ± 10 %
M = ± 20 %
This is expressed
in volts. To
complete the
three-digit block,
zeros precede
the voltage rating.
A decimal point
is indicated by
an “R”
(6R3 = 6.3 V).
Sn / Pb solder
E = 7" (178 mm)
reels
L = 7" (178 mm)
½ reel
100 % tin
C = 7" (178 mm)
reels
H = 7" (178 mm)
½ reel
A = 1.0 % Weibull
B = 0.1 % Weibull (1)
C = 0.01 % Weibull (1)
S = hi-rel standard
burn-in
Z = non-established
reliability
A = 10 cycles
at +25 °C
B = 10 cycles
at -55 °C /
+85 °C
S = 3 cycles
at +25 °C
S = std.
L = low
DIMENSIONS in inches [millimeters]
CASE CODE
L (MAX.)
W
H
A
B
D (REF.)
J (MAX.)
S
0.143
[3.63]
0.072 ± 0.008
[1.83 ± 0.20]
0.048 ± 0.008
[1.22 ± 0.20]
0.023 ± 0.010
[0.58 ± 0.25]
0.085 ± 0.015
[2.16 ± 0.37]
0.115
[2.9]
0.004
[0.10]
V
0.143
[3.63]
0.104 ± 0.010
[2.65 ± 0.25]
0.051 ± 0.010
[1.30 ± 0.25]
0.023 ± 0.010
[0.58 ± 0.25]
0.085 ± 0.015
[2.16 ± 0.37]
0.115
[2.9]
0.004
[0.10]
A
0.146
[3.7]
0.072 ± 0.012
[1.8 ± 0.3]
0.056 ± 0.012
[1.4 ± 0.3]
0.031 ± 0.012
[0.8 ± 0.3]
0.085 ± 0.016
[2.2 ± 0.40]
0.115
[2.9]
0.004
[0.10]
B
0.158
[4.0]
0.110 + 0.012 / - 0.016
[2.8 + 0.3 / - 0.4]
0.075 + 0.012 / - 0.024
[1.9 + 0.3 / - 0.6]
0.031 ± 0.012
[0.8 ± 0.3]
0.097 ± 0.016
[2.5 ± 0.40]
0.138
[3.5]
0.004
[0.10]
L
A
B
D
MAX.
REF.
W
J
J
H
MAX.
MAX.
Tantalum wire
nib identifies
anode (+)
terminal


Similar Part No. - T95D277K004CAAL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T95D107K010CAAS VISHAY-T95D107K010CAAS Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
T95D107K010CBAS VISHAY-T95D107K010CBAS Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
T95D107K010CSAS VISHAY-T95D107K010CSAS Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
T95D107K010EAAS VISHAY-T95D107K010EAAS Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
T95D107K010EBAS VISHAY-T95D107K010EBAS Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
More results

Similar Description - T95D277K004CAAL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T95 VISHAY-T95 Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
T97 VISHAY-T97_17 Datasheet
306Kb / 21P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-17
T97 VISHAY-T97_1 Datasheet
86Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-10
T97 VISHAY-T97 Datasheet
95Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Aug-08
T97R106K075LSA VISHAY-T97R106K075LSA Datasheet
103Kb / 7P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 25-Jun-13
T96 VISHAY-T96_17 Datasheet
283Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Low ESR, Built-in-Fuse, Conformal Coated Case
Revision: 22-Jun-17
T97 VISHAY-T97_11 Datasheet
98Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Dec-11
195D VISHAY-195D_17 Datasheet
337Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated
Revision: 09-Nov-17
695D VISHAY-695D_17 Datasheet
320Kb / 22P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
Revision: 21-Jun-17
T98 VISHAY-T98_17 Datasheet
284Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Built-in-Fuse, Conformal Coated Case
Revision: 22-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com