Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T95Y476K6R3CAAL Datasheet(PDF) 5 Page - Vishay Siliconix

Part # T95Y476K6R3CAAL
Description  Solid Tantalum Chip Capacitors, TANTAMOUNT™, Hi-Rel COTS, Conformal Coated
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T95Y476K6R3CAAL Datasheet(HTML) 5 Page - Vishay Siliconix

  T95Y476K6R3CAAL Datasheet HTML 1Page - Vishay Siliconix T95Y476K6R3CAAL Datasheet HTML 2Page - Vishay Siliconix T95Y476K6R3CAAL Datasheet HTML 3Page - Vishay Siliconix T95Y476K6R3CAAL Datasheet HTML 4Page - Vishay Siliconix T95Y476K6R3CAAL Datasheet HTML 5Page - Vishay Siliconix T95Y476K6R3CAAL Datasheet HTML 6Page - Vishay Siliconix T95Y476K6R3CAAL Datasheet HTML 7Page - Vishay Siliconix T95Y476K6R3CAAL Datasheet HTML 8Page - Vishay Siliconix T95Y476K6R3CAAL Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
T95
www.vishay.com
Vishay Sprague
Revision: 10-Aug-17
5
Document Number: 40081
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
25 VDC AT +85 °C; 17 VDC AT +125 °C
0.68
S
T95S684(1)025(2)(3)(4)(5)
0.5
4
10.000
5.000
A, S, Z
1.0
S
T95S105(1)025(2)(3)(4)(5)
0.5
4
7.000
3.500
A, S, Z
1.5
S
T95S155(1)025(2)(3)(4)(5)
0.5
6
7.000
3.500
A, S, Z
2.2
V
T95V225(1)025(2)(3)(4)(5)
0.6
6
4.000
2.000
A, S, Z
4.7
X
T95X475(1)025(2)(3)(4)(5)
1.2
6
3.000
1.500
A, S, Z
6.8
Y
T95Y685(1)025(2)(3)(4)(5)
1.7
6
2.000
1.000
A, S, Z
10
C
T95C106(1)025(2)(6)(4)(5)
2.5
6
0.570
0.280
A, B, S, Z
10
Y
T95Y106(1)025(2)(3)(4)(5)
2.5
6
2.000
1.000
A, S, Z
15
Z
T95Z156(1)025(2)(3)(4)(5)
3.8
6
1.200
0.600
A, S, Z
33
D
T95D336(1)025(2)(6)(4)(5)
8.3
6
0.260
0.130
A, B, S, Z
33
R
T95R336(1)025(2)(6)(4)(5)
8.3
6
0.250
0.130
A, B, S, Z
47
D
T95D476(1)025(2)(6)(4)(5)
11.8
6
0.260
0.130
A, B, S, Z
47
R
T95R476(1)025(2)(3)(4)(5)
11.8
6
0.200
0.108
A, S, Z
68
D
T95D686(1)025(2)(6)(4)(5)
17.0
8
0.260
0.200
A, B, S, Z
68
R
T95R686(1)025(2)(6)(4)(5)
17.0
6
0.200
0.095
A, B, S, Z
100
R
T95R107(1)025(2)(6)(4)(5)
25.0
8
0.200
0.090
A, B, S, Z
35 VDC AT +85 °C; 23 VDC AT +125 °C
0.15
S
T95S154(1)035(2)(3)(4)(5)
0.5
4
36.000
18.000
A, S, Z
0.22
S
T95S224(1)035(2)(3)(4)(5)
0.5
4
30.000
15.000
A, S, Z
0.33
S
T95S334(1)035(2)(3)(4)(5)
0.5
4
24.000
12.000
A, S, Z
0.47
S
T95S474(1)035(2)(3)(4)(5)
0.5
4
18.000
9.000
A, S, Z
0.68
S
T95S684(1)035(2)(3)(4)(5)
0.5
4
10.000
5.000
A, S, Z
1.0
S
T95S105(1)035(2)(3)(4)(5)
0.5
4
7.000
3.500
A, S, Z
1.5
V
T95V155(1)035(2)(3)(4)(5)
0.5
6
6.000
3.000
A, S, Z
2.2
X
T95X225(1)035(2)(3)(4)(5)
0.8
6
4.000
2.000
A, S, Z
6.8
Z
T95Z685(1)035(2)(6)(4)(5)
2.4
6
1.600
0.800
A, B, S, Z
10
Z
T95Z106(1)035(2)(3)(4)(5)
3.5
6
1.200
0.600
A, S, Z
15
C
T95C156(1)035(2)(6)(4)(5)
5.3
6
0.600
0.400
A, B, S, Z
15
D
T95D156(1)035(2)(3)(4)(5)
5.3
6
0.410
0.270
A, S, Z
15
R
T95R156(1)035(2)(3)(4)(5)
5.3
6
0.380
0.190
A, S, Z
22
R
T95R226(1)035(2)(3)(4)(5)
7.7
6
0.280
0.240
A, S, Z
33
R
T95R336(1)035(2)(6)(4)(5)
11.6
6
0.280
0.200
A, B, S, Z
47
R
T95R476(1)035(2)(6)(4)(5)
16.5
6
0.280
0.200
A, B, S, Z
50 VDC AT +85 °C; 33 VDC AT +125 °C
0.33
S
T95S334(1)050(2)(6)(4)(5)
0.5
4
20.000
10.000
A, B, S, Z
4.7
Z
T95Z475(1)050(2)(3)(4)(5)
2.4
6
0.800
0.600
A, S, Z
4.7
C
T95C475(1)050(2)(6)(4)(5)
2.4
6
1.400
0.800
A, B, S, Z
6.8
C
T95C685(1)050(2)(6)(4)(5)
3.4
6
1.300
0.700
A, B, S, Z
6.8
D
T95D685(1)050(2)(6)(4)(5)
3.4
6
0.820
0.450
A, B, S, Z
10
R
T95R106(1)050(2)(6)(4)(5)
5.0
6
0.650
0.500
A, B, S, Z
15
R
T95R156(1)050(2)(3)(4)(5)
7.5
6
0.400
0.350
A, S, Z
22
R
T95R226(1)050(2)(3)(4)(5)
11.0
6
0.390
0.300
A, S, Z
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
STD. (S)
MAX. ESR
AT +25 °C
100 kHz
(
Ω)
LOW (L)
MAX. ESR
AT +25 °C
100 kHz
(
Ω)
AVAILABLE
RELIABILITY
LEVELS
Note
• Part number definitions:
(1) Capacitance tolerance: K, M
(2) Termination and packaging: C, E, H, L
(3) Reliability level: A, S, Z
(4) Surge current: A, B, S
(5) ESR: L, S
(6) Reliability level: A, B, S, Z
(7) Reliability level: A, B, C, S, Z


Similar Part No. - T95Y476K6R3CAAL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T95Y107K010CAAS VISHAY-T95Y107K010CAAS Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
T95Y107K010CBAS VISHAY-T95Y107K010CBAS Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
T95Y107K010CSAS VISHAY-T95Y107K010CSAS Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
T95Y107K010EAAS VISHAY-T95Y107K010EAAS Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
T95Y107K010EBAS VISHAY-T95Y107K010EBAS Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
More results

Similar Description - T95Y476K6R3CAAL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T95 VISHAY-T95 Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
T97 VISHAY-T97_17 Datasheet
306Kb / 21P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-17
T97 VISHAY-T97_1 Datasheet
86Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-10
T97 VISHAY-T97 Datasheet
95Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Aug-08
T97R106K075LSA VISHAY-T97R106K075LSA Datasheet
103Kb / 7P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 25-Jun-13
T96 VISHAY-T96_17 Datasheet
283Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Low ESR, Built-in-Fuse, Conformal Coated Case
Revision: 22-Jun-17
T97 VISHAY-T97_11 Datasheet
98Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Dec-11
195D VISHAY-195D_17 Datasheet
337Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated
Revision: 09-Nov-17
695D VISHAY-695D_17 Datasheet
320Kb / 22P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
Revision: 21-Jun-17
T98 VISHAY-T98_17 Datasheet
284Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Built-in-Fuse, Conformal Coated Case
Revision: 22-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com