Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T98H337K020 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # T98H337K020
Description  Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Built-in-Fuse, Conformal Coated Case
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T98H337K020 Datasheet(HTML) 1 Page - Vishay Siliconix

  T98H337K020 Datasheet HTML 1Page - Vishay Siliconix T98H337K020 Datasheet HTML 2Page - Vishay Siliconix T98H337K020 Datasheet HTML 3Page - Vishay Siliconix T98H337K020 Datasheet HTML 4Page - Vishay Siliconix T98H337K020 Datasheet HTML 5Page - Vishay Siliconix T98H337K020 Datasheet HTML 6Page - Vishay Siliconix T98H337K020 Datasheet HTML 7Page - Vishay Siliconix T98H337K020 Datasheet HTML 8Page - Vishay Siliconix T98H337K020 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
T98
www.vishay.com
Vishay Sprague
Revision: 22-Jun-17
1
Document Number: 40119
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Solid Tantalum Chip Capacitors TANTAMOUNT™,
Hi-Rel COTS, Ultra-Low ESR, Built-in-Fuse, Conformal Coated Case
PERFORMANCE CHARACTERISTICS
www.vishay.com/doc?40209
Operating Temperature: -55 °C to +125 °C
(above 85 °C, voltage derating is required)
Capacitance Range: 10 μF to 1500 μF
Capacitance Tolerance: ± 10 %, ± 20 % standard
Voltage Rating: 4 VDC to 75 VDC
FEATURES
• High
reliability
design
with
reliability
screening available
• Surge current testing per MIL-PRF-55365
options available
• Ultra-low ESR
• Mounting: surface mount
• Terminations: SnPb, standard. 100 % tin available
• Circuit protection for mission or safety critical systems
• Fuse characteristics: guaranteed fuse protection at 9 A,
100 ms
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details
Note
• We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size.
Low ESR solid tantalum chip capacitors allow delta ESR of 1.25 times the datasheet limits after mounting
Available
Available
ORDERING INFORMATION
T98
R
227
K
020
E
S
A
TYPE
CASE
CODE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE
RATING AT +85 °C
TERMINATION /
PACKAGING
(available options are
series dependent)
RELIABILITY
LEVEL
SURGE
CURRENT
See
Ratings
and
Case
Codes
table
This is expressed in
picofarads. The first
two digits are the
significant figures.
The third is the
number of zeros
to follow.
K = ± 10 %
M = ± 20 %
This is expressed
in volts. To
complete the
three-digit block,
zeros precede the
voltage rating.
A decimal point is
indicated by an “R”
(6R3 = 6.3 V)
E = Sn / Pb solder /
7" (178 mm) reel
L = Sn / Pb solder /
7" (178 mm), 1/2 reel
C = 100 % tin /
7" (178 mm), reel
H = 100 % tin /
7" (178 mm), 1/2 reel
S = 40 h
burn-in
Z = non-
established
reliability
A = 10 cycles
at +25 °C
B = 10 cycles
at -55 °C /
+85 °C
S = 3 cycles
at 25 °C
DIMENSIONS in inches [millimeters]
CASE CODE
L
W
H1
H
f (REF.)
D (REF.)
J (MAX.)
V
0.299 ± 0.012
[7.6 ± 0.3]
0.181 ± 0.016
[4.6 ± 0.4]
0.099 max.
[2.5 max.]
0.087 [2.2]
max.
0.079
[2.0]
0.256
[6.5]
0.004
[0.1]
E
0.299 ± 0.012
[7.6 ± 0.3]
0.181 ± 0.016
[4.6 ± 0.4]
0.177 ± 0.016
[4.5 ± 0.4]
0.165 ± 0.016
[4.2 ± 0.4]
0.079
[2.0]
0.256
[6.5]
0.004
[0.1]
R
0.299 ± 0.012
[7.6 ± 0.3]
0.246 ± 0.016 / - 0.024
[6.2 ± 0.4 / - 0.6]
0.162 ± 0.016
[4.1 ± 0.4]
0.150 ± 0.016
[3.8 ± 0.4]
0.079
[2.0]
0.248
[6.3]
0.004
[0.1]
F
0.299 ± 0.012
[7.6 ± 0.3]
0.246 ± 0.016
[6.2 ± 0.4]
0.207 ± 0.016
[5.3 ± 0.4]
0.193 ± 0.016
[4.9 ± 0.4]
0.079
[2.0]
0.248
[6.3]
0.004
[0.1]
Z
0.299 ± 0.012
[7.6 ± 0.3]
0.246 ± 0.016
[6.2 ± 0.4]
0.258 ± 0.016
[6.6 ± 0.4]
0.244 ± 0.016
[6.2 ± 0.4]
0.079
[2.0]
0.248
[6.3]
0.004
[0.1]
M
0.327 [8.3]
max.
0.268 ± 0.016
[6.8 ± 0.4]
0.161 ± 0.016
[4.1 ± 0.4]
0.150 ± 0.016
[3.8 ± 0.4]
0.079
[2.0]
0.248
[6.3]
0.004
[0.1]
H
0.315 ± 0.012
[8.0 ± 0.3]
0.268 ± 0.016
[6.8 ± 0.4]
0.224 ± 0.016
[5.7 ± 0.4]
0.213 ± 0.016
[5.4 ± 0.4]
0.079
[2.0]
0.264
[6.7]
0.004
[0.1]
H1
H
W
W
f
J
Tantalum wire
nib identifies anode (+) terminal


Similar Part No. - T98H337K020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T98 VISHAY-T98 Datasheet
86Kb / 4P
   TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
Revision: 25-Jun-08
logo
E-SWITCH
T980000 E-SWITCH-T980000 Datasheet
166Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T980001 E-SWITCH-T980001 Datasheet
166Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T980002 E-SWITCH-T980002 Datasheet
168Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T980003 E-SWITCH-T980003 Datasheet
167Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T98H337K020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T96 VISHAY-T96_17 Datasheet
283Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Low ESR, Built-in-Fuse, Conformal Coated Case
Revision: 22-Jun-17
T97 VISHAY-T97_17 Datasheet
306Kb / 21P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-17
T97 VISHAY-T97_1 Datasheet
86Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-10
T97 VISHAY-T97 Datasheet
95Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Aug-08
T97R106K075LSA VISHAY-T97R106K075LSA Datasheet
103Kb / 7P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 25-Jun-13
T97 VISHAY-T97_11 Datasheet
98Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Dec-11
T95 VISHAY-T95_17 Datasheet
300Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Hi-Rel COTS, Conformal Coated
Revision: 10-Aug-17
T96 VISHAY-T96 Datasheet
93Kb / 4P
   TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
Revision: 25-Jun-08
T98 VISHAY-T98 Datasheet
86Kb / 4P
   TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
Revision: 25-Jun-08
T95 VISHAY-T95 Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com