Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T95S335K010CAAL Datasheet(PDF) 4 Page - Vishay Siliconix

Part # T95S335K010CAAL
Description  Solid Tantalum Chip Capacitors, TANTAMOUNT™, Hi-Rel COTS, Conformal Coated
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T95S335K010CAAL Datasheet(HTML) 4 Page - Vishay Siliconix

  T95S335K010CAAL Datasheet HTML 1Page - Vishay Siliconix T95S335K010CAAL Datasheet HTML 2Page - Vishay Siliconix T95S335K010CAAL Datasheet HTML 3Page - Vishay Siliconix T95S335K010CAAL Datasheet HTML 4Page - Vishay Siliconix T95S335K010CAAL Datasheet HTML 5Page - Vishay Siliconix T95S335K010CAAL Datasheet HTML 6Page - Vishay Siliconix T95S335K010CAAL Datasheet HTML 7Page - Vishay Siliconix T95S335K010CAAL Datasheet HTML 8Page - Vishay Siliconix T95S335K010CAAL Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
T95
www.vishay.com
Vishay Sprague
Revision: 10-Aug-17
4
Document Number: 40081
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
10 VDC AT +85 °C; 7 VDC AT +125 °C
150
D
T95D157(1)010(2)(3)(4)(5)
15.0
8
0.140
0.075
A, S, Z
150
R
T95R157(1)010(2)(3)(4)(5)
15.0
8
0.130
0.065
A, S, Z
220
D
T95D227(1)010(2)(6)(4)(5)
22.0
8
0.140
0.065
A, B, S, Z
220
R
T95R227(1)010(2)(3)(4)(5)
22.0
8
0.130
0.055
A, S, Z
330
D
T95D337(1)010(2)(7)(4)(5)
33.0
8
0.140
0.065
A, B, C, S, Z
330
R
T95R337(1)010(2)(6)(4)(5)
33.0
8
0.130
0.045
A, B, S, Z
470
R
T95R477(1)010(2)(6)(4)(5)
47.0
14
0.120
0.060
A, B, S, Z
680
R
T95R687(1)010(2)(6)(4)(5)
68.0
14
0.090
0.045
A, B, S, Z
16 VDC AT +85 °C; 10 VDC AT +125 °C
2.2
S
T95S225(1)016(2)(3)(4)(5)
0.5
6
7.000
3.500
A, S, Z
3.3
S
T95S335(1)016(2)(3)(4)(5)
0.5
6
5.000
2.500
A, S, Z
4.7
V
T95V475(1)016(2)(3)(4)(5)
0.8
6
4.000
2.000
A, S, Z
6.8
A
T95A685(1)016(2)(3)(4)(5)
1.1
6
2.800
0.800
A, S, Z
6.8
X
T95X685(1)016(2)(3)(4)(5)
1.1
6
3.000
1.500
A, S, Z
10
X
T95X106(1)016(2)(3)(4)(5)
1.6
6
3.000
1.500
A, S, Z
15
B
T95B156(1)016(2)(3)(4)(5)
2.4
6
0.750
0.550
A, S, Z
15
Y
T95Y156(1)016(2)(6)(4)(5)
2.4
6
1.200
0.600
A, B, S, Z
22
B
T95B226(1)016(2)(6)(4)(5)
3.5
6
0.750
0.500
A, B, S, Z
22
Z
T95Z226(1)016(2)(3)(4)(5)
3.5
6
0.800
0.400
A, S, Z
33
Z
T95Z336(1)016(2)(3)(4)(5)
5.3
6
0.800
0.400
A, S, Z
68
R
T95R686(1)016(2)(3)(4)(5)
10.9
6
0.600
0.095
A, S, Z
100
C
T95C107(1)016(2)(6)(4)(5)
16.0
8
0.600
0.090
A, B, S, Z
100
D
T95D107(1)016(2)(6)(4)(5)
16.0
8
0.140
0.080
A, B, S, Z
150
D
T95D157(1)016(2)(6)(4)(5)
24.0
8
0.140
0.085
A, B, S, Z
180
R
T95R187(1)016(2)(6)(4)(5)
28.8
8
0.130
0.055
A, B, S, Z
220
R
T95R227(1)016(2)(6)(4)(5)
35.2
8
0.120
0.055
A, B, S, Z
330
R
T95R337(1)016(2)(6)(4)(5)
52.8
14
0.110
0.055
A, B, S, Z
20 VDC AT +85 °C; 13 VDC AT +125 °C
1.5
S
T95S155(1)020(2)(3)(4)(5)
0.5
6
7.000
3.500
A, S, Z
2.2
S
T95S225(1)020(2)(3)(4)(5)
0.5
6
7.000
3.500
A, S, Z
3.3
V
T95V335(1)020(2)(3)(4)(5)
0.7
6
6.000
3.000
A, S, Z
4.7
X
T95X475(1)020(2)(3)(4)(5)
0.9
6
3.000
1.500
A, S, Z
6.8
X
T95X685(1)020(2)(3)(4)(5)
1.4
6
3.000
1.500
A, S, Z
10
Y
T95Y106(1)020(2)(3)(4)(5)
2.0
6
2.000
1.000
A, S, Z
15
Z
T95Z156(1)020(2)(3)(4)(5)
3.0
6
1.200
0.600
A, S, Z
22
Z
T95Z226(1)020(2)(3)(4)(5)
4.4
6
0.800
0.400
A, S, Z
47
R
T95R476(1)020(2)(3)(4)(5)
9.4
6
0.200
0.110
A, S, Z
100
R
T95R107(1)020(2)(6)(4)(5)
20.0
8
0.140
0.090
A, B, S, Z
120
R
T95R127(1)020(2)(6)(4)(5)
24.0
8
0.140
0.080
A, B, S, Z
150
R
T95R157(1)020(2)(6)(4)(5)
30.0
8
0.140
0.075
A, B, S, Z
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
STD. (S)
MAX. ESR
AT +25 °C
100 kHz
(
Ω)
LOW (L)
MAX. ESR
AT +25 °C
100 kHz
(
Ω)
AVAILABLE
RELIABILITY
LEVELS
Note
• Part number definitions:
(1) Capacitance tolerance: K, M
(2) Termination and packaging: C, E, H, L
(3) Reliability level: A, S, Z
(4) Surge current: A, B, S
(5) ESR: L, S
(6) Reliability level: A, B, S, Z
(7) Reliability level: A, B, C, S, Z


Similar Part No. - T95S335K010CAAL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T95S107K010CAAS VISHAY-T95S107K010CAAS Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
T95S107K010CBAS VISHAY-T95S107K010CBAS Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
T95S107K010CSAS VISHAY-T95S107K010CSAS Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
T95S107K010EAAS VISHAY-T95S107K010EAAS Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
T95S107K010EBAS VISHAY-T95S107K010EBAS Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
More results

Similar Description - T95S335K010CAAL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T95 VISHAY-T95 Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
T97 VISHAY-T97_17 Datasheet
306Kb / 21P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-17
T97 VISHAY-T97_1 Datasheet
86Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-10
T97 VISHAY-T97 Datasheet
95Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Aug-08
T97R106K075LSA VISHAY-T97R106K075LSA Datasheet
103Kb / 7P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 25-Jun-13
T96 VISHAY-T96_17 Datasheet
283Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Low ESR, Built-in-Fuse, Conformal Coated Case
Revision: 22-Jun-17
T97 VISHAY-T97_11 Datasheet
98Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Dec-11
195D VISHAY-195D_17 Datasheet
337Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated
Revision: 09-Nov-17
695D VISHAY-695D_17 Datasheet
320Kb / 22P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
Revision: 21-Jun-17
T98 VISHAY-T98_17 Datasheet
284Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Built-in-Fuse, Conformal Coated Case
Revision: 22-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com