Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T98F337M020 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T98F337M020
Description  Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Built-in-Fuse, Conformal Coated Case
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T98F337M020 Datasheet(HTML) 2 Page - Vishay Siliconix

  T98F337M020 Datasheet HTML 1Page - Vishay Siliconix T98F337M020 Datasheet HTML 2Page - Vishay Siliconix T98F337M020 Datasheet HTML 3Page - Vishay Siliconix T98F337M020 Datasheet HTML 4Page - Vishay Siliconix T98F337M020 Datasheet HTML 5Page - Vishay Siliconix T98F337M020 Datasheet HTML 6Page - Vishay Siliconix T98F337M020 Datasheet HTML 7Page - Vishay Siliconix T98F337M020 Datasheet HTML 8Page - Vishay Siliconix T98F337M020 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
T98
www.vishay.com
Vishay Sprague
Revision: 22-Jun-17
2
Document Number: 40119
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Preliminary rating. Contact factory for availability
RATINGS AND CASE CODES
μF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
63 V
75 V
10
R
22
F
47
RZ
68
R
100
150
F
220
E
R
M
330
E
F / H (1)
470
V
E
E
680
E
E
R
1000
E / R
R
1500
R
2200
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER (1)
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz (%)
MAX. ESR
AT +25 °C
100 kHz (m
Ω)
MAX. RIPPLE
100 kHz
IRMS (A)
4 VDC AT +85 °C; 2.7 VDC AT +125 °C
470
V
T98V477(1)004(2)(3)(4)
18.8
8
130
1.0
680
E
T98E687(1)004(2)(3)(4)
27.2
6
125
1.3
1000
E
T98E108(1)004(2)(3)(4)
40.0
8
120
1.3
1000
R
T98R108(1)004(2)(3)(4)
40.0
8
118
1.5
1500
R
T98R158(1)004(2)(3)(4)
60.0
8
115
1.5
6.3 VDC AT +85 °C; 4 VDC AT +125 °C
470
E
T98E477(1)6R3(2)(3)(4)
29.6
6
130
1.3
680
E
T98E687(1)6R3(2)(3)(4)
42.8
6
125
1.3
1000
R
T98R108(1)6R3(2)(3)(4)
63.0
8
120
1.4
10 VDC AT +85 °C; 7 VDC AT +125 °C
330
E
T98E337(1)010(2)(3)(4)
33.0
6
135
1.3
470
E
T98E477(1)010(2)(3)(4)
47.0
6
128
1.3
680
R
T98R687(1)010(2)(3)(4)
68.0
6
128
1.4
16 VDC AT +85 °C; 10 VDC AT +125 °C
220
E
T98E227(1)016(2)(3)(4)
35.2
8
160
1.2
20 VDC AT +85 °C; 13 VDC AT +125 °C
220
R
T98R227(1)020(2)(3)(4)
44.0
8
180
1.2
330
F
T98F337(1)020(2)(3)(4)
66.0
10
200
1.1
330
H (1)
T98H337(1)020(2)(3)(4)
66.0
10
200
1.2
25 VDC AT +85 °C; 17 VDC AT +125 °C
68
R
T98R686(1)025(2)(3)(4)
17.0
6
200
1.1
150
F
T98F157(1)025(2)(3)(4)
37.5
8
180
1.2
220
M
T98M227M025(2)(3)(4)
55.0
8
200
1.1
Notes
• Part number definitions:
(1) Capacitance tolerance: K, M
(2) Termination and packaging: C, E, H, L
(3) Reliability level: S, Z
(4) Surge current: A, B, S
(1) Contact factory for availability


Similar Part No. - T98F337M020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T98F227K020CAA VISHAY-T98F227K020CAA Datasheet
86Kb / 4P
   TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
Revision: 25-Jun-08
T98F227K020CAB VISHAY-T98F227K020CAB Datasheet
86Kb / 4P
   TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
Revision: 25-Jun-08
T98F227K020CBA VISHAY-T98F227K020CBA Datasheet
86Kb / 4P
   TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
Revision: 25-Jun-08
T98F227K020CBB VISHAY-T98F227K020CBB Datasheet
86Kb / 4P
   TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
Revision: 25-Jun-08
T98F227K020CSA VISHAY-T98F227K020CSA Datasheet
86Kb / 4P
   TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
Revision: 25-Jun-08
More results

Similar Description - T98F337M020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T96 VISHAY-T96_17 Datasheet
283Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Low ESR, Built-in-Fuse, Conformal Coated Case
Revision: 22-Jun-17
T97 VISHAY-T97_17 Datasheet
306Kb / 21P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-17
T97 VISHAY-T97_1 Datasheet
86Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-10
T97 VISHAY-T97 Datasheet
95Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Aug-08
T97R106K075LSA VISHAY-T97R106K075LSA Datasheet
103Kb / 7P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 25-Jun-13
T97 VISHAY-T97_11 Datasheet
98Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Dec-11
T95 VISHAY-T95_17 Datasheet
300Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Hi-Rel COTS, Conformal Coated
Revision: 10-Aug-17
T96 VISHAY-T96 Datasheet
93Kb / 4P
   TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
Revision: 25-Jun-08
T98 VISHAY-T98 Datasheet
86Kb / 4P
   TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
Revision: 25-Jun-08
T95 VISHAY-T95 Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com