Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T95S335K016CAAL Datasheet(PDF) 10 Page - Vishay Siliconix

Part # T95S335K016CAAL
Description  Solid Tantalum Chip Capacitors, TANTAMOUNT™, Hi-Rel COTS, Conformal Coated
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T95S335K016CAAL Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button T95S335K016CAAL Datasheet HTML 6Page - Vishay Siliconix T95S335K016CAAL Datasheet HTML 7Page - Vishay Siliconix T95S335K016CAAL Datasheet HTML 8Page - Vishay Siliconix T95S335K016CAAL Datasheet HTML 9Page - Vishay Siliconix T95S335K016CAAL Datasheet HTML 10Page - Vishay Siliconix T95S335K016CAAL Datasheet HTML 11Page - Vishay Siliconix T95S335K016CAAL Datasheet HTML 12Page - Vishay Siliconix T95S335K016CAAL Datasheet HTML 13Page - Vishay Siliconix T95S335K016CAAL Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Conformal Coated Guide
www.vishay.com
Vishay Sprague
Revision: 12-Sep-17
4
Document Number: 40150
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
HIGH RELIABILITY PRODUCTS
SOLID TANTALUM CAPACITORS - CONFORMAL COATED
SERIES
CWR06
CWR16
CWR26
13008
14002
PRODUCT IMAGE
TYPE
TANTAMOUNT™ chip, conformal coated
FEATURES
MIL-PRF-55365/4
qualified
MIL-PRF-55365/13
qualified
MIL-PRF-55365/13
qualified
DLA approved
TEMPERATURE RANGE
-55 °C to +125 °C (above 85 °C, voltage derating is required)
CAPACITANCE RANGE
0.10 μF to 100 μF
0.33 μF to 330 μF
10 μF to 100 μF
10 μF to 1500 μF
4.7 μF to 680 μF
VOLTAGE RANGE
4 V to 50 V
4 V to 35 V
15 V to 35 V
4 V to 63 V
4 V to 50 V
CAPACITANCE TOLERANCE
± 5 %, ± 10 %,
± 20 %
± 5 %, ± 10 %,
± 20 %
± 5 %, ± 10 %,
± 20 %
± 10 %, ± 20 %
± 10 %, ± 20 %
LEAKAGE CURRENT
0.01 CV or 1.0 μA, whichever is greater
0.01 CV or 0.5 μA, whichever is greater
DISSIPATION FACTOR
6 % to 10 %
6 % to 10 %
6 % to 12 %
6 % to 20 %
6 % to 14 %
CASE CODES
A, B, C, D, E, F, G,
H
A, B, C, D, E, F, G,
H
F, G, H
V, E, F, R, Z, D, M,
H, N
B, C, D, R
TERMINATION
Gold plated; tin / lead; tin / lead solder fused
Tin / lead
SOLID TANTALUM CAPACITORS - CONFORMAL COATED
SERIES
T95
T96
T97
T98
PRODUCT IMAGE
TYPE
TANTAMOUNT™ chip, Hi-Rel COTS, conformal coated
FEATURES
High reliability
High reliability,
built in fuse
High reliability,
ultra low ESR,
multi-anode
High reliability,
ultra low ESR, built in
fuse, multi-anode
TEMPERATURE RANGE
-55 °C to +125 °C (above 85 °C, voltage derating is required)
CAPACITANCE RANGE
0.15 μF to 680 μF
10 μF to 680 μF
10 μF to 1500 μF
10 μF to 1500 μF
VOLTAGE RANGE
4 V to 50 V
4 V to 50 V
4 V to 75 V
4 V to 75 V
CAPACITANCE TOLERANCE
± 10 %, ± 20 %
± 10 %, ± 20 %
± 10 %, ± 20 %
± 10 %, ± 20 %
LEAKAGE CURRENT
0.01 CV or 0.5 μA, whichever is greater
DISSIPATION FACTOR
4 % to 14 %
6 % to 14 %
6 % to 20 %
6 % to 10 %
CASE CODES
A, B, C, D, R, S, V, X, Y, Z
R
V, E, F, R, Z, D, M, H, N
V, E, F, R, Z, M, H
TERMINATION
100 % matte tin, tin / lead


Similar Part No. - T95S335K016CAAL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T95S107K010CAAS VISHAY-T95S107K010CAAS Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
T95S107K010CBAS VISHAY-T95S107K010CBAS Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
T95S107K010CSAS VISHAY-T95S107K010CSAS Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
T95S107K010EAAS VISHAY-T95S107K010EAAS Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
T95S107K010EBAS VISHAY-T95S107K010EBAS Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
More results

Similar Description - T95S335K016CAAL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T95 VISHAY-T95 Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
T97 VISHAY-T97_17 Datasheet
306Kb / 21P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-17
T97 VISHAY-T97_1 Datasheet
86Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-10
T97 VISHAY-T97 Datasheet
95Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Aug-08
T97R106K075LSA VISHAY-T97R106K075LSA Datasheet
103Kb / 7P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 25-Jun-13
T96 VISHAY-T96_17 Datasheet
283Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Low ESR, Built-in-Fuse, Conformal Coated Case
Revision: 22-Jun-17
T97 VISHAY-T97_11 Datasheet
98Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Dec-11
195D VISHAY-195D_17 Datasheet
337Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated
Revision: 09-Nov-17
695D VISHAY-695D_17 Datasheet
320Kb / 22P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
Revision: 21-Jun-17
T98 VISHAY-T98_17 Datasheet
284Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Built-in-Fuse, Conformal Coated Case
Revision: 22-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com