Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T97E337M010 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # T97E337M010
Description  Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T97E337M010 Datasheet(HTML) 1 Page - Vishay Siliconix

  T97E337M010 Datasheet HTML 1Page - Vishay Siliconix T97E337M010 Datasheet HTML 2Page - Vishay Siliconix T97E337M010 Datasheet HTML 3Page - Vishay Siliconix T97E337M010 Datasheet HTML 4Page - Vishay Siliconix T97E337M010 Datasheet HTML 5Page - Vishay Siliconix T97E337M010 Datasheet HTML 6Page - Vishay Siliconix T97E337M010 Datasheet HTML 7Page - Vishay Siliconix T97E337M010 Datasheet HTML 8Page - Vishay Siliconix T97E337M010 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
T97
www.vishay.com
Vishay Sprague
Revision: 21-Jun-17
1
Document Number: 40092
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Solid Tantalum Chip Capacitors TANTAMOUNT™,
Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
FEATURES
• High reliability; Weibull failure rate grading
available
• Surge current testing per MIL-PRF-55365
options available
• Ultra-low ESR
• Tin / lead (SnPb) termination available
• Mounting: surface mount
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details
PERFORMANCE CHARACTERISTICS
www.vishay.com/doc?40209
Operating Temperature: -55 °C to +125 °C
(above 85 °C, voltage derating is required)
Capacitance Range: 10 μF to 1500 μF
Capacitance Tolerance: ± 10 %, ± 20 % standard
Voltage Rating: 4 VDC to 75 VDC
Notes
(1) Available on select ratings. See “Standard Ratings” table
• We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size.
Low ESR solid tantalum chip capacitors allow delta ESR of 1.25 times the datasheet limits after mounting
Available
Available
ORDERING INFORMATION
T97
R
227
K
020
E
S
A
TYPE
CASE
CODE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE RATING
AT +85 °C
TERMINATION /
PACKAGING
(available options are
series dependent)
RELIABILITY
LEVEL
SURGE
CURRENT
See
Ratings
and
Case
Code
table
This is expressed in
pF. The first two
digits are the
significant figures.
The third is the
number of zeros
to follow.
K = ± 10 %
M = ± 20 %
This is expressed in
volts. To complete the
three-digit block,
zeros precede the
voltage rating. A
decimal point is
indicated by an “R”
(6R3 = 6.3 V).
E = Sn / Pb solder /
7" (178 mm) reel
L = Sn / Pb solder /
7" (178 mm), 1/2 reel
C = 100 % tin /
7" (178 mm), reel
H = 100 % tin /
7" (178 mm), 1/2 reel
A = 1.0 %
Weibull
B = 0.1 %
Weibull (1)
S = 40 h
burn-in
Z = non-
established
reliability
A = 10 cycles
at +25 °C
B = 10 cycles
at -55 °C /
+85 °C
S = 3 cycles
at 25 °C


Similar Part No. - T97E337M010

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T97E227K020CAA VISHAY-T97E227K020CAA Datasheet
95Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Aug-08
T97E227K020CBA VISHAY-T97E227K020CBA Datasheet
95Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Aug-08
T97E227K020CSA VISHAY-T97E227K020CSA Datasheet
95Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Aug-08
T97E227K020CZA VISHAY-T97E227K020CZA Datasheet
95Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Aug-08
T97E227K020EAA VISHAY-T97E227K020EAA Datasheet
95Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Aug-08
More results

Similar Description - T97E337M010

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T97 VISHAY-T97_1 Datasheet
86Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-10
T97 VISHAY-T97 Datasheet
95Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Aug-08
T97R106K075LSA VISHAY-T97R106K075LSA Datasheet
103Kb / 7P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 25-Jun-13
T97 VISHAY-T97_11 Datasheet
98Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Dec-11
T95 VISHAY-T95_17 Datasheet
300Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Hi-Rel COTS, Conformal Coated
Revision: 10-Aug-17
T98 VISHAY-T98_17 Datasheet
284Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Built-in-Fuse, Conformal Coated Case
Revision: 22-Jun-17
T95 VISHAY-T95 Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
T96 VISHAY-T96_17 Datasheet
283Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Low ESR, Built-in-Fuse, Conformal Coated Case
Revision: 22-Jun-17
DLA13008 VISHAY-DLA13008 Datasheet
285Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated Case, Ultra Low ESR, DLA Approved
Revision: 26-Jan-16
597D VISHAY-597D_17 Datasheet
296Kb / 20P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 21-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com