Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR6040 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MBR6040
Description  60 AMP SCHOTTKY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MBR6040 Datasheet(HTML) 2 Page - Microsemi Corporation

  MBR6040 Datasheet HTML 1Page - Microsemi Corporation MBR6040 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - MBR6040

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
MBR6040 TEL-MBR6040 Datasheet
122Kb / 2P
   SCHOTTKY DIODES STUD TYPE 60 A
logo
Naina Semiconductor ltd...
MBR6040 NAINA-MBR6040 Datasheet
123Kb / 2P
   Schottky Power Diode, 60A
logo
New Jersey Semi-Conduct...
MBR6040 NJSEMI-MBR6040 Datasheet
81Kb / 1P
   SCHOTTKY DIODES STUD TYPE 60A
logo
GeneSiC Semiconductor, ...
MBR6040 GENESIC-MBR6040 Datasheet
807Kb / 3P
   Silicon Power Schottky Diode
logo
DONGGUAN YOU FENG WEI E...
MBR6040FCT YFWDIODE-MBR6040FCT Datasheet
245Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS
Rev:2021J1
More results

Similar Description - MBR6040

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SBR6090 MICROSEMI-SBR6090 Datasheet
127Kb / 2P
   60 Amp Schottky Rectifier
MS60180 MICROSEMI-MS60180 Datasheet
141Kb / 2P
   60 Amp Schottky Rectifier
SBR6030L MICROSEMI-SBR6030L Datasheet
126Kb / 2P
   60 Amp Schottky Rectifier
SBR6035PF MICROSEMI-SBR6035PF Datasheet
113Kb / 2P
   60 Amp Schottky Rectifier
SD51 MICROSEMI-SD51 Datasheet
127Kb / 2P
   60 Amp Schottky Rectifier
SBR6035 MICROSEMI-SBR6035_07 Datasheet
139Kb / 2P
   60 Amp Schottky Rectifier
logo
International Rectifier
60CPQ150PBF IRF-60CPQ150PBF Datasheet
203Kb / 6P
   SCHOTTKY RECTIFIER 60 Amp
logo
Microsemi Corporation
FST65150 MICROSEMI-FST65150 Datasheet
150Kb / 2P
   60 AMP SCHOTTKY RECTIFIER
SBR60150 MICROSEMI-SBR60150 Datasheet
138Kb / 2P
   60 AMP SCHOTTKY RECTIFIER
SBR6035PF MICROSEMI-SBR6035PF_07 Datasheet
121Kb / 2P
   60 Amp Schottky Rectifier
logo
International Rectifier
60CTQ150PBF IRF-60CTQ150PBF Datasheet
611Kb / 6P
   SCHOTTKY RECTIFIER 60 Amp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com