Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-LX0303SIUPGUSB Datasheet(PDF) 1 Page - LUMEX INC.

Part # SML-LX0303SIUPGUSB
Description  0.8(L)*0.8(W)*0.65(H)mm, SURFACE MOUNT LED, AlInGap RED/InGaN GREEN/InGaN BLUE LED, CLEAR LENS (TINTED), TAPE & REEL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SML-LX0303SIUPGUSB Datasheet(HTML) 1 Page - LUMEX INC.

  SML-LX0303SIUPGUSB Datasheet HTML 1Page - LUMEX INC. SML-LX0303SIUPGUSB Datasheet HTML 2Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BLUE
RED
PIN_4
PIN_3
PIN_2
PIN_1
GREEN
0.80 0.031
0.30 0.012
PIN_2
PIN_1
PIN_3
PIN_4
1.10
0.20
ELECTRO-OPTICAL CHARACTERISTIC TA=25
ABSOLUTE MAXIMUM RATINGS TA=25
*t<10us
POLARITY
RECOMMENDED SOLDER PAD LAYOUT
NOTE:
1. RoHS compliant.
2. Compliance Halogen Free.
PARAMETER
MAX
UNITS
PEAK FORWARD CURRENT (R/G/B)*
20/20/20
mA
FORWARD CURRENT (R/G/B)
10/10/10
mA
POWER DISIPATION (R/G/B)
24/31/31
mW
STORAGE TEMPERATURE
-40 TO +90
OPERATING TEMPERATURE
-40 TO +85
PARAMETER
MIN
TYP
MAX
UNITS
TEST COND
PEAK WAELENGHT
R
-
625
-
nm
If=3mA
G
-
525
-
If=5mA
B
-
465
-
If=5mA
FORWARD VOLTAGE
R
-
2.0
2.4
Vf
If=3mA
G
-
2.9
3.2
If=5mA
B
-
2.9
3.2
If=5mA
REVERSE VOLTAGE (R/G/B)
-
-
5
Vr
Ir=10uA
LUMINOUS INTENSITY
R
12
-
20
mcd
If=3mA
G
61
-
104
If=5mA
B
9
-
25
If=5mA
VIEWING ANGLE
-
120
-
2x theta1/2
-
EMITTED COLOR
R/G/B
EPOXY LENS FINISH
CLEAR LENS (TINTED) WITH TEXTURED FINISH TOP
SCALE :
mm [INCH]
DATE:
DRAWN BY:
425 N. GARY AVE.
CAROL STREAM, IL 60188
PHONE:800-278-5666
FAX:630-315-2150
WEB:WWW.LUMEX.COM
0.8(L)*0.8(W)*0.65(H)mm, SURFACE MOUNT LED, AlInGap RED/InGaN GREEN/InGaN BLUE LED, CLEAR LENS (TINTED), TAPE & REEL
**THE SPECIFICATIONS MAY CHANGE AT ANY TIME WITHOUT NOTICE DUE TO NEW MATERIALS OR PRODUCT IMPROVEMENT.**
CONFIDENTIAL INFORMATION
THE INFORMATION CONTAINED IN THIS DOCUMENT IS THE PROPERTY OF LUMEX INC. EXCEPT AS SPECIFICALLY AUTHORIZED IN WRITING BY LUMEX INC., THE HOLDER OF THIS DOCUMENT SHALL
KEEP ALL INFORMATION CONTAINED HEREIN CONFIDENTIAL AND SHALL PROTECT SAME IN WHOLE OR IN PART FROM DISCLOSURE AND DISSEMINATION TO ALL THIRD PARTIES.
CHKD BY:
APRVD BY:
PAGE:
UNIT:
*UNLESS OTHERWISE SPECIFIED TOLERANCES PER DECIMAL PRECISION ARE: X=±1 (±0.039), X.X=±0.5 (±0.020), X.XX=±0.25 (±0.010), X.XXX=±0.127 (±0.005). LEAD SIZE=±0.05 (±0.002), LEAD LENGTH=±0.75 (±0.030). MIN=
MAX.=
+DECIMAL PRECISION
-0.00
+0.00
-DECIMAL PRECISION
NTF
Pb
PART NUMBER
REV
SML-LX0303SIUPGUSB
--
2017.07.05
1 OF 2
E.C.
R.C.
G.Y.


Similar Part No. - SML-LX0303SIUPGUSB

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SML-LX0201NWD-TR LUMEX-SML-LX0201NWD-TR Datasheet
441Kb / 2P
   0.65(L)*0.38(W)*0.36(H)mm, SURFACE MOUNT TOP VIEW LED, lnGaN NEUTRAL WHITE, YELLOW LENS, TAPE & REEL
SML-LX0201USBC-TR LUMEX-SML-LX0201USBC-TR Datasheet
441Kb / 2P
   THE SPECIFICATIONS MAY CHANGE AT ANY TIME WITHOUT NOTICE DUE TO NEW MATERIALS OR PRODUCT IMPROVEMENT
SML-LX0402DRC-TR LUMEX-SML-LX0402DRC-TR Datasheet
61Kb / 1P
   2mm x 3mm SURFACE MOUNT WITH REFLECTOR
SML-LX0402GC-TR LUMEX-SML-LX0402GC-TR Datasheet
61Kb / 1P
   1.0mm x 0.5mm SURFACE MOUNT LED
SML-LX0402GC-TR LUMEX-SML-LX0402GC-TR_17 Datasheet
75Kb / 1P
   1.00mm X 0.5mm Surface Mount Led
More results

Similar Description - SML-LX0303SIUPGUSB

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SML-LX5050SIUPGUSB LUMEX-SML-LX5050SIUPGUSB Datasheet
441Kb / 2P
   5(L)*5(W)*1.6(H)mm, SURFACE MOUNT TOP VIEW LED, AlGaInP RED / InGaN GREEN / InGaN BLUE, WATER CLEAR LENS, TAPE & REEL.
SML-LX5050SIUPGUBC LUMEX-SML-LX5050SIUPGUBC_17 Datasheet
443Kb / 2P
   5(L)*5(W)*1.3(H)mm, SML W / REFLECTOR, AlGaInP RED / InGaN GREEN / InGaN BLUE, WATER CLEAR LENS, TAPE & REEL.
SML-LX0606SISUGCTR LUMEX-SML-LX0606SISUGCTR Datasheet
461Kb / 2P
   1.6(L)*1.5(W)*0.7(H)mm, SURFACE MOUNT LED, AlInGap RED/AlInGaP GREEN BICOLOR LED, WATER CLEAR LENS, TAPE & REEL
SML-LX4014UWC-TR LUMEX-SML-LX4014UWC-TR_17 Datasheet
416Kb / 2P
   4.0(L)*1.4(W)*0.6(H)mm, COOL WHITE LED, InGaN/GAN, WATER CLEAR LENS, TAPE & REEL
SML-LXR851SGSIC-TR LUMEX-SML-LXR851SGSIC-TR Datasheet
439Kb / 2P
   1(L)*3(W)*2(H)mm, SURFACE MOUNT SIDE VIEW LED, GREEN / RED LED, WATER CLEAR LENS, TAPE & REEL
SML-LXT0805IW-TR LUMEX-SML-LXT0805IW-TR_17 Datasheet
579Kb / 2P
   2(L)*1.3(W)*0.8(H)mm, SURFACE MOUNT TOP VIEW LED, GaAsP RED, MILKY WHITE DIFFUSED, TAPE & REEL
SML-LXL1209SYC-ATR LUMEX-SML-LXL1209SYC-ATR Datasheet
622Kb / 3P
   3.2(L)*2.4(W)*2.5(H)mm, SURFACE MOUNT LED, 595 SUPER YELLOW LED, WATER CLEAR LENS, TAPE & REEL
SML-LX2835SISUGSBC LUMEX-SML-LX2835SISUGSBC_17 Datasheet
460Kb / 2P
   3.5(L)*2.7(W)*1.9(H)mm, SURFACE MOUNT TOP VIEW LED, AlGaInP RED / AlGaInP GREEN / GaN BLUE, WATER CLEAR LENS, TAPE & REEL.
SML-LX0201NWD-TR LUMEX-SML-LX0201NWD-TR Datasheet
441Kb / 2P
   0.65(L)*0.38(W)*0.36(H)mm, SURFACE MOUNT TOP VIEW LED, lnGaN NEUTRAL WHITE, YELLOW LENS, TAPE & REEL
SML-LX23SRC-TR LUMEX-SML-LX23SRC-TR_17 Datasheet
227Kb / 2P
   2(W)*3(L)*1.3(H)mm, SURFACE MOUNT WITH REFLECTOR, 655nm SUPER RED LED, WATER CLEAR LENS, TAPE AND REEL.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com