Electronic Components Datasheet Search |
|
595D336X9016C Datasheet(PDF) 1 Page - Vishay Siliconix |
|
595D336X9016C Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 24 page 595D www.vishay.com Vishay Sprague Revision: 21-Jun-17 1 Document Number: 40007 For technical questions, contact: tantalum@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated, Maximum CV PERFORMANCE CHARACTERISTICS www.vishay.com/doc?40194 Operating Temperature: -55 °C to +125 °C (above 85 °C, voltage derating is required) Capacitance Range: 0.1 μF to 1500 μF Capacitance Tolerance: ± 10 %, ± 20 % standard Voltage Rating: 4 VDC to 50 VDC FEATURES • Large capacitance rating range • Terminations: 100 % tin (2) standard, tin / lead available • 8 mm, 12 mm tape and reel packaging available per EIA 481 and reeling per IEC 60286-3. 7" [178 mm] standard. 13" [330 mm] available • Case code compatibility with EIA 535BAAC and CECC 30801 • All cases except R case are halogen-free • Material categorization: for definitions of compliance please see www.vishay.com/doc?99912 Note * This datasheet provides information about parts that are RoHS-compliant and / or parts that are non RoHS-compliant. For example, parts with lead (Pb) terminations are not RoHS-compliant. Please see the information / tables in this datasheet for details Note • Preferred tolerances and reel sizes are in bold. We reserve the right to substitute form-fit-function replacement products with higher voltage rating, tighter capacitance tolerance, lower ESR (e.g., 594D series), or increased reliability screening (T95 series) Note • The anode termination (D less B) will be a minimum of 0.010" [0.25 mm]. T case = 0.005" [0.13 mm] minimum Available Available Available Available ORDERING INFORMATION 595D 106 X0 010 A 2 T TYPE CAPACITANCE CAPACITANCE TOLERANCE DC VOLTAGE RATING AT +85 °C CASE CODE TERMINATION REEL SIZE AND PACKAGING This is expressed in pF. The first two digits are the significant figures. The third is the number of zeros to follow. X0 = ± 20 % X9 = ± 10 % This is expressed in V. To complete the three-digit block, zeros precede the voltage rating. A decimal point is indicated by an “R” (6R3 = 6.3 V). See Ratings and Case Codes table 2 = 100 % tin 4 = gold plated 8 = solder plated (60/40) Special order Tape and reel T = 7" [178 mm] reel W = 13" [330 mm] reel DIMENSIONS in inches [millimeters] CASE CODE L MAX. W H A B D REF. J MAX. T 0.087 [2.2] 0.045 ± 0.012 [1.1 ± 0.3] 0.045 ± 0.012 [1.1 ± 0.3] 0.016 ± 0.008 [0.4 ± 0.2] 0.042 ± 0.010 [1.07 ± 0.25] 0.063 [1.6] 0.004 [0.1] S 0.126 ± 0.012 [3.2 ± 0.3] 0.063 ± 0.012 [1.6 ± 0.3] 0.052 ± 0.012 [1.3 ± 0.3] 0.031 ± 0.012 [0.8 ± 0.3] 0.078 ± 0.012 [2.0 ± 0.3] 0.086 [2.2] 0.004 [0.1] A 0.146 [3.7] 0.072 ± 0.012 [1.8 ± 0.3] 0.056 ± 0.012 [1.4 ± 0.3] 0.031 ± 0.012 [0.8 ± 0.3] 0.085 ± 0.016 [2.2 ± 0.4] 0.115 [2.9] 0.004 [0.1] M 0.142 [3.6] 0.106 ± 0.012 [2.7 ± 0.3] 0.067 ± 0.012 [1.7 ± 0.3] 0.031 ± 0.012 [0.8 ± 0.3] 0.080 ± 0.012 [2.0 ± 0.3] 0.107 [2.7] 0.004 [0.1] B 0.158 [4.0] 0.110 + 0.012 / - 0.016 [2.8 + 0.3 / - 0.4] 0.075 + 0.012 / - 0.024 [1.9 + 0.3 / - 0.6] 0.031 ± 0.012 [0.8 ± 0.3] 0.097 ± 0.016 [2.5 ± 0.4] 0.138 [3.5] 0.004 [0.1] C 0.281 [7.1] 0.126 ± 0.012 [3.2 ± 0.3] 0.098 ± 0.012 [2.5 ± 0.3] 0.051 ± 0.012 [1.3 ± 0.3] 0.180 ± 0.024 [4.6 ± 0.6] 0.236 [6.0] 0.004 [0.1] G 0.221 [5.6] 0.144 ± 0.016 [3.66 ± 0.4] 0.087 max. [2.2 max.] 0.051 ± 0.012 [1.3 ± 0.3] 0.133 ± 0.016 [3.4 ± 0.4] 0.173 [4.4] 0.004 [0.1] D 0.293 [7.4] 0.170 + 0.012 / - 0.024 [4.3 + 0.3 / - 0.6] 0.110 ± 0.012 [2.8 ± 0.3] 0.051 ± 0.012 [1.3 ± 0.3] 0.180 ± 0.024 [4.6 ± 0.6] 0.253 [6.4] 0.004 [0.1] R 0.283 [7.2] 0.235 + 0.012 / - 0.024 [6.0 + 0.3 / - 0.6] 0.136 + 0.012 / - 0.016 [3.5 + 0.3 / - 0.4] 0.051 ± 0.012 [1.3 ± 0.3] 0.180 ± 0.024 [4.6 ± 0.6] 0.243 [6.2] 0.004 [0.1] W J J H MAX. MAX. Tantalum wire nib identifies anode (+) terminal L D MAX. REF. A B |
Similar Part No. - 595D336X9016C |
|
Similar Description - 595D336X9016C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |