Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE15A3273 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE15A3273
Description  TECHNICAL DATA SHEET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A3273 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE15A3273 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A3273 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A3273 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A3273 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A3273 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A3273 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE15A3273 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
TECHNICAL DATA SHEET
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
Values at +25 °C, sea level
Functional Block Diagram
PE15A3273
PE15A3273 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.5 dB NF, 14 dBm P1dB, 7 GHz to 17 GHz, Low Noise Broadband Amplifier, 22 dB Gain,
SMA PE15A3273
2.5 dB NF, 14 dBm P1dB, 7 GHz to 17 GHz, Low
Noise Broadband Amplifier, 22 dB Gain, SMA


Similar Part No. - PE15A3273

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
   TECHNICAL DATA SHEET
PE15A3271 PASTERNACK-PE15A3271 Datasheet
510Kb / 8P
   TECHNICAL DATA SHEET
PE15A3272 PASTERNACK-PE15A3272 Datasheet
509Kb / 8P
   TECHNICAL DATA SHEET
PE15A3274 PASTERNACK-PE15A3274 Datasheet
462Kb / 7P
   TECHNICAL DATA SHEET
PE15A3275 PASTERNACK-PE15A3275 Datasheet
479Kb / 7P
   TECHNICAL DATA SHEET
More results

Similar Description - PE15A3273

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
   TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
   TECHNICAL DATA SHEET
PE-020SR PASTERNACK-PE-020SR Datasheet
305Kb / 3P
   TECHNICAL DATA SHEET
PE70A5005 PASTERNACK-PE70A5005 Datasheet
560Kb / 6P
   TECHNICAL DATA SHEET
PE70A5011 PASTERNACK-PE70A5011 Datasheet
561Kb / 6P
   TECHNICAL DATA SHEET
PE70A5012 PASTERNACK-PE70A5012 Datasheet
557Kb / 6P
   TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
   TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
   TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
   TECHNICAL DATA SHEET
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
   TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
   TECHNICAL DATA SHEET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com