Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDS108A Datasheet(PDF) 11 Page - Zarlink Semiconductor Inc

Part # MDS108A
Description  Unmanaged 9-Port 10/100 Mbps Ethernet Switch
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MDS108A Datasheet(HTML) 11 Page - Zarlink Semiconductor Inc

Back Button MDS108A Datasheet HTML 7Page - Zarlink Semiconductor Inc MDS108A Datasheet HTML 8Page - Zarlink Semiconductor Inc MDS108A Datasheet HTML 9Page - Zarlink Semiconductor Inc MDS108A Datasheet HTML 10Page - Zarlink Semiconductor Inc MDS108A Datasheet HTML 11Page - Zarlink Semiconductor Inc MDS108A Datasheet HTML 12Page - Zarlink Semiconductor Inc MDS108A Datasheet HTML 13Page - Zarlink Semiconductor Inc MDS108A Datasheet HTML 14Page - Zarlink Semiconductor Inc MDS108A Datasheet HTML 15Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
MDS108
Data Sheet
11
Zarlink Semiconductor Inc.
4.0
Buffer Management
The MDS108 stores each input packet into the external frame buffer memory while determining the destination the
packet is to be forwarded to. The total number of packets that can be stored in the frame buffer memory depends
upon the size of the external SBRAM that is utilized. For a 256 KB SBRAM, the MDS108 can buffer 170 packets.
For a 512 KB SBRAM, the MDS108 can buffer 340 packets.
In order to provide good quality of service characteristics, the MDS108 must carefully allocate the available buffer
space. Such careful allocation can be accomplished using the external EEPROM to load the appropriate values into
the MDS108 configuration registers. The Low-Drop Precedence Buffer Threshold (LPBT) register assures that
traffic designated as low-drop actually receives reserved buffer space. The designer can set the minimum number
of buffers reserved for low-drop unicast traffic, by setting this register with a value between 0 and 255. Unreserved
buffers are treated as shared, and are accessible to all types of incoming traffic.
To set the maximum number of buffers permitted for all multicast packets, use the Multicast Buffer Control Register
(MBCR). Unlike the LPBT register, the MBCR register does not define a reserved area of buffer memory, but
instead provides a bound on the number of multicast packets that can be buffered at any one time.
During operation, the MDS108 will continuously monitor the amount of frame buffer memory that is available, and
when the unused buffer space falls below a designer configurable threshold, the MDS108 will initiate flow control if
enabled or WRED if not. This threshold is set using the FCB Buffer Low Threshold (FCBST) register.
5.0
Virtual LANs
The MDS108 provides the designer the ability to define a single port-based Virtual LAN (VLAN) for each of the nine
ports. This VLAN is individually defined for each port using the Port Control Registers (ECR1Px[6:4]). Bits [6:4]
allow the designer to define a VLAN ID (value between 0 – 7) for each port.
When packets arrive at an input of the MDS108, the search engine will determine the VLAN ID for that port, and
then determine which of the other ports are also members of that VLAN by matching their assigned VLAN ID
values. The packet will then be transmitted to each port with the same VLAN ID as the source port.
6.0
Port Trunking
Port trunking allows the designer to configure the MDS108, such that ports 0 and 1 are defined as a single logical
port. This provides a 200 Mbps link to a switch or server utilizing two 100 Mbps ports in parallel.
Ports 0 and 1 can be trunked by pulling the TRUNK_EN pin to the high state. In this mode, the source MAC
addresses of all packets received from the trunk are checked against the MCT database to ensure that they have a
port ID of 0 or 1. Packets that have a port ID other than 0 and 1 will cause the MDS108 to learn the new MAC
address for this port change.
On transmission, the trunk port is determined by hashing the source and destination MAC addresses. This provides
a mapping between each MAC address and an associated trunk port. Subsequent packets with the same MAC
address will always utilize the same trunk port.
The MDS108 also provides a safe fail-over mode for port trunking. If one of the two ports goes down, as identified
by the port’s link status signal, then the MDS108 will switch all traffic over to the remaining port in the trunk. Thus,
the trunk link is maintained, albeit at a lower effective bandwidth.


Similar Part No. - MDS108A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDS10 ETC-MDS10 Datasheet
73Kb / 2P
   Dew sensor
logo
Yangzhou yangjie electr...
MDS100 YANGJIE-MDS100 Datasheet
77Kb / 3P
   Three Phase Rectifier Bridge
logo
Nanjing International G...
MDS100 DGNJDZ-MDS100 Datasheet
478Kb / 2P
   Glass Passivated Three Phase Rectifier Bridge
logo
Naina Semiconductor ltd...
MDS100 NAINA-MDS100 Datasheet
275Kb / 2P
   Three Phase Bridge Rectifier, 100 Amps
logo
Insel Rectifier India P...
MDS100 IRI-MDS100 Datasheet
841Kb / 3P
   THREE PHASE BRIDGE MODULE
More results

Similar Description - MDS108A

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MVTX2601 ZARLINK-MVTX2601 Datasheet
686Kb / 91P
   Unmanaged 24-Port 10/100 Mbps Ethernet Switch
MDS105 ZARLINK-MDS105 Datasheet
307Kb / 35P
   Unmanaged 5-Port 10/100 Mbps Ethernet Switch
ZL50400 ZARLINK-ZL50400 Datasheet
737Kb / 124P
   Lightly Managed/Unmanaged 9-Port 10/100 M Ethernet Switch
logo
Black Box Registered Tr...
SW-108 BLACKBOX-SW-108 Datasheet
1Mb / 4P
   8 Port Unmanaged Ethernet Switch 10/100
SW-104 BLACKBOX-SW-104 Datasheet
1Mb / 4P
   4 Port Unmanaged Ethernet Switch 10/100
SW-105 BLACKBOX-SW-105 Datasheet
1Mb / 4P
   5 Port Unmanaged Ethernet Switch 10/100
logo
Tripp Lite. All Rights ...
NFI-U08-2 TRIPPLITE-NFI-U08-2 Datasheet
172Kb / 3P
   8-Port Unmanaged Industrial Ethernet Switch - 10/100 Mbps, Ruggedized, DIN Mount
logo
Zarlink Semiconductor I...
MVTX2803 ZARLINK-MVTX2803 Datasheet
1Mb / 127P
   Unmanaged 8-Port 1000 Mbps Ethernet Switch
MVTX2801 ZARLINK-MVTX2801 Datasheet
1Mb / 106P
   Unmanaged 4-Port 1000 Mbps Ethernet Switch
logo
List of Unclassifed Man...
BS-2108U ETC2-BS-2108U Datasheet
414Kb / 2P
   8-port Unmanaged Layer 2 100/10 Mbps Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com