Electronic Components Datasheet Search |
|
LB25SGW01-5FJF Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
LB25SGW01-5FJF Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd. |
1 / 20 page Series LB Standard Size Pushbuttons D48 D www.nkkswitches.com General Specifications Electrical Capacity (Resistive Load) Power Level (silver): 3A @ 125V AC or 3A @ 250V AC or 3A @ 30V DC Logic Level (gold): 0.4VA maximum @ 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V) Note: Find additional explanation of operating range in Supplement section. Other Ratings Contact Resistance: 50 milliohms maximum for silver; 100 milliohms maximum for gold Insulation Resistance: 200 megohms minimum @ 500V DC Dielectric Strength: 1,000V AC minimum between contacts for 1 minute minimum; 1,500V AC minimum between contacts & case for 1 minute minimum Mechanical Life: 1,000,000 operations minimum for momentary circuit 200,000 operations minimum for maintained circuit Electrical Life: 100,000 operations minimum Nominal Operating Force: 4.41N Contact Timing: Nonshorting (break-before-make) Travel: Pretravel .059” (1.5mm); Overtravel .059” (1.5mm); Total Travel .118” (3.0mm) Materials & Finishes Housing: Glass fiber reinforced polyamide (UL94V-0) Snap-in Frame: Stainless steel Movable Contact: Silver alloy or copper with gold plating Stationary Contacts: Silver alloy or copper with gold plating Base: Liquid crystal polymer (UL94V-0) Switch Terminals: Phosphor bronze with silver or gold plating Lamp Terminals: Brass with silver plating Environmental Data Operating Temperature Range: –25°C through +50°C (–13°F through +122°F) for Illuminated –25°C through +70°C (–13°F through +158°F) for Nonilluminated Note: When used with a polyvinyl chloride splash cover, the lowest limit is 0°C (32°F) Humidity: 90 ~ 95% humidity for 96 hours @ 40°C (104°F) Vibration: 10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning in 1 minute; 3 right angled directions for 2 hours Shock: 50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction) Sealing: Not available for snap-in; see next section for panel seal. Installation Cap Installation Force: 3.92N maximum downward force on cap Quick Connect Force: 52.95N maximum downward force on connector Soldering Time & Temperature: Manual Soldering: See Profile A in Supplement section. Standards & Certifications Flammability Standards: UL94V-0 housing & base UL: File No. E44145 - Recognized only when ordered with marking on switch. Add “/U” or “/CUL” before first dash in part number to order UL recognized switch. All models recognized at 3A @ 125V or 250V AC or 0.4VA @ 28V AC/DC maximum. CSA: File No. 023535_0_000 - Certified only when ordered with marking on switch. Add “/C” before first dash in part number to order CSA certified switch. All models certified at 3A @ 125V or 250V AC or 0.4VA @ 28V AC/DC maximum. |
Similar Part No. - LB25SGW01-5FJF |
|
Similar Description - LB25SGW01-5FJF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |