Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT3171B Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # MT3171B
Description  Wide Dynamic Range DTMF Receiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT3171B Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  MT3171B Datasheet HTML 1Page - Zarlink Semiconductor Inc MT3171B Datasheet HTML 2Page - Zarlink Semiconductor Inc MT3171B Datasheet HTML 3Page - Zarlink Semiconductor Inc MT3171B Datasheet HTML 4Page - Zarlink Semiconductor Inc MT3171B Datasheet HTML 5Page - Zarlink Semiconductor Inc MT3171B Datasheet HTML 6Page - Zarlink Semiconductor Inc MT3171B Datasheet HTML 7Page - Zarlink Semiconductor Inc MT3171B Datasheet HTML 8Page - Zarlink Semiconductor Inc MT3171B Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MT3170B/71B, MT3270B/71B, MT3370B/71B
Data Sheet
4
Zarlink Semiconductor Inc.
AGC is activated to prevent the input signal from being clipped. At low input level, the AGC remains inactive and the
input signal is passed directly to the hardware DTMF detection algorithm and to the energy detection circuit.
Filter and Decoder Section
The signal entering the DTMF detection circuitry is filtered by a notch filter at 350 and 440 Hz for dial tone rejection.
The composite dual-tone signal is further split into its individual high and low frequency components by two 6th
order switched capacitor bandpass filters. The high group and low group tones are then smoothed by separate
output filters and squared by high gain limiting comparators. The resulting squarewave signals are applied to a
digital detection circuit where an averaging algorithm is employed to determine the valid DTMF signal. For
MT3x70B, upon recognition of a valid frequency from each tone group, the early steering (ESt) output will go high,
indicating that a DTMF tone has been detected. Any subsequent loss of DTMF signal condition will cause the ESt
pin to go low. For MT3x71B, an internal delayed steering counter validates the early steering signal after a
predetermined guard time which requires no external components. The delayed steering (DStD) will go high only
when the validation period has elapsed. Once the DStD output is high, the subsequent loss of early steering signal
due to DTMF signal dropout will activate the internal counter for a validation of tone absent guard time. The DStD
output will go low only after this validation period.
Energy Detection
The output signal from the AGC circuit is also applied to the energy detection circuit. The detection circuit consists
of a threshold comparator and an active integrator. When the signal level is above the threshold of the internal
comparator (-35dBm), the energy detector produces an energy present indication on the SD output. The integrator
ensures the SD output will remain at high even though the input signal is changing. When the input signal is
removed, the SD output will go low following the integrator decay time. Short decay time enables the signal
envelope (or cadence) to be generated at the SD output. An external microcontroller can monitor this output for
specific call progress signals. Since presence of speech and DTMF signals (above the threshold limit) can cause
the SD output to toggle, both ESt (DStD) and SD outputs should be monitored to ensure correct signal identification.
As the energy detector is multiplexed with the digital serial data output at the SD pin, the detector output is selected
at all times except during the time between the rising edge of the first pulse and the falling edge of the fourth pulse
applied at the ACK pin.
Serial Data (SD) Output
When a valid DTMF signal burst is present, ESt or DStD will go high. The application of four clock pulses on the
ACK pin will provide a 4-bit serial binary code representing the decoded DTMF digit on the SD pin output. The rising
edge of the first pulse applied on the ACK pin latches and shifts the least significant bit of the decoded digit on the
SD pin. The next three pulses on ACK pin will shift the remaining latched bits in a serial format (see Figure 5). If less
than four pulses are applied to the ACK pin, new data cannot be latched even though ESt/DStD can be valid. Clock
pulses should be applied to clock out any remaining data bits to resume normal operation. Any transitions in excess
of four pulses will be ignored until the next rising edge of the ESt/DStD. ACK should idle at logic low. The 4-bit
binary representing all 16 standard DTMF digits are shown in Table 1.
FLOW
FHIGH
DIGIT
b3
b2
b1
b0
697
1209
1
0
0
0
1
697
1336
2
0
0
1
0
697
1477
3
0
0
1
1
770
1209
4
0
1
0
0
770
1336
5
0
1
0
1
770
1477
6
0
1
1
0
852
1209
7
0
1
1
1


Similar Part No. - MT3171B

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT3170 MITEL-MT3170 Datasheet
91Kb / 8P
   Wide Dynamic Range DTMF Receiver
MT3170B MITEL-MT3170B Datasheet
91Kb / 8P
   Wide Dynamic Range DTMF Receiver
MT3170BE MITEL-MT3170BE Datasheet
91Kb / 8P
   Wide Dynamic Range DTMF Receiver
logo
Marktech Corporate
MT3173-Y MARKTECH-MT3173-Y Datasheet
35Kb / 1P
   Marktech Rectangular Reflector Cap LEDs
More results

Similar Description - MT3171B

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT3170B MITEL-MT3170B Datasheet
91Kb / 8P
   Wide Dynamic Range DTMF Receiver
logo
Zarlink Semiconductor I...
ZL49010 ZARLINK-ZL49010 Datasheet
353Kb / 14P
   Wide Dynamic Range DTMF Receiver
ZL49010 ZARLINK-ZL49010_07 Datasheet
423Kb / 15P
   Wide Dynamic Range DTMF Receiver
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
   DTMF Receiver?
logo
List of Unclassifed Man...
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
   DTMF RECEIVER
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_02 Datasheet
187Kb / 13P
   DTMF Receiver
logo
A1 PROs co., Ltd.
AH233TS A1PROS-AH233TS Datasheet
169Kb / 2P
   WDR Wide Dynamic Range
logo
List of Unclassifed Man...
M-8870 ETC2-M-8870 Datasheet
255Kb / 8P
   DTMF Receiver
logo
ELAN Microelectronics C...
HM9270C EMC-HM9270C Datasheet
66Kb / 10P
   DTMF RECEIVER
logo
List of Unclassifed Man...
MS8870 ETC-MS8870 Datasheet
138Kb / 8P
   DTMF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com