Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F1122IDW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F1122IDW
Description  MIXED SIGNAL MICROCONTROLLER
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F1122IDW Datasheet(HTML) 1 Page - Texas Instruments

  MSP430F1122IDW Datasheet HTML 1Page - Texas Instruments MSP430F1122IDW Datasheet HTML 2Page - Texas Instruments MSP430F1122IDW Datasheet HTML 3Page - Texas Instruments MSP430F1122IDW Datasheet HTML 4Page - Texas Instruments MSP430F1122IDW Datasheet HTML 5Page - Texas Instruments MSP430F1122IDW Datasheet HTML 6Page - Texas Instruments MSP430F1122IDW Datasheet HTML 7Page - Texas Instruments MSP430F1122IDW Datasheet HTML 8Page - Texas Instruments MSP430F1122IDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
MSP430x11x2, MSP430x12x2
MIXED SIGNAL MICROCONTROLLER
SLAS361D − JANUARY 2002 − REVISED AUGUST 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Low Supply Voltage Range 1.8 V to 3.6 V
D Ultralow-Power Consumption:
− Active Mode: 200
µA at 1 MHz, 2.2 V
− Standby Mode: 0.7
µA
− Off Mode (RAM Retention): 0.1
µA
D Five Power Saving Modes
D Wake-Up From Standby Mode in less
than 6
µs
D 16-Bit RISC Architecture, 125 ns
Instruction Cycle Time
D Basic Clock Module Configurations:
− Various Internal Resistors
− Single External Resistor
− 32-kHz Crystal
− High Frequency Crystal
− Resonator
− External Clock Source
D 16-Bit Timer_A With Three
Capture/Compare Registers
D 10-Bit, 200-ksps A/D Converter With
Internal Reference, Sample-and-Hold,
Autoscan, and Data Transfer Controller
D Serial Communication Interface (USART0)
With Software-Selectable Asynchronous
UART or Synchronous SPI
(MSP430x12x2 Only)
D Serial Onboard Programming,
No External Programming Voltage Needed
Programmable Code Protection by
Security Fuse
D Supply Voltage Brownout Protection
D MSP430x11x2 Family Members Include:
MSP430F1122: 4KB + 256B Flash Memory
256B RAM
MSP430F1132: 8KB + 256B Flash Memory
256B RAM
Available in 20-Pin Plastic SOWB, 20-Pin
Plastic TSSOP and 32-Pin QFN Packages
D MSP430x12x2 Family Members Include:
MSP430F1222: 4KB + 256B Flash Memory
256B RAM
MSP430F1232: 8KB + 256B Flash Memory
256B RAM
Available in 28-Pin Plastic SOWB, 28-Pin
Plastic TSSOP, and 32-Pin QFN Packages
D For Complete Module Descriptions, See the
MSP430x1xx Family User’s Guide,
Literature Number SLAU049
description
The Texas Instruments MSP430 family of ultralow-power microcontrollers consist of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low power
modes is optimized to achieve extended battery life in portable measurement applications. The device features
a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that attribute to maximum code efficiency.
The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less than 6
µs.
The MSP430x11x2 and MSP430x12x2 series are ultralow-power mixed signal microcontrollers with a built-in
16-bit timer, 10-bit A/D converter with integrated reference and data transfer controller (DTC) and fourteen or
twenty-two I/O pins. In addition, the MSP430x12x2 series microcontrollers have built-in communication
capability using asynchronous (UART) and synchronous (SPI) protocols.
Digital signal processing with the 16-bit RISC performance enables effective system solutions such as glass
breakage detection with signal analysis (including wave digital filter algorithm). Another area of application is
in stand-alone RF sensors.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2002 − 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - MSP430F1122IDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F1122IDW TI-MSP430F1122IDW Datasheet
935Kb / 48P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F1122IDW TI-MSP430F1122IDW Datasheet
1Mb / 49P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F1122IDW TI-MSP430F1122IDW Datasheet
1Mb / 52P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F1122IDW TI1-MSP430F1122IDW Datasheet
1Mb / 57P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F1122IDW TI1-MSP430F1122IDW Datasheet
895Kb / 48P
[Old version datasheet]   MIXED SINGNAL MICROCONTROLLER
More results

Similar Description - MSP430F1122IDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com