Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT3270B Datasheet(PDF) 6 Page - Zarlink Semiconductor Inc

Part # MT3270B
Description  Wide Dynamic Range DTMF Receiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT3270B Datasheet(HTML) 6 Page - Zarlink Semiconductor Inc

Back Button MT3270B Datasheet HTML 2Page - Zarlink Semiconductor Inc MT3270B Datasheet HTML 3Page - Zarlink Semiconductor Inc MT3270B Datasheet HTML 4Page - Zarlink Semiconductor Inc MT3270B Datasheet HTML 5Page - Zarlink Semiconductor Inc MT3270B Datasheet HTML 6Page - Zarlink Semiconductor Inc MT3270B Datasheet HTML 7Page - Zarlink Semiconductor Inc MT3270B Datasheet HTML 8Page - Zarlink Semiconductor Inc MT3270B Datasheet HTML 9Page - Zarlink Semiconductor Inc MT3270B Datasheet HTML 10Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MT3170B/71B, MT3270B/71B, MT3370B/71B
Data Sheet
6
Zarlink Semiconductor Inc.
Table 4 - Recommended Resonator and Crystal Specifications
Note:
Qm=quality factor of RLC model, i.e., 1/2P¶R1C1.
Resonator and Crystal Electric Equivalent Circuit
Oscillator
The MT327xB/337xB can be used in both external clock or two pin oscillator mode. In two pin oscillator mode, the
oscillator circuit is completed by connecting either a 4.194304 MHz crystal or ceramic resonator across OSC1 and
OSC2 pins. Specifications of the ceramic resonator and crystal are tabulated in Table 4. It is also possible to
configure a number of these devices employing only a single oscillator crystal. The OSC2 output of the first device
in the chain is connected to the OSC1 input of the next device. Subsequent devices are connected similarly. The
oscillator circuit can also be driven by an 4.194304 MHz external clock applied on pin OSC 1. The OSC2 pin should
be left open.
For MT317xB devices, the CLK input is driven directly by an 4.194304 MHz external digital clock.
Applications
The circuit shown in Figure 3 illustrates the use of a MT327xB in a typical receiver application. It requires only a
coupling capacitor (C1) and a crystal or ceramic resonator (X1) to complete the circuit.
The MT3x70B is designed for user who wishes to tailor the guard time for specific applications. When a DTMF
signal is present, the ESt pin will go high. An external microcontroller monitors ESt in real time for a period of time
set by the user. A guard time algorithm must be implemented such that DTMF signals not meeting the timing
requirements are rejected. The MT3x71B uses an internal counter to provide a preset DTMF validation period. It
requires no external components. The DStD output high indicates that a valid DTMF digit has been detected.
The 4.194304 MHz frequency has a secondary advantage in some applications where a real time clock is required.
A 22-bit counter will count 4,194,304 cycles to provide a one second time base.
Parameter
Unit
Resonator
Crystal
R1
Ohms
6.580
150
L1
mH
0.359
95.355
C1
pF
4.441
15.1E-03
C0
pF
34.890
12.0
Qm
-
1.299E+03
101.2E+ 03
∆f
%
±0.2%
±0.01%
R1 = Equivalent resistor.
L1 = Equivalent inductance.
C1 = Equivalent compliance.
C0 = Capacitance between electrode.
L1
C1
R1
C0


Similar Part No. - MT3270B

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT3270 MITEL-MT3270 Datasheet
91Kb / 8P
   Wide Dynamic Range DTMF Receiver
More results

Similar Description - MT3270B

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT3170B MITEL-MT3170B Datasheet
91Kb / 8P
   Wide Dynamic Range DTMF Receiver
logo
Zarlink Semiconductor I...
ZL49010 ZARLINK-ZL49010 Datasheet
353Kb / 14P
   Wide Dynamic Range DTMF Receiver
ZL49010 ZARLINK-ZL49010_07 Datasheet
423Kb / 15P
   Wide Dynamic Range DTMF Receiver
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
   DTMF Receiver?
logo
List of Unclassifed Man...
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
   DTMF RECEIVER
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_02 Datasheet
187Kb / 13P
   DTMF Receiver
logo
A1 PROs co., Ltd.
AH233TS A1PROS-AH233TS Datasheet
169Kb / 2P
   WDR Wide Dynamic Range
logo
List of Unclassifed Man...
M-8870 ETC2-M-8870 Datasheet
255Kb / 8P
   DTMF Receiver
logo
ELAN Microelectronics C...
HM9270C EMC-HM9270C Datasheet
66Kb / 10P
   DTMF RECEIVER
logo
List of Unclassifed Man...
MS8870 ETC-MS8870 Datasheet
138Kb / 8P
   DTMF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com