Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT3370B Datasheet(PDF) 10 Page - Zarlink Semiconductor Inc

Part # MT3370B
Description  Wide Dynamic Range DTMF Receiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT3370B Datasheet(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button MT3370B Datasheet HTML 6Page - Zarlink Semiconductor Inc MT3370B Datasheet HTML 7Page - Zarlink Semiconductor Inc MT3370B Datasheet HTML 8Page - Zarlink Semiconductor Inc MT3370B Datasheet HTML 9Page - Zarlink Semiconductor Inc MT3370B Datasheet HTML 10Page - Zarlink Semiconductor Inc MT3370B Datasheet HTML 11Page - Zarlink Semiconductor Inc MT3370B Datasheet HTML 12Page - Zarlink Semiconductor Inc MT3370B Datasheet HTML 13Page - Zarlink Semiconductor Inc MT3370B Datasheet HTML 14Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MT3170B/71B, MT3270B/71B, MT3370B/71B
Data Sheet
10
Zarlink Semiconductor Inc.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing
* Test Conditions
1. dBm refers to a reference power of 1 mW delivered into a 600 ohms load.
2. Data sequence consists of all DTMF digits.
3. Tone on = 40 ms, tone off = 40 ms.
4. Signal condition consists of nominal DTMF frequencies.
5. Both tones in composite signal have an equal amplitude.
6. Tone pair is deviated by
±1.5%± 2 Hz.
7. Bandwidth limited (0-3 kHz) Gaussian noise.
8. Precise dial tone frequencies are 350 Hz and 440 Hz (
± 2%).
9. Referenced to lowest level frequency component in DTMF signal.
10. Referenced to the minimum valid accept level.
11. Both tones must be within valid input signal range.
12. External guard time for MT3x70B = 20 ms.
13. Timing parameters are measured with 70pF load at SD output.
14. Time duration between PWDN pin changes from ‘1‘ to ‘0‘ and ESt/DStD becomes active.
15. Guaranteed by design and characterization. Not subject to production testing.
16. Value measured with an applied tone of 450 Hz.
18
Interdigit pause accept (DStD
logic output)
tID
40
ms
MT3x71B
19
Interdigit pause reject (DStD
logic output)
tDO
20
ms
MT3x71B
20
Data shift rate 40-60% duty cycle
fACK
1.0
3.0
MHz
13,15
21
Propagation delay
(ACK to Data Bit)
tPAD
100
140
ns
1MHz fACK,
13,15
22
Data hold time (ACK to SD)
tDH
30
50
ns
13,15
AC Electrical Characteristics - voltages are with respect to V
DD=5V±5%, VSS=0V and temperature -40 to +85°C unless otherwise
stated.
Characteristics
Sym.
Min.
Typ.
Max.
Units
Test Conditions*


Similar Part No. - MT3370B

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT3370 MITEL-MT3370 Datasheet
91Kb / 8P
   Wide Dynamic Range DTMF Receiver
More results

Similar Description - MT3370B

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT3170B MITEL-MT3170B Datasheet
91Kb / 8P
   Wide Dynamic Range DTMF Receiver
logo
Zarlink Semiconductor I...
ZL49010 ZARLINK-ZL49010 Datasheet
353Kb / 14P
   Wide Dynamic Range DTMF Receiver
ZL49010 ZARLINK-ZL49010_07 Datasheet
423Kb / 15P
   Wide Dynamic Range DTMF Receiver
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
   DTMF Receiver?
logo
List of Unclassifed Man...
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
   DTMF RECEIVER
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_02 Datasheet
187Kb / 13P
   DTMF Receiver
logo
A1 PROs co., Ltd.
AH233TS A1PROS-AH233TS Datasheet
169Kb / 2P
   WDR Wide Dynamic Range
logo
List of Unclassifed Man...
M-8870 ETC2-M-8870 Datasheet
255Kb / 8P
   DTMF Receiver
logo
ELAN Microelectronics C...
HM9270C EMC-HM9270C Datasheet
66Kb / 10P
   DTMF RECEIVER
logo
List of Unclassifed Man...
MS8870 ETC-MS8870 Datasheet
138Kb / 8P
   DTMF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com