Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1561DR2 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP1561DR2
Description  Push-Pull PWM Controller for 48 V Telecom Systems
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1561DR2 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP1561DR2 Datasheet HTML 5Page - ON Semiconductor NCP1561DR2 Datasheet HTML 6Page - ON Semiconductor NCP1561DR2 Datasheet HTML 7Page - ON Semiconductor NCP1561DR2 Datasheet HTML 8Page - ON Semiconductor NCP1561DR2 Datasheet HTML 9Page - ON Semiconductor NCP1561DR2 Datasheet HTML 10Page - ON Semiconductor NCP1561DR2 Datasheet HTML 11Page - ON Semiconductor NCP1561DR2 Datasheet HTML 12Page - ON Semiconductor NCP1561DR2 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
NCP1561
http://onsemi.com
9
TYPICAL CHARACTERISTICS
Figure 10. Operating Auxiliary Supply Current
versus Junction Temperature
Figure 11. Line Undervoltage Threshold
versus Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
−25
−50
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
125
100
75
50
25
0
−25
−50
1.30
1.35
1.40
1.45
1.50
1.70
Figure 12. Line Undervoltage Hysteresis versus
Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
150
125
100
25
0
−25
−50
70
80
90
100
110
120
140
Figure 13. Current Limit Thresholds versus
Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
−25
−50
0.90
0.95
1.00
1.05
1.10
1.15
1.25
1.30
150
150
1.55
1.60
1.65
130
150
1.20
75
50
fOSC = 250 kHz
CYCLE SKIP
CYCLE BY CYCLE
VAUX = 12 V
DC
[ 50%
fOSC = 150 kHz
fOSC = 100 kHz
Figure 14. Current Limit Propagation Delay
versus Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
−25
−50
70
75
80
85
90
95
115
120
150
100
105
110
VAUX = 12 V
Measured from VOH to 0.5 VOH
Figure 15. Oscillator Frequency versus
Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
−25
−50
75
100
125
150
175
200
300
150
225
250
275
RT = 148 kW
RT = 101 kW
RT = 50.6 kW


Similar Part No. - NCP1561DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP156 ONSEMI-NCP156 Datasheet
152Kb / 9P
   LDO Regulator - Dual, Camera Modules, Low Iq, Very Low Dropout, Ultra Low Noise 500 mA, 250 mA
September, 2019 ??Rev. 1
NCP1560 ONSEMI-NCP1560 Datasheet
122Kb / 18P
   Full Featured Voltage Mode PWM Controller
January, 2003 - Rev. 5
NCP1560 ONSEMI-NCP1560 Datasheet
523Kb / 20P
   Full Featured Voltage Mode PWM Controller
July, 2006 ??Rev. 7
NCP1560HDR2 ONSEMI-NCP1560HDR2 Datasheet
122Kb / 18P
   Full Featured Voltage Mode PWM Controller
January, 2003 - Rev. 5
NCP1560HDR2 ONSEMI-NCP1560HDR2 Datasheet
523Kb / 20P
   Full Featured Voltage Mode PWM Controller
July, 2006 ??Rev. 7
More results

Similar Description - NCP1561DR2

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC3808 MIC-MIC3808_11 Datasheet
150Kb / 11P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1_15 Datasheet
190Kb / 16P
   Push-Pull PWM Controller
logo
Linear Integrated Syste...
LTC3721-1 LINEAR-LTC3721-1 Datasheet
180Kb / 16P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1 Datasheet
184Kb / 16P
   Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3808 MICREL-MIC3808 Datasheet
145Kb / 11P
   Push-Pull PWM Controller
MIC3838 MICREL-MIC3838_05 Datasheet
196Kb / 11P
   Flexible Push-Pull PWM Controller
logo
MIC GROUP RECTIFIERS
MIC3838 MIC-MIC3838_11 Datasheet
197Kb / 11P
   Flexible Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3838 MICREL-MIC3838 Datasheet
341Kb / 11P
   Flexible Push-Pull PWM Controller
logo
ON Semiconductor
NCP1031MNTXG ONSEMI-NCP1031MNTXG Datasheet
444Kb / 19P
   Low Power PWM Controller with On--Chip Power Switch and Startup Circuits for 48 V Telecom Systems
December, 2010 -- Rev. 10
NCP1030 ONSEMI-NCP1030 Datasheet
142Kb / 18P
   Low Power PWM Controller with On-Chip Power Switch and Startup Circuits for 48 V Telecom Systems
December, 2010 -- Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com