Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1561DR2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1561DR2
Description  Push-Pull PWM Controller for 48 V Telecom Systems
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1561DR2 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1561DR2 Datasheet HTML 1Page - ON Semiconductor NCP1561DR2 Datasheet HTML 2Page - ON Semiconductor NCP1561DR2 Datasheet HTML 3Page - ON Semiconductor NCP1561DR2 Datasheet HTML 4Page - ON Semiconductor NCP1561DR2 Datasheet HTML 5Page - ON Semiconductor NCP1561DR2 Datasheet HTML 6Page - ON Semiconductor NCP1561DR2 Datasheet HTML 7Page - ON Semiconductor NCP1561DR2 Datasheet HTML 8Page - ON Semiconductor NCP1561DR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
NCP1561
http://onsemi.com
4
PIN DESCRIPTION
Pin
Name
Application Information
1
Vin
This pin is connected to the bulk DC input voltage supply. A constant current source supplies current from
this pin to the capacitor connected on the VAUX pin. The charge current is typically 13.0 mA. Input voltage
range is 21.5 V to 150 V.
2
UV
Input supply voltage is scaled down and sampled by means of a resistor divider. The supply voltage must be
scaled such that the voltage on the UV pin is 1.54 V at the minimum input voltage.
3
RAMP_OUT
Internal Feedforward (FF) Ramp Output. This signal can be externally routed to the RAMP_IN pin for
voltage−mode control operation.
4
FF
An external resistor between Vin and this pin adjusts the amplitude of the FF Ramp inversely proportional to
Vin. By varying the Feedforward Ramp amplitude in proportion to the input voltage, changes in loop
bandwidth resulting from Vin changes are eliminated.
5
CS
Overcurrent sense input. If the CS voltage exceeds 0.95 V or 1.15 V, the converter enters the Cycle by Cycle
or Cycle Skip current limit mode, respectively.
6
CSKIP
The capacitor connected to this pin sets the Cycle Skip period. Once a cycle skip fault is detected, the
capacitor connected to this pin is discharged. The capacitor is then charged with a constant current of 12
mA.
The cycle skip period expires, once the voltage on this capacitor reaches 2.0 V. A soft−start sequence follows
at the conclusion of the fault period.
7
RT
A single external resistor between this pin and GND sets the fixed oscillator frequency.
8
DCMAX
An external resistor between this pin and GND sets the voltage on the Max DC Comparator inverting input.
The duty cycle is limited by comparing the voltage on the Max DC Comparator inverting input to the
Feedforward Ramp.
9
SS
An internal 6.0
mA current source charges the external capacitor connected to this pin. The duty cycle is
limited during startup by comparing the voltage on this pin to the Oscillator Ramp. The soft−start comparator
limits the duty cycle while the SS voltage is below 2.0 V.
10
VEA
The error signal from an external error amplifier is fed into this input and compared to the Feedforward Ramp.
A series diode and resistor offset the voltage on this pin before it is applied to the PWM Comparator inverting
input.
11
VREF
Precision 5.0 V reference output. Maximum output current is 6.0 mA.
12
RAMP_IN
This pin configures the NCP1561 for voltage or current−mode control. The internal Feedforward Ramp
(voltage−mode) or a signal proportional to the inductor current (current−mode) is fed into this input and
compared to the signal in the VEA pin.
13
OUT2
Output 2.
14
GND
Control circuit ground.
15
OUT1
Output 1.
16
VAUX
Positive input supply voltage. This pin is connected to an external capacitor for energy storage. An internal
current source supplies current from Vin to this pin. Once the voltage on VAUX reaches approximately 10.3 V,
the current source turns OFF. It turns ON again once VAUX falls to 7 V. During normal operation, power is
supplied to the IC via this pin, by means of an auxiliary winding. The startup circuit is disabled if the voltage
on the VAUX pin exceeds 10.3 V.


Similar Part No. - NCP1561DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP156 ONSEMI-NCP156 Datasheet
152Kb / 9P
   LDO Regulator - Dual, Camera Modules, Low Iq, Very Low Dropout, Ultra Low Noise 500 mA, 250 mA
September, 2019 ??Rev. 1
NCP1560 ONSEMI-NCP1560 Datasheet
122Kb / 18P
   Full Featured Voltage Mode PWM Controller
January, 2003 - Rev. 5
NCP1560 ONSEMI-NCP1560 Datasheet
523Kb / 20P
   Full Featured Voltage Mode PWM Controller
July, 2006 ??Rev. 7
NCP1560HDR2 ONSEMI-NCP1560HDR2 Datasheet
122Kb / 18P
   Full Featured Voltage Mode PWM Controller
January, 2003 - Rev. 5
NCP1560HDR2 ONSEMI-NCP1560HDR2 Datasheet
523Kb / 20P
   Full Featured Voltage Mode PWM Controller
July, 2006 ??Rev. 7
More results

Similar Description - NCP1561DR2

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC3808 MIC-MIC3808_11 Datasheet
150Kb / 11P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1_15 Datasheet
190Kb / 16P
   Push-Pull PWM Controller
logo
Linear Integrated Syste...
LTC3721-1 LINEAR-LTC3721-1 Datasheet
180Kb / 16P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1 Datasheet
184Kb / 16P
   Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3808 MICREL-MIC3808 Datasheet
145Kb / 11P
   Push-Pull PWM Controller
MIC3838 MICREL-MIC3838_05 Datasheet
196Kb / 11P
   Flexible Push-Pull PWM Controller
logo
MIC GROUP RECTIFIERS
MIC3838 MIC-MIC3838_11 Datasheet
197Kb / 11P
   Flexible Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3838 MICREL-MIC3838 Datasheet
341Kb / 11P
   Flexible Push-Pull PWM Controller
logo
ON Semiconductor
NCP1031MNTXG ONSEMI-NCP1031MNTXG Datasheet
444Kb / 19P
   Low Power PWM Controller with On--Chip Power Switch and Startup Circuits for 48 V Telecom Systems
December, 2010 -- Rev. 10
NCP1030 ONSEMI-NCP1030 Datasheet
142Kb / 18P
   Low Power PWM Controller with On-Chip Power Switch and Startup Circuits for 48 V Telecom Systems
December, 2010 -- Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com