Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT3171BE Datasheet(PDF) 5 Page - Zarlink Semiconductor Inc

Part # MT3171BE
Description  Wide Dynamic Range DTMF Receiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT3171BE Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

  MT3171BE Datasheet HTML 1Page - Zarlink Semiconductor Inc MT3171BE Datasheet HTML 2Page - Zarlink Semiconductor Inc MT3171BE Datasheet HTML 3Page - Zarlink Semiconductor Inc MT3171BE Datasheet HTML 4Page - Zarlink Semiconductor Inc MT3171BE Datasheet HTML 5Page - Zarlink Semiconductor Inc MT3171BE Datasheet HTML 6Page - Zarlink Semiconductor Inc MT3171BE Datasheet HTML 7Page - Zarlink Semiconductor Inc MT3171BE Datasheet HTML 8Page - Zarlink Semiconductor Inc MT3171BE Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MT3170B/71B, MT3270B/71B, MT3370B/71B
Data Sheet
5
Zarlink Semiconductor Inc.
0= LOGIC LOW, 1= LOGIC HIGH
Table 1 - Serial Decode Bit Table
Note:
b0=LSB of decoded DTMF digit and shifted out first.
Powerdown Mode (MT317xB/337xB)
The MT317xB/337xB devices offer a powerdown function to preserve power consumption when the device is not in
use. A logic high can be applied at the PWDN pin to place the device in powerdown mode. The ACK pin should be
kept at logic low to avoid undefined ESt/DStD and SD outputs (see Table 2).
Table 2 - Powerdown Mode
+ =enters powerdown mode on the rising edge.
Table 3 - Call Progress Tones
852
1336
8
1
0
0
0
852
1477
9
1
0
0
1
941
1336
0
1
0
1
0
941
1209
*
1
0
1
1
941
1477
#
1
1
0
0
697
1633
A
1
1
0
1
770
1633
B
1
1
1
0
852
1633
C
1
1
1
1
941
1633
D
0
0
0
0
ACK (input)
PWDN (input)
ESt/DStD (output)
SD (output)
MT317xB/337xB
status
low
low
Refer to Fig. 4 for
timing waveforms
Refer to Fig. 4 for
timing waveforms
normal operation
low
high+
low
low
powerdown mode
high
low
low
undefined
undefined
high
high
undefined
undefined
undefined
Frequency 1 (Hz)
Frequency 2 (Hz)
On/Off
Description
350
440
continuous
North American Dial Tones
425
---
continuous
European Dial Tones
400
---
continuous
Far East Dial Tones
480
620
0.5s/0.5s
North American Line Busy
440
---
0.5s/0.5s
Japanese Line Busy
480
620
0.25s/0.25s
North American Reorder Tones
440
480
2.0s/4.0s
North American Audible Ringing
480
620
0.25s/0.25s
North American Reorder Tones
FLOW
FHIGH
DIGIT
b3
b2
b1
b0


Similar Part No. - MT3171BE

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT3170 MITEL-MT3170 Datasheet
91Kb / 8P
   Wide Dynamic Range DTMF Receiver
MT3170B MITEL-MT3170B Datasheet
91Kb / 8P
   Wide Dynamic Range DTMF Receiver
MT3170BE MITEL-MT3170BE Datasheet
91Kb / 8P
   Wide Dynamic Range DTMF Receiver
logo
Marktech Corporate
MT3173-Y MARKTECH-MT3173-Y Datasheet
35Kb / 1P
   Marktech Rectangular Reflector Cap LEDs
More results

Similar Description - MT3171BE

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT3170B MITEL-MT3170B Datasheet
91Kb / 8P
   Wide Dynamic Range DTMF Receiver
logo
Zarlink Semiconductor I...
ZL49010 ZARLINK-ZL49010 Datasheet
353Kb / 14P
   Wide Dynamic Range DTMF Receiver
ZL49010 ZARLINK-ZL49010_07 Datasheet
423Kb / 15P
   Wide Dynamic Range DTMF Receiver
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
   DTMF Receiver?
logo
List of Unclassifed Man...
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
   DTMF RECEIVER
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_02 Datasheet
187Kb / 13P
   DTMF Receiver
logo
A1 PROs co., Ltd.
AH233TS A1PROS-AH233TS Datasheet
169Kb / 2P
   WDR Wide Dynamic Range
logo
List of Unclassifed Man...
M-8870 ETC2-M-8870 Datasheet
255Kb / 8P
   DTMF Receiver
logo
ELAN Microelectronics C...
HM9270C EMC-HM9270C Datasheet
66Kb / 10P
   DTMF RECEIVER
logo
List of Unclassifed Man...
MS8870 ETC-MS8870 Datasheet
138Kb / 8P
   DTMF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com