Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT3270BE1 Datasheet(PDF) 9 Page - Zarlink Semiconductor Inc

Part # MT3270BE1
Description  Wide Dynamic Range DTMF Receiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT3270BE1 Datasheet(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button MT3270BE1 Datasheet HTML 5Page - Zarlink Semiconductor Inc MT3270BE1 Datasheet HTML 6Page - Zarlink Semiconductor Inc MT3270BE1 Datasheet HTML 7Page - Zarlink Semiconductor Inc MT3270BE1 Datasheet HTML 8Page - Zarlink Semiconductor Inc MT3270BE1 Datasheet HTML 9Page - Zarlink Semiconductor Inc MT3270BE1 Datasheet HTML 10Page - Zarlink Semiconductor Inc MT3270BE1 Datasheet HTML 11Page - Zarlink Semiconductor Inc MT3270BE1 Datasheet HTML 12Page - Zarlink Semiconductor Inc MT3270BE1 Datasheet HTML 13Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MT3170B/71B, MT3270B/71B, MT3370B/71B
Data Sheet
9
Zarlink Semiconductor Inc.
AC Electrical Characteristics - voltages are with respect to V
DD=5V±5%, VSS=0V and temperature -40 to +85°C unless otherwise
stated.
Characteristics
Sym.
Min.
Typ.
Max.
Units
Test Conditions*
1
Valid input signal level
(each tone of composite signal)
-50
2.45
0
775
dBm
mVRMS
1,2,3,5,6,12
2
Positive twist accept
8
dB
1,2,3,4,11,12,15
3
Negative twist accept
8
dB
1,2,3,4,11,12,15
4
Frequency deviation accept
±1.5%± 2Hz
1,2,3,5,12
5
Frequency deviation reject
±3.5%
1,2,3,5,12,15
6
Third tone tolerance
-16
dB
1,2,3,4,5,12
7
Noise tolerance
-12
dB
7,9,12
8
Dial tone tolerance
+15
dB
8,10,12
9
Supervisory tones detect level
(Total power)
-35
dBm
16
10
Supervisory tones reject level
-50
dBm
16
11
Energy detector attack time
tSA
1.0
6.5
ms
16
12
Energy detector decay time
tSD
325
ms
16
13a
13b
Powerdown time
Powerup time
10
30
50
ms
ms
ms
IDDQ 100
µA
MT3170B/3370B
MT3171B/3371B
Note 14
14
Tone present detect time (ESt
logic output)
tDP
3
13
20
ms
MT3x70B
15
Tone absent detect time (ESt
logic output)
tDA
3
15
ms
MT3x70B
16
Tone duration accept
(DStD logic output)
tREC
40
ms
MT3x71B
17
Tone duration reject
(DStD logic output)
tREC
20
ms
MT3x71B


Similar Part No. - MT3270BE1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT3270 MITEL-MT3270 Datasheet
91Kb / 8P
   Wide Dynamic Range DTMF Receiver
More results

Similar Description - MT3270BE1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT3170B MITEL-MT3170B Datasheet
91Kb / 8P
   Wide Dynamic Range DTMF Receiver
logo
Zarlink Semiconductor I...
ZL49010 ZARLINK-ZL49010 Datasheet
353Kb / 14P
   Wide Dynamic Range DTMF Receiver
ZL49010 ZARLINK-ZL49010_07 Datasheet
423Kb / 15P
   Wide Dynamic Range DTMF Receiver
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
   DTMF Receiver?
logo
List of Unclassifed Man...
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
   DTMF RECEIVER
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_02 Datasheet
187Kb / 13P
   DTMF Receiver
logo
A1 PROs co., Ltd.
AH233TS A1PROS-AH233TS Datasheet
169Kb / 2P
   WDR Wide Dynamic Range
logo
List of Unclassifed Man...
M-8870 ETC2-M-8870 Datasheet
255Kb / 8P
   DTMF Receiver
logo
ELAN Microelectronics C...
HM9270C EMC-HM9270C Datasheet
66Kb / 10P
   DTMF RECEIVER
logo
List of Unclassifed Man...
MS8870 ETC-MS8870 Datasheet
138Kb / 8P
   DTMF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com