Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7380 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN7380
Description  Half-Bridge Gate Driver (SOURCING/SINKING : 90mA/180mA)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7380 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN7380 Datasheet HTML 1Page - Fairchild Semiconductor FAN7380 Datasheet HTML 2Page - Fairchild Semiconductor FAN7380 Datasheet HTML 3Page - Fairchild Semiconductor FAN7380 Datasheet HTML 4Page - Fairchild Semiconductor FAN7380 Datasheet HTML 5Page - Fairchild Semiconductor FAN7380 Datasheet HTML 6Page - Fairchild Semiconductor FAN7380 Datasheet HTML 7Page - Fairchild Semiconductor FAN7380 Datasheet HTML 8Page - Fairchild Semiconductor FAN7380 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0
Features
• Floating Channel Designed For Bootstrapping Operation
To +600V
• Typically 90mA/180mA Sourcing/Sinking Current
Driving Capability For Both Channels
• Common-Mode dv/dt Noise Canceling Circuit
• Extended Allowable Negative VS Swing To -9.8V For
Signal Propagation @ VCC=VBS=15V
• VCC & VBS Supply Range From 10V To 20V
• UVLO Functions For Both Channels
• TTL Compatible Input Logic Threshold Levels
• Matched Propagation Delay Below 50nsec
• Built-in 100nsec Dead-Time Control Function
• Output In-Phase With Input
Typical Applications
• Fluorescent Lamp Ballast
• Compact Fluorescent Lamp Ballast
Description
The FAN7380 is a monolithic half-bridge gate driver IC for
MOSFETs and IGBTs, which operate up to +600V. Fair-
child’s high voltage process and common-mode noise can-
celing technique give stable operation of high-side driver
under high dv/dt noise circumstances. Advanced level shift
circuit allows high-side gate driver operation up to VS=-
9.8V(typ.) for VBS=15V. The input logic level is compatible
with standard TTL series logic gates. The internal shoot-
through protection circuit provides 100nsec dead-time to
prevent output switching devices from both conduction dur-
ing transition periods. UVLO circuits for both channels pre-
vent malfunction when VCC and VBS are lower than the
specified threshold voltage. Output drivers typically source/
sink 90mA/180mA, respectively, which is suitable for the
applications such as fluorescent/compact fluorescent lamp
ballast applications and the systems that require low di/dt
noise.
8SOIC
1
FAN7380
Half-Bridge Gate Driver
(SOURCING/SINKING : 90mA/180mA)
Internal Block Diagram
HO
LO
COM
VCC
HIN
LIN
5
6
7
VS
VB
DELAY
LEVEL
SHIFTER
NOISE
CANCELLER
1
4
2
8
3
PULSE
GENERATION
R
S
R
Q
UVLO
UVLO
LOW-SIDE DRIVER
HIGH-SIDE DRIVER


Similar Part No. - FAN7380

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7380 FAIRCHILD-FAN7380 Datasheet
438Kb / 13P
   Half-Bridge Gate Driver
logo
ON Semiconductor
FAN7380 ONSEMI-FAN7380 Datasheet
651Kb / 12P
   Half-Bridge Gate Driver
October-2017, Rev. 3
logo
Fairchild Semiconductor
FAN7380M FAIRCHILD-FAN7380M Datasheet
438Kb / 13P
   Half-Bridge Gate Driver
FAN7380MX FAIRCHILD-FAN7380MX Datasheet
438Kb / 13P
   Half-Bridge Gate Driver
logo
ON Semiconductor
FAN7380MX ONSEMI-FAN7380MX Datasheet
651Kb / 12P
   Half-Bridge Gate Driver
October-2017, Rev. 3
More results

Similar Description - FAN7380

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4103 MICREL-MIC4103_10 Datasheet
718Kb / 18P
   100V Half Bridge MOSFET Drivers 3/2A Sinking/Sourcing Current
MIC4103 MICREL-MIC4103 Datasheet
597Kb / 17P
   100V Half Bridge MOSFET Drivers 3/2A Sinking/Sourcing Current
logo
STMicroelectronics
L6393DTR STMICROELECTRONICS-L6393DTR Datasheet
390Kb / 19P
   Half-bridge gate driver
logo
Diodes Incorporated
DGD2184M DIODES-DGD2184M Datasheet
652Kb / 12P
   HALF BRIDGE GATE DRIVER
DGD21844M DIODES-DGD21844M Datasheet
637Kb / 12P
   HALF-BRIDGE GATE DRIVER
logo
Fairchild Semiconductor
FAN7380 FAIRCHILD-FAN7380_07 Datasheet
438Kb / 13P
   Half-Bridge Gate Driver
logo
Diodes Incorporated
DGD2003 DIODES-DGD2003 Datasheet
688Kb / 11P
   HALF-BRIDGE GATE DRIVER
logo
ON Semiconductor
FAN7080-GF085 ONSEMI-FAN7080-GF085 Datasheet
391Kb / 17P
   Half Bridge Gate Driver
September-2017, Rev.2
FAN7380 ONSEMI-FAN7380 Datasheet
651Kb / 12P
   Half-Bridge Gate Driver
October-2017, Rev. 3
FL73282 ONSEMI-FL73282 Datasheet
430Kb / 16P
   Half-Bridge Gate Driver
September 2015 Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com