Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K1S3216B1C-I Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K1S3216B1C-I
Description  2Mx16 bit Uni-Transistor Random Access Memory
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K1S3216B1C-I Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button K1S3216B1C-I Datasheet HTML 2Page - Samsung semiconductor K1S3216B1C-I Datasheet HTML 3Page - Samsung semiconductor K1S3216B1C-I Datasheet HTML 4Page - Samsung semiconductor K1S3216B1C-I Datasheet HTML 5Page - Samsung semiconductor K1S3216B1C-I Datasheet HTML 6Page - Samsung semiconductor K1S3216B1C-I Datasheet HTML 7Page - Samsung semiconductor K1S3216B1C-I Datasheet HTML 8Page - Samsung semiconductor K1S3216B1C-I Datasheet HTML 9Page - Samsung semiconductor K1S3216B1C-I Datasheet HTML 10Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Revision 0.1
June 2003
K1S3216B1C
- 6 -
UtRAM
Preliminary
AC OPERATING CONDITIONS
TEST CONDITIONS(Test Load and Test Input/Output Reference)
Input pulse level: 0.2 to Vcc-0.2V
Input rising and falling time: 5ns
Input and output reference voltage: 0.5 x VCC
Output load (See right): CL=50pF
CL
1. Including scope and jig capacitance
Dout
AC CHARACTERISTICS(Vcc=1.7~2.1V, TA=-40 to 85
°C)
1. tWP(min)=70ns for continuous write operation over 50 times.
Parameter List
Symbol
Speed Bins
Units
70ns
85ns
Min
Max
Min
Max
Read
Read Cycle Time
tRC
70
-
85
-
ns
Address Access Time
tAA
-
70
-
85
ns
Chip Select to Output
tCO
-
70
-
85
ns
Output Enable to Valid Output
tOE
-
35
-
40
ns
UB, LB Access Time
tBA
-
70
-
85
ns
Chip Select to Low-Z Output
tLZ
10
-
10
-
ns
UB, LB Enable to Low-Z Output
tBLZ
10
-
10
-
ns
Output Enable to Low-Z Output
tOLZ
5
-
5
-
ns
Chip Disable to High-Z Output
tHZ
0
25
0
25
ns
UB, LB Disable to High-Z Output
tBHZ
0
25
0
25
ns
Output Disable to High-Z Output
tOHZ
0
25
0
25
ns
Output Hold from Address Change
tOH
5
-
5
-
ns
Write
Write Cycle Time
tWC
70
-
85
-
ns
Chip Select to End of Write
tCW
60
-
70
-
ns
Address Set-up Time
tAS
0
-
0
-
ns
Address Valid to End of Write
tAW
60
-
70
-
ns
UB, LB Valid to End of Write
tBW
60
-
70
-
ns
Write Pulse Width
tWP
551)
-
601)
-
ns
Write Recovery Time
tWR
0
-
0
-
ns
Write to Output High-Z
tWHZ
0
25
0
25
ns
Data to Write Time Overlap
tDW
30
-
35
-
ns
Data Hold from Write Time
tDH
0
-
0
-
ns
End Write to Output Low-Z
tOW
5
-
5
-
ns


Similar Part No. - K1S3216B1C-I

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K1S3216BCD SAMSUNG-K1S3216BCD Datasheet
168Kb / 10P
   2Mx16 bit Page Mode Uni-Transistor Random Access Memory
More results

Similar Description - K1S3216B1C-I

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K1S321615M SAMSUNG-K1S321615M Datasheet
239Kb / 12P
   2Mx16 bit Uni-Transistor Random Access Memory
K1S321611C SAMSUNG-K1S321611C Datasheet
179Kb / 10P
   2Mx16 bit Uni-Transistor Random Access Memory
K1S3216BCD SAMSUNG-K1S3216BCD Datasheet
168Kb / 10P
   2Mx16 bit Page Mode Uni-Transistor Random Access Memory
K1S32161CC SAMSUNG-K1S32161CC Datasheet
185Kb / 10P
   2Mx16 bit Page Mode Uni-Transistor Random Access Memory
DS_K1S161611A SAMSUNG-DS_K1S161611A Datasheet
179Kb / 10P
   1Mx16 bit Uni-Transistor Random Access Memory
K1S1616B1A SAMSUNG-K1S1616B1A Datasheet
179Kb / 10P
   1Mx16 bit Uni-Transistor Random Access Memory
K1B6416B6C SAMSUNG-K1B6416B6C Datasheet
768Kb / 46P
   4Mx16 bit Synchronous Burst Uni-Transistor Random Access Memory
K1S16161CA SAMSUNG-K1S16161CA Datasheet
186Kb / 10P
   1Mx16 bit Page Mode Uni-Transistor Random Access Memory
K1S1616BCA SAMSUNG-K1S1616BCA Datasheet
186Kb / 10P
   1Mx16 bit Page Mode Uni-Transistor Random Access Memory
K1S2816BCM SAMSUNG-K1S2816BCM Datasheet
138Kb / 10P
   8Mx16 bit Page Mode Uni-Transistor Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com