Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91306RPFV Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB91306RPFV
Description  32-Bit Microcontroller
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91306RPFV Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB91306RPFV Datasheet HTML 2Page - Fujitsu Component Limited. MB91306RPFV Datasheet HTML 3Page - Fujitsu Component Limited. MB91306RPFV Datasheet HTML 4Page - Fujitsu Component Limited. MB91306RPFV Datasheet HTML 5Page - Fujitsu Component Limited. MB91306RPFV Datasheet HTML 6Page - Fujitsu Component Limited. MB91306RPFV Datasheet HTML 7Page - Fujitsu Component Limited. MB91306RPFV Datasheet HTML 8Page - Fujitsu Component Limited. MB91306RPFV Datasheet HTML 9Page - Fujitsu Component Limited. MB91306RPFV Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 96 page
background image
MB91307 Series
6
(Continued)
Pin no.
Pin name
I/O
circuit type
Description
27
SC0
F
UART0 clock output. The clock output is valid when the UART0 clock
output function setting is enabled.
PI2
General purpose input/output port. This function is valid when the
UART0 clock output function is disabled.
28
SI1
F
UART1 data input. When UART1 is set for input operation, this input is
in use at all times, so that output from other functions must be stopped
unless used intentionally.
PI3
General purpose input/output port.
29
SO1
F
UART1 data output. This function is enabled when the UART1 data out-
put function setting is enabled.
PI4
General purpose input/output port. This function is valid when the
UART1 data output function setting is disabled.
30
SC1
F
UART1 clock input/output. The clock output is enabled when the UART1
clock output function setting is enabled.
PI5
General purpose input/output port. This function is valid when the
UART1 clock output function setting is disabled.
31
SI2
F
UART2 data input. When UART2 is set for input operation, this input is
in use at all times, so that output from other functions must be stopped
unless used intentionally.
PH0
General purpose input/output port.
32
SO2
F
UART2 data output. This function is enabled when the UART2 data out-
put function setting is enabled.
PH1
General purpose input/output port This function is enabled when the
UART2 data output function setting is disabled.
33
SC2
F
UART2 clock input/output. The clock output is enabled when the UART2
clock output function setting is enabled.
PH2
General purpose input/output port This function is enabled when the
UART2 clock output function is disabled.
35
TOT0
C
Timer output port. This function is valid when the timer output setting is
enabled.
PH3
General purpose input/output port.This pin outputs an “L” level signal at
reset.
36
TOT1
C
Timer output port. This function is valid when the timer output setting is
enabled.
PH4
General purpose input/output port.This pin outputs an “L” level signal at
reset.
37
TOT2
C
Timer output port. This function is valid when the timer output is enabled.
PH5
General purpose input/output port.


Similar Part No. - MB91306RPFV

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
MB91301 FUJI-MB91301 Datasheet
1Mb / 135P
   32-Bit Proprietary Microcontroller
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
logo
Fuji Electric
MB91302A FUJI-MB91302A Datasheet
1Mb / 135P
   32-Bit Proprietary Microcontroller
MB91302A/V301A FUJI-MB91302A/V301A Datasheet
1Mb / 135P
   32-Bit Proprietary Microcontroller
MB91302APFF-G-001-BNDE1 FUJI-MB91302APFF-G-001-BNDE1 Datasheet
1Mb / 135P
   32-Bit Proprietary Microcontroller
More results

Similar Description - MB91306RPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com