Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6406BS29-T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6406BS29-T
Description  Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6406BS29-T Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX6406BS29-T Datasheet HTML 1Page - Maxim Integrated Products MAX6406BS29-T Datasheet HTML 2Page - Maxim Integrated Products MAX6406BS29-T Datasheet HTML 3Page - Maxim Integrated Products MAX6406BS29-T Datasheet HTML 4Page - Maxim Integrated Products MAX6406BS29-T Datasheet HTML 5Page - Maxim Integrated Products MAX6406BS29-T Datasheet HTML 6Page - Maxim Integrated Products MAX6406BS29-T Datasheet HTML 7Page - Maxim Integrated Products MAX6406BS29-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Negative-Going VCC Transients
These devices are relatively immune to short-duration,
negative-going VCC transients (glitches).
The Typical Operating Characteristics show the
Maximum Transient Duration vs. Threshold Overdrive
graph, for which output pulses are not generated. The
graph shows the maximum pulse width that a negative-
going VCC transient may typically have before the
devices issue output signals. As the amplitude of the
transient increases, the maximum allowable pulse width
decreases.
UCSP Reliability
The chip-scale package (UCSP) represents a unique
packaging form factor that may not perform equally to a
packaged product through traditional mechanical reliabil-
ity tests. CSP reliability is integrally linked to the user’s
assembly methods, circuit board material, and usage
environment. The user should closely review these areas
when considering use of a CSP package. Performance
through Operating Life Test and Moisture Resistance
remains uncompromised as it is primarily determined by
the wafer-fabrication process.
Mechanical stress performance is a greater considera-
tion for a CSP package. CSPs are attached through
direct solder contact to the user’s PC board, foregoing
the inherent stress relief of a packaged product lead
frame. Solder joint contact integrity must be considered.
Information on Maxim’s qualification plan, test data, and
usage recommendations are detailed in the UCSP appli-
cation note, which can be found on Maxim’s website at
www.maxim-ic.com.
Chip Information
TRANSISTOR COUNT: 512
PROCESS: BiCMOS
Voltage Detectors in 4-Bump (2 X 2)
Chip-Scale Package
_______________________________________________________________________________________
7
Figure 1. Interfacing to Different Logic Voltage Components
OUT
SUSPEND
VCC
VIN
VOUT
VCC
µP
REGULATED 3.0V
(OPEN-DRAIN)
DC/DC
CONVERTER
GND
MAX6408/
MAX6411
3.6V
Li+
MR
VCC
UCSP
TOP VIEW AFTER ASSEMBLED ON PC BOARD (BUMPS AT THE BOTTOM)
( ) ARE FOR MAX6407/MAX6410
A1
A2
B1
B2
GND
MR
OUT (OUT)
MAX6406-
MAX6411
45 MIL
45 MIL
Pin Configuration


Similar Part No. - MAX6406BS29-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX640 MAXIM-MAX640 Datasheet
166Kb / 12P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
MAX6400 MAXIM-MAX6400 Datasheet
152Kb / 9P
   關P Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package
Rev 1; 8/01
MAX6400-MAX6405 MAXIM-MAX6400-MAX6405 Datasheet
152Kb / 9P
   關P Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package
Rev 1; 8/01
MAX6400BS__-T MAXIM-MAX6400BS__-T Datasheet
152Kb / 9P
   關P Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package
Rev 1; 8/01
MAX6401 MAXIM-MAX6401 Datasheet
152Kb / 9P
   關P Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package
Rev 1; 8/01
More results

Similar Description - MAX6406BS29-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6400 MAXIM-MAX6400 Datasheet
152Kb / 9P
   關P Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package
Rev 1; 8/01
MAX16072 MAXIM-MAX16072 Datasheet
1Mb / 8P
   μP Supervisory Circuits in 4-Bump (1mm x 1mm) Chip-Scale Package
Rev 0; 1/10
logo
Torex Semiconductor
XC612 TOREX-XC612_1 Datasheet
711Kb / 14P
   2-Channel Voltage Detectors
logo
Analog Devices
ADG758 AD-ADG758_15 Datasheet
359Kb / 12P
   4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG759 AD-ADG759_15 Datasheet
359Kb / 12P
   4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG759BCPZ AD-ADG759BCPZ Datasheet
359Kb / 12P
   3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG758 AD-ADG758 Datasheet
308Kb / 12P
   3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
REV. A
logo
Texas Instruments
TMP006 TI1-TMP006_17 Datasheet
1Mb / 38P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006BIYZFR TI1-TMP006BIYZFR Datasheet
789Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006_1107 TI-TMP006_1107 Datasheet
466Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com