Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100ES6222 Datasheet(PDF) 10 Page - Motorola, Inc

Part # MC100ES6222
Description  Low Voltage 1:15 Differential ECL/PECL Clock Divider and Fanout Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC100ES6222 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MC100ES6222 Datasheet HTML 4Page - Motorola, Inc MC100ES6222 Datasheet HTML 5Page - Motorola, Inc MC100ES6222 Datasheet HTML 6Page - Motorola, Inc MC100ES6222 Datasheet HTML 7Page - Motorola, Inc MC100ES6222 Datasheet HTML 8Page - Motorola, Inc MC100ES6222 Datasheet HTML 9Page - Motorola, Inc MC100ES6222 Datasheet HTML 10Page - Motorola, Inc MC100ES6222 Datasheet HTML 11Page - Motorola, Inc MC100ES6222 Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MC100ES6222
MOTOROLA
TIMING SOLUTIONS
10
OUTLINE DIMENSIONS
TB SUFFIX
PLASTIC LQFP PACKAGE EXPOSED PAD
CASE 1336A–01
ISSUE O
B
B
0.65
48X
X=A, B OR D
CL
VIEW Y
0.05
(12 )
0.25
GAUGE PLANE
SEATING
PLANE
1.3
(0.2)
R
(1)
0.75
0.20
VIEW AA
SECTION B–B
0.20
PLATING
BASE METAL
52
0.2 H A–B D
1
40
39
14
13
26
27
B
5
10
1.7 MAX
4X
VIEW AA
0.1 C
4X
4X 13 TIPS
0.2 C A–B D
A
D
C
H
X
NOTES:
1. DIMENSIONS ARE IN MILLIMETERS.
2. INTERPRET DIMENSIONS AND TOLERANCES PER
ASME Y14.5M–1994.
3. DATUMS A, B AND D TO BE DETERMINED AT DATUM
PLANE H.
4. DIMENSION TO BE DETERMINED AT SEATING PLANE
C.
5. THIS DIMENSION DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR PROTRUSION
SHALL NOT CAUSE THE LEAD WIDTH TO EXCEED 0.46
mm. DAMBAR CANNOT BE LOCATED ON THE LOWER
RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN
PROTRUSION AND ADJACENT LEAD SHALL NOT BE
LESS THAN 0.07 mm.
6. THIS DIMENSION DOES NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS 0.25 mm
PER SIDE. THIS DIMENSION IS MAXIMUM PLASTIC
BODY SIZE DIMENSION INCLUDING MOLD MISMATCH.
7. EXACT SHAPE OF EACH CORNER IS OPTIONAL.
8. THESE DIMENSIONS APPLY TO THE FLAT SECTION OF
THE LEAD BETWEEN 0.10 mm AND 0.25 mm FROM THE
LEAD TIP.
A–B
M
0.08
D
C
52X
0.40
J
J
PIN 1
INDEX
7
8
8
8
8
4.78
4.58
VIEW J–J
EXPOSED PAD
7
6
5
6
12
10
12
4
4
4
4
6
6
6
6
0.35
(0.3)
0.09
0.20
0.07
0.16
°
0.22
52X
5
1.5
0.05
0.45
0 MIN
0.20
0.08
°
°
0 °
VIEW Y
4.78
4.58
(12 )
4X
°
R
0.20
0.08
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC100ES6222

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC100ES6220 FREESCALE-MC100ES6220 Datasheet
296Kb / 12P
   Low Voltage Dual 1:10 Differential ECL/PECL Clock Fanout Buffer
MC100ES6220AE FREESCALE-MC100ES6220AE Datasheet
296Kb / 12P
   Low Voltage Dual 1:10 Differential ECL/PECL Clock Fanout Buffer
MC100ES6220TB FREESCALE-MC100ES6220TB Datasheet
296Kb / 12P
   Low Voltage Dual 1:10 Differential ECL/PECL Clock Fanout Buffer
MC100ES6221 FREESCALE-MC100ES6221 Datasheet
315Kb / 12P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
logo
Renesas Technology Corp
MC100ES6221 RENESAS-MC100ES6221 Datasheet
684Kb / 13P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
2019
More results

Similar Description - MC100ES6222

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8T33FS6222 RENESAS-8T33FS6222 Datasheet
1Mb / 35P
   Low Voltage, 1:15 Differential PECL Clock Divider and Fanout Buffer
2/2/15
logo
Freescale Semiconductor...
MC100ES6221 FREESCALE-MC100ES6221 Datasheet
315Kb / 12P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
MC100ES6220 FREESCALE-MC100ES6220 Datasheet
296Kb / 12P
   Low Voltage Dual 1:10 Differential ECL/PECL Clock Fanout Buffer
logo
Renesas Technology Corp
MC100ES6221 RENESAS-MC100ES6221 Datasheet
684Kb / 13P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
2019
logo
Arizona Microtek, Inc
AZ10EL11 AZM-AZ10EL11 Datasheet
76Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
AZ10LVEL11 AZM-AZ10LVEL11 Datasheet
88Kb / 7P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
List of Unclassifed Man...
AZ10EL11 ETC-AZ10EL11 Datasheet
137Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
Arizona Microtek, Inc
AZ100LVEL11 AZM-AZ100LVEL11_12 Datasheet
476Kb / 8P
   PECL/ECL 1:2 Differential Fanout Buffer
logo
Renesas Technology Corp
8T33FS6221 RENESAS-8T33FS6221 Datasheet
1Mb / 23P
   Low Voltage 1:20 Differential PECL/HSTL Clock Fanout Buffer
Apr 8, 2021
logo
ON Semiconductor
MC100LVE222 ONSEMI-MC100LVE222 Datasheet
174Kb / 8P
   Low Voltage 1:15 Differential 첨1첨2 ECL/PECL Clock Driver
February, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com