Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC2242C Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # TMC2242C
Description  Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TMC2242C Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button TMC2242C Datasheet HTML 3Page - Fairchild Semiconductor TMC2242C Datasheet HTML 4Page - Fairchild Semiconductor TMC2242C Datasheet HTML 5Page - Fairchild Semiconductor TMC2242C Datasheet HTML 6Page - Fairchild Semiconductor TMC2242C Datasheet HTML 7Page - Fairchild Semiconductor TMC2242C Datasheet HTML 8Page - Fairchild Semiconductor TMC2242C Datasheet HTML 9Page - Fairchild Semiconductor TMC2242C Datasheet HTML 10Page - Fairchild Semiconductor TMC2242C Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PRODUCT SPECIFICATION
TMC2242C
7
Table 3a. Input Data Formats and Bit Weighting
Table 3b. Output Data Formats and Bit Weighting
Notes:
1. Inverted offset binary is the same as unsigned, except that all bits are complemented.
2. In -6 dB interpolation modes, the two’s complement sign bit is replicated in SI15 and SI14.
3. In -6 dB interpolation mode, the unsigned MSB is preceded by a 0 in SO15.
4. A leading minus sign denotes the two’s complement sign bit.
5. In all operating modes except “interpolate -6 dB,” dc gain is exactly unity.
Table 4. Rounded LSBs as a function of RND2-0
Note:
1. The “r” indicates that the trailing significant output bit has been rounded to the nearest 1/2 LSB. All output drivers at and
below the rounding bit are disabled, allowing the lower output bits to be used as control inputs.
2. If SO1 = 1, format is 8 bits, viz: SO15…SO8r z…z.
Table 5. Steady-State Output Values and Limit Triggers
Notes:
1. Full-scale values are minima and maxima permitted by on-chip limiter. Transient overshoots arising from large input signal
transitions will be clipped to these limits.
Format
SI11
SI10
S9
. . .
SI1
S0
Two’s Comp.
-20
2-1
2-2
. . .
2-10
2-11
Unsigned
20
2-1
2-2
. . .
2-10
2-11
Format
SO15
SO14
SO13
. . .
SO5
SO4
Two’s Comp.
-20
2-1
2-2
. . .
2-10
2-11
Unsigned1
20
2-1
2-2
. . .
2-10
2-11
-6 dB t.c.2
-20
-20
2-1
. . .
2-9
2-10
-6 dB Unsgn3
020
2-1
. . .
2-9
2-10
RND2-0
SO15
SO14
SO13
…SO8
SO7
SO6
SO5
SO4
SO3
SO2
SO1
SO0r
000
SO15
SO14
SO13
…SO8
SO7
SO6
SO5
SO4
SO3
SO2
SO1r
z
001
SO15
SO14
SO13
…SO8
SO7
SO6
SO5
SO4
SO3
SO2r
z
z
010
SO15
SO14
SO13
…SO8
SO7
SO6
SO5
SO4
SO3r
zzz
011
SO15
SO14
SO13
…SO8
SO7
SO6
SO5
SO4r
zzzz
1002
SO15
SO14
SO13
…SO8
SO7
SO6
SO5r
zzzzz
101
SO15
SO14
SO13
…SO8
SO7
SO6r
zzzzzz
110
SO15
SO14
SO13
…SO8
SO7r
zzzzzzz
111
Input
Interpolate -6 dB
All Other Modes
Interpretation
Unsigned
2’s Comp.
Unsigned
2’s Comp.
Unsigned
2’s Comp.
Unsigned
2’s Comp.
FFF
7FF
7FF81
3FF81
FFF01
7FF01
full-scale
full-scale +
C00
400
6000
2000
C000
4000
3/4-scale
1/2 scale +
801
001
4008
0008
8010
0010
1 LSB +
800
000
4000
0000
8000
0000
1/2-scale
Zero
7FF
FFF
3FF8
FFF8
7FF0
FFF0
1 LSB –
400
C00
2000
E000
4000
C000
1/4-scale
1/2-scale –
000
800
00001
C0001
00001
80001
zero
full-scale –


Similar Part No. - TMC2242C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2242A FAIRCHILD-TMC2242A Datasheet
86Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Cadeka Microcircuits LL...
TMC2242A CADEKA-TMC2242A Datasheet
190Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Fairchild Semiconductor
TMC2242AKTC FAIRCHILD-TMC2242AKTC Datasheet
86Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Cadeka Microcircuits LL...
TMC2242AKTC CADEKA-TMC2242AKTC Datasheet
190Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Fairchild Semiconductor
TMC2242AKTC1 FAIRCHILD-TMC2242AKTC1 Datasheet
86Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
More results

Similar Description - TMC2242C

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC2242A CADEKA-TMC2242A Datasheet
190Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Fairchild Semiconductor
TMC2242A FAIRCHILD-TMC2242A Datasheet
86Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
LOGIC Devices Incorpora...
LF2242 LODEV-LF2242 Datasheet
136Kb / 8P
   12/16-bit Half-Band Interpolating/ Decimating Digital Filter
logo
List of Unclassifed Man...
GF9102ACPM ETC-GF9102ACPM Datasheet
300Kb / 11P
   Decimating/Interpolating Digital Filter
logo
Fairchild Semiconductor
TMC2249A FAIRCHILD-TMC2249A Datasheet
138Kb / 18P
   Digital Mixer 12 x 12 Bit, 60 MHz
logo
Fujitsu Component Limit...
MB86060 FUJITSU-MB86060 Datasheet
105Kb / 6P
   16-Bit Interpolating Digital to Analog Converter
logo
Intersil Corporation
HSP43220 INTERSIL-HSP43220_04 Datasheet
800Kb / 18P
   Decimating Digital Filter
logo
Analog Devices
AD8385 AD-AD8385_15 Datasheet
768Kb / 24P
   10-Bit, 12-Channel Decimating
REV. 0
logo
Intersil Corporation
HSP43220883 INTERSIL-HSP43220883 Datasheet
204Kb / 7P
   Decimating Digital Filter
HSP43220 INTERSIL-HSP43220 Datasheet
634Kb / 21P
   Decimating Digital Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com