Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC2242CKTC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # TMC2242CKTC
Description  Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TMC2242CKTC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  TMC2242CKTC Datasheet HTML 1Page - Fairchild Semiconductor TMC2242CKTC Datasheet HTML 2Page - Fairchild Semiconductor TMC2242CKTC Datasheet HTML 3Page - Fairchild Semiconductor TMC2242CKTC Datasheet HTML 4Page - Fairchild Semiconductor TMC2242CKTC Datasheet HTML 5Page - Fairchild Semiconductor TMC2242CKTC Datasheet HTML 6Page - Fairchild Semiconductor TMC2242CKTC Datasheet HTML 7Page - Fairchild Semiconductor TMC2242CKTC Datasheet HTML 8Page - Fairchild Semiconductor TMC2242CKTC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.fairchildsemi.com
Features
• Pin-compatible upgrade of TMC2242B
• User-selectable interpolate d.c. gain, 0 dB or -6 dB
• True unity d.c. gain in all “0 db” modes
• 40 MSPS performance in equal-rate filter modes
• 40 and 60 MSPS speed grades in all other modes
• User-selectable 2:1 decimation, 1:2 interpolation, and
equal-rate filter modes, plus unfiltered bypass/delay mode
• Defeatable
πx/sin(πx) compensation filter
• Passband ripple <0.014 dB
• Stopband rejection >56 dB
• Dedicated 12-bit two’s complement or unsigned input bus
• 16-bit two’s complement or unsigned output bus with
user-selectable rounding to 8 to 16 effective bits
• Programmable limiter prevents overflow or clips to
CCIR601 levels
• New double-latency modes match Y channel data flow to
slower-sampled CB and CR data flows
• New dual-channel interpolation and decimation for
YUV422
Applications
• Digital-to-Analog Converter Prefiltering with optional
x/sinx correction
• 1:2 interpolation
• Analog-to-Digital Converter Postfiltering
• 2:1 decimation
• Low-ripple low-pass (0 to 0.2 fs) filter
Description
The TMC2242C, a linear-phase low-pass half-band digital
filter with fixed coefficients, can be used to halve or double
the sampling rate of a digital signal. When used as a decimat-
ing post-filter with a double-speed oversampling A/D con-
verter, it greatly reduces the cost and complexity of the
required analog antialiasing pre-filters. When used as an
interpolating pre-filter with a double-speed oversampling
D/A converter, it greatly reduces the complexity and cost of
the necessary analog post-filter, particularly when its x/sin(x)
correction filter is engaged.
The TMC2242C user selects the mode of operation (deci-
mate, interpolate, equal-rate, bypass, x/sin(x))and rounding.
The part can accept 12-bit two’s complement or unsigned
data at up to 60 MHz and can output saturated two’s comple-
ment or offset binary data rounded to from 8 to 16 bits.
Within the speed grade I/O limit, the output sample rate may
be 1/2, 1, or 2 times the input sample rate. Two-channel
modes permit it to interpolate or to decimate two multi-
plexed data streams (such as video CB and CR) jointly.
The filter response is flat to within
±0.014 dB up to 0.21fs
(e.g. 5.75MHz at a 27MHz clock rate), with stopband attenu-
ation greater than 56dB above 0.29fs. Symmetric-coefficient
filters such as the TMC2242C always have linear phase
response. Half-band response is -6 dB.
Fabricated on an advanced submicron CMOS process, the
TMC2242C is available in a 44-lead PLCC package. Perfor-
mance is guaranteed from 0 to 70
°C and over a power supply
range of 4.75 to 5.25V.
Block Diagram
SI11-0
TCO RND
OE
DEC
INT
SYNC
SO15-0
SO3-0
ROUND
LIMIT
X/SIN(X)
FILTER
FIR
FILT
ZERO
INSERT
DECIMATE
CONTROL
65-2242C-01
TMC2242C
Digital Half-Band Interpolating/Decimating Filter
12-bit In/16-bit Out, 60 MHz
Rev. 1.0.0


Similar Part No. - TMC2242CKTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2242A FAIRCHILD-TMC2242A Datasheet
86Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Cadeka Microcircuits LL...
TMC2242A CADEKA-TMC2242A Datasheet
190Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Fairchild Semiconductor
TMC2242AKTC FAIRCHILD-TMC2242AKTC Datasheet
86Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Cadeka Microcircuits LL...
TMC2242AKTC CADEKA-TMC2242AKTC Datasheet
190Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Fairchild Semiconductor
TMC2242AKTC1 FAIRCHILD-TMC2242AKTC1 Datasheet
86Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
More results

Similar Description - TMC2242CKTC

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC2242A CADEKA-TMC2242A Datasheet
190Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Fairchild Semiconductor
TMC2242A FAIRCHILD-TMC2242A Datasheet
86Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
LOGIC Devices Incorpora...
LF2242 LODEV-LF2242 Datasheet
136Kb / 8P
   12/16-bit Half-Band Interpolating/ Decimating Digital Filter
logo
List of Unclassifed Man...
GF9102ACPM ETC-GF9102ACPM Datasheet
300Kb / 11P
   Decimating/Interpolating Digital Filter
logo
Fairchild Semiconductor
TMC2249A FAIRCHILD-TMC2249A Datasheet
138Kb / 18P
   Digital Mixer 12 x 12 Bit, 60 MHz
logo
Fujitsu Component Limit...
MB86060 FUJITSU-MB86060 Datasheet
105Kb / 6P
   16-Bit Interpolating Digital to Analog Converter
logo
Intersil Corporation
HSP43220 INTERSIL-HSP43220_04 Datasheet
800Kb / 18P
   Decimating Digital Filter
logo
Analog Devices
AD8385 AD-AD8385_15 Datasheet
768Kb / 24P
   10-Bit, 12-Channel Decimating
REV. 0
logo
Intersil Corporation
HSP43220883 INTERSIL-HSP43220883 Datasheet
204Kb / 7P
   Decimating Digital Filter
HSP43220 INTERSIL-HSP43220 Datasheet
634Kb / 21P
   Decimating Digital Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com