Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANTXV1N6070TR Datasheet(PDF) 1 Page - Microsemi Corporation

Part # JANTXV1N6070TR
Description  1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANTXV1N6070TR Datasheet(HTML) 1 Page - Microsemi Corporation

  JANTXV1N6070TR Datasheet HTML 1Page - Microsemi Corporation JANTXV1N6070TR Datasheet HTML 2Page - Microsemi Corporation JANTXV1N6070TR Datasheet HTML 3Page - Microsemi Corporation JANTXV1N6070TR Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1500 WATT BIDIRECTIONAL
TRANSIENT VOLTAGE SUPPRESSOR
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2002
11-06-2003 REV A
SCOTTSD A L E DIVISION
1N6036 and 1N6072A
DESCRIPTION
APPEARANCE
This popular Transient Voltage Suppressor (TVS) series for 1N6036 thru
1N6072A are JEDEC registered selections for bidirectional devices. All
have the same high Peak Pulse Power rating of 1500 W with extremely fast
response times. They are also available in military qualified selections as
described in the Features section herein. They are most often used for
protecting against transients from inductive switching environments,
induced RF effects, or induced secondary lightning effects as found in
lower surge levels of IEC61000-4-5. They are also very successful in
protecting airborne avionics and electrical systems. Since their response
time is virtually instantaneous, they can also protect from ESD and EFT per
IEC61000-4-2 and IEC61000-4-4.
DO-13
(DO-202AA)
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
• Bidirectional TVS series for thru-hole mounting
• Suppresses transients up to 1500 watts @ 10/1000
µs (see Figure 1)
• Clamps transient in less than 100 pico seconds
• Working voltage (VWM) range 5.5 V to 185 V
• Hermetic sealed DO-13 metal package
• JAN/TX/TXV military qualifications also available per
MIL-PRF-19500/507 for the tighter tolerance “A”
suffix types by adding the JAN, JANTX, or JANTXV
prefix, e.g. JANTXV1N6036A, etc.
• For unidirectional TVS in the same DO-13 package,
see separate data sheet for the 1N5629 – 1N5665A
series (also military qualified)
• Surface mount equivalent packages also available
as SMCJ5.0C - SMCJ170CA or SMCG5.0C –
SMCG170CA in separate data sheet (consult factory
for other surface mount options)
• Plastic axial-leaded equivalents available in the
1.5KE6.8C – 1.5KE220CA series in separate data
sheet
• Protection from switching transients and induced RF
• Protection from ESD and EFT per IEC 61000-4-2
and IEC 61000-4-4
• Secondary lightning protection per IEC61000-4-5
with 42 Ohms source impedance:
Class 1: 1N6036 to 1N6072A
Class 2: 1N6036 to 1N6067A
Class 3: 1N6036 to 1N6061A
Class 4: 1N6036 to 1N6054A
• Secondary lightning protection per IEC61000-4-5
with 12 Ohms source impedance:
Class 1 : 1N6036 to 1N6064A
Class 2: 1N6036 to 1N6057A
Class 3: 1N6036 to 1N6049A
Class 4: 1N6036 to 1N6042A
• Secondary lightning protection per IEC61000-4-5
with 2 Ohms source impedance:
Class 2: 1N6036 to 1N6048A
Class 3: 1N6036 to 1N6041A
Inherently radiation hard as described in Microsemi
MicroNote 050
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• 1500 Watts for 10/1000 µs with repetition rate of 0.01%
or less*
at lead temperature (TL) 25
oC (see Figs. 1, 2, &
4)
• Operating & Storage Temperatures: -65o to +175oC
• THERMAL RESISTANCE: 50oC/W junction to lead at
0.375 inches (10 mm) from body or 110
oC/W junction to
ambient when mounted on FR4 PC board with 4 mm
2
copper pads (1oz) and track width 1 mm, length 25 mm
• DC Power Dissipation
*: 1 Watt at TL < +125oC 3/8” (10
mm) from body (see derating in Fig 3 and note below)
• Solder Temperatures: 260 o C for 10 s (maximum)
CASE: DO-13 (DO-202AA), welded, hermetically
sealed metal and glass
FINISH: All external metal surfaces are Tin-Lead
plated and solderable per MIL-STD-750 method
2026
POLARITY: Not applicable for bidirectional TVS
MARKING: Part number
WEIGHT: 1.4 grams. (Approx)
TAPE & REEL option: Standard per EIA-296 (add
“TR” suffix to part number)
See package dimension on last page
* TVS devices are not typically used for dc power dissipation and are instead operated at or less than their rated standoff voltage
(VWM) except for transients that briefly drive the device into avalanche breakdown (VBR to VC region).


Similar Part No. - JANTXV1N6070TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANTXV1N6101 MICROSEMI-JANTXV1N6101 Datasheet
22Kb / 1P
   MONOLITHIC AIR ISOLATED DIODE ARRAY
JANTXV1N6103 MICROSEMI-JANTXV1N6103 Datasheet
104Kb / 2P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
JANTXV1N6103A MICROSEMI-JANTXV1N6103A Datasheet
104Kb / 2P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
JANTXV1N6104 MICROSEMI-JANTXV1N6104 Datasheet
104Kb / 2P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
JANTXV1N6104A MICROSEMI-JANTXV1N6104A Datasheet
104Kb / 2P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
More results

Similar Description - JANTXV1N6070TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANTX1N5632A MICROSEMI-JANTX1N5632A Datasheet
204Kb / 4P
   1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
1N5555 DIGITRON-1N5555 Datasheet
127Kb / 2P
   1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
1N5555 MICROSEMI-1N5555 Datasheet
190Kb / 3P
   1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
1N5908 MICROSEMI-1N5908 Datasheet
224Kb / 3P
   1500 WATT LOW VOLTAGE TRANSIENT VOLTAGE SUPPRESSOR
LC6.5 MICROSEMI-LC6.5_08 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
SMCJ170CA MICROSEMI-SMCJ170CA Datasheet
584Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
MLCE6.5 MICROSEMI-MLCE6.5 Datasheet
380Kb / 5P
   1500 Watt Low Capacitance Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
LC6.5 NJSEMI-LC6.5 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMCJ10ATR MICROSEMI-SMCJ10ATR Datasheet
205Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
LC6.5 MICROSEMI-LC6.5 Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com