Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74FCT162H541T Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI74FCT162H541T
Description  Fast CMOS 16-Bit Octal Buffer/Line Drivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT162H541T Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI74FCT162H541T Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT162H541T Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT162H541T Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT162H541T Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT162H541T Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT162H541T Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PI74FCT16541/162541/162H541T
16-BIT BUFFER/LINE DRIVERS
232
PS2037A 03/11/96
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74FCT16541T Output Drive Characteristics (Over the Operating Range)
Parameters Description
Test Conditions(1)
Min.
Typ(2)
Max.
Units
VOH
Output HIGH Voltage
VCC = Min., VIN = VIH or VIL
IOH = –3.0 mA
2.5
3.5
V
IOH = –15.0 mA
2.4
3.5
IOH = –32.0 mA
2.0
3.0
VOL
Output LOW Voltage
VCC = Min., VIN = VIH or VIL
IOL = 64 mA
0.2
0.55
V
IOFF
Power Down Disable
VCC = 0V, VIN or VOUT
≤4.5V
±100
µA
PI74FCT162541T/162H541T Output Drive Characteristics (Over the Operating Range)
Parameters
Description
Test Conditions(1)
Min.
Typ(2)
Max.
Units
VOH
Output HIGH Voltage
VCC = Min., VIN = VIH or VIL
IOH = –24.0 mA
2.4
3.3
V
VOL
Output LOW Voltage
VCC = Min., VIN = VIH or VIL
IOL = 24 mA
0.3
0.55
V
IODL
Output LOW Current
VCC = 5V, VIN = VIH OR VIL, VOUT = 1.5V(3)
60
115
150
mA
IODH
Output HIGH Current
VCC = 5V, VIN = VIH OR VIL, VOUT = 1.5V(3)
–60
–115
–150
mA
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 5.0V, +25°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. This parameter is determined by device characterization but is not production tested.
Capacitance (TA = 25°C, f = 1 MHz)
Parameters(4)
Description
Test Conditions
Typ
Max.
Units
CIN
Input Capacitance
VIN = 0V
4.5
6
pF
COUT
Output Capacitance
VOUT = 0V
5.5
8
pF


Similar Part No. - PI74FCT162H541T

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT162H543T PERICOM-PI74FCT162H543T Datasheet
74Kb / 7P
   Fast CMOS 16-Bit Latched Transceivers
More results

Similar Description - PI74FCT162H541T

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT16244T PERICOM-PI74FCT16244T_07 Datasheet
504Kb / 9P
   Fast CMOS 16-Bit Buffer/Line Drivers
PI74FCT162244T PERICOM-PI74FCT162244T Datasheet
55Kb / 6P
   Fast CMOS 16-Bit Buffer/Line Drivers
PI74FCT16240T PERICOM-PI74FCT16240T Datasheet
64Kb / 6P
   Fast CMOS 16-Bit Buffer /Line Drivers
PI74FCT244T PERICOM-PI74FCT244T Datasheet
434Kb / 7P
   Fast CMOS Octal Buffer/Line Drivers
logo
Integrated Device Techn...
74541 IDT-74541 Datasheet
230Kb / 9P
   FAST CMOS OCTAL BUFFER/LINE DRIVERS
DECEMBER 1995
IDT74FC240T IDT-IDT74FC240T Datasheet
185Kb / 9P
   FAST CMOS OCTAL BUFFER/LINE DRIVERS
logo
Pericom Semiconductor C...
PI74FCT240T PERICOM-PI74FCT240T Datasheet
135Kb / 6P
   Fast CMOS Octal Buffer/Line Drivers
PI74FCT244T PERICOM-PI74FCT244T_06 Datasheet
730Kb / 8P
   Fast CMOS Octal Buffer/Line Drivers
PI74FCT162244MT PERICOM-PI74FCT162244MT Datasheet
71Kb / 8P
   Fast CMOS 16-Bit Heavy Buffer/Line Drivers
logo
Renesas Technology Corp
IDT74FCT166244AT RENESAS-IDT74FCT166244AT Datasheet
238Kb / 7P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com