Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QL901M-6PS680C Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # QL901M-6PS680C
Description  QuickMIPS ESP Family
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QL901M-6PS680C Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  QL901M-6PS680C Datasheet HTML 1Page - List of Unclassifed Manufacturers QL901M-6PS680C Datasheet HTML 2Page - List of Unclassifed Manufacturers QL901M-6PS680C Datasheet HTML 3Page - List of Unclassifed Manufacturers QL901M-6PS680C Datasheet HTML 4Page - List of Unclassifed Manufacturers QL901M-6PS680C Datasheet HTML 5Page - List of Unclassifed Manufacturers QL901M-6PS680C Datasheet HTML 6Page - List of Unclassifed Manufacturers QL901M-6PS680C Datasheet HTML 7Page - List of Unclassifed Manufacturers QL901M-6PS680C Datasheet HTML 8Page - List of Unclassifed Manufacturers QL901M-6PS680C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
QL901M QuickMIPS™ Data Sheet Rev B
3
Design Tools Platform Support
QuickWorks, the complete product suite, supports Windows 95/98/NT/2000. It includes SpDE
(layout including place & route, timing analysis, and back-annotation), Synplify-Lite (synthesis), Turbo
Writer (HDL-enhanced text editor), etc.
QuickTool supports Solaris. It has only the layout software (SpDE).
QuickMIPS simulation is enabled through either:
a SmartModel (VMC-generated model, encrypted RTL, relatively slow). This option supports both
Verilog and VHDL.
SaiLAhead co-verification platform from Saivision (very fast C model). This option only supports
Verilog (no VHDL) at this time.
SaiLAhead Platform
The “SaiLAhead for QuickMIPS” co-verification platform is tailored for QuickMIPS devices. It enables
simulation of user-defined logic functions that are to be implemented in the QuickMIPS programmable
fabric with the rest of the QuickMIPS fixed system logic functions, which verifies overall QuickMIPS
functionality. Simultaneously, the SaiLAhead platform has a powerful, feature-rich debugger, which
enables QuickMIPS users to develop and debug their application code (C and MIPS assembly). The
SaiLAhead platform accelerates the speed of simulation of the QuickMIPS device in a simulator such as
NC-Verilog by using C models for various fixed system logic functions in the QuickMIPS device. This
platform also provides a standalone C environment offering additional speed-up of simulation of the
entire QuickMIPS design. Please refer to http://www.saivision.com for more information on the
SaiLAhead platform.
Table 2: Design Tools Platform Support
Solaris
Windows NT
Windows 2000
Linux
Synthesis
Synplify-Lite
X (in QuickWorks) X (in QuickWorks)
Layout
SpDE
X (in QuickTool)
X (in QuickWorks) X (in QuickWorks)
Simulation
SmartModel
ModelSim/VCS
XX
Verilog XL/NC
X
SaiLAhead
ModelSim
XX
X
Verilog XL/NC
X
X


Similar Part No. - QL901M-6PS680C

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
QL90F7S-A ROITHNER-QL90F7S-A Datasheet
81Kb / 5P
   LASER DIODE SPECIFICATIONS FOR APPROVAL
QL90F7S-B ROITHNER-QL90F7S-B Datasheet
81Kb / 5P
   LASER DIODE SPECIFICATIONS FOR APPROVAL
QL90F7S-C ROITHNER-QL90F7S-C Datasheet
81Kb / 5P
   LASER DIODE SPECIFICATIONS FOR APPROVAL
More results

Similar Description - QL901M-6PS680C

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
62201-8819 MOLEX-62201-8819 Datasheet
169Kb / 3P
   EdgeLine??ESP Press-Tool
07-16-12
logo
rfsolutions.ltd
2940641 RFSOLUTIONS-2940641 Datasheet
1Mb / 18P
   ESP-07S User Manual
REV:1.0
logo
Molex Electronics Ltd.
62100-6850 MOLEX-62100-6850 Datasheet
141Kb / 3P
   EdgeLine??ESP Removal-Tool
12-20-13
logo
List of Unclassifed Man...
ESP-PSRAM64 ETC-ESP-PSRAM64 Datasheet
1Mb / 26P
   This document introduces the specifications of ESP-PSRAM64 and ESP-PSRAM64H.
Version 1.0
logo
Molex Electronics Ltd.
62203-0301 MOLEX11-62203-0301 Datasheet
36Kb / 1P
   EdgeLine ESP Press-In Tool
logo
List of Unclassifed Man...
CXD2512R ETC1-CXD2512R Datasheet
75Kb / 2P
   C-MOS ESP CONTROLLER FOR CD
logo
ESPRESSIF SYSTEMS (SHAN...
ESP-PROG ESPRESSIF-ESP-PROG Datasheet
702Kb / 6P
   Introduction to the ESP-Prog Board
logo
Molex Electronics Ltd.
62203-0301 MOLEX-62203-0301 Datasheet
155Kb / 3P
   Press-In Tool for EdgeLine??ESP
12-20-13
logo
Silan Microelectronics ...
SC9822P SILAN-SC9822P Datasheet
588Kb / 30P
   MP3 DECODER WITH ESP FUNCTION AND CD INTERFACE
logo
Molex Electronics Ltd.
0768611000 MOLEX1-0768611000_17 Datasheet
42Kb / 2P
   EdgeLine ESP Vertical Connector, 12.5 Gbps, 0.80mm Pitch, 1.57mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com