Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7109A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SAA7109A
Description  HD-CODEC
Download  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7109A Datasheet(HTML) 3 Page - NXP Semiconductors

  SAA7109A Datasheet HTML 1Page - NXP Semiconductors SAA7109A Datasheet HTML 2Page - NXP Semiconductors SAA7109A Datasheet HTML 3Page - NXP Semiconductors SAA7109A Datasheet HTML 4Page - NXP Semiconductors SAA7109A Datasheet HTML 5Page - NXP Semiconductors SAA7109A Datasheet HTML 6Page - NXP Semiconductors SAA7109A Datasheet HTML 7Page - NXP Semiconductors SAA7109A Datasheet HTML 8Page - NXP Semiconductors SAA7109A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 197 page
background image
2004 Jun 29
3
Philips Semiconductors
Product specification
HD-CODEC
SAA7108AE; SAA7109AE
1
FEATURES
1.1
Video decoder
• Six analog inputs, internal analog source selectors, e.g.
6
× CVBS or (2 × Y/C and 2 × CVBS) or (1 × Y/C and
4
× CVBS)
• Two analog preprocessing channels in differential
CMOS style for best S/N performance
• Fully programmable static gain or Automatic Gain
Control (AGC) for the selected CVBS or Y/C channel
• Switchable white peak control
• Two built-in analog anti-aliasing filters
• Two 9-bit video CMOS Analog-to-Digital Converters
(ADCs), digitized CVBS or Y/C signals are available on
the Image Port Data (IPD) port under I2C-bus control
• On-chip clock generator
• Line-locked system clock frequencies
• Digital PLL for horizontal sync processing and clock
generation, horizontal and vertical sync detection
• Requires only one crystal (either 24.576 MHz or
32.11 MHz) for all standards
• Automatic detection of 50 and 60 Hz field frequency,
and automatic switching between PAL and NTSC
standards
• Luminance and chrominance signal processing for
PAL BGHI, PAL N, combination PAL N, PAL M,
NTSC M, NTSC-Japan, NTSC N, NTSC 4.43 and
SECAM
• User programmable luminance peaking or aperture
correction
• Cross-colour reduction for NTSC by chrominance comb
filtering
• PAL delay line for correcting PAL phase errors
• Brightness Contrast Saturation (BCS) and hue control
on-chip
• Two multi functional real-time output pins controlled by
the I2C-bus
• Multi-standard VBI data slicer decoding World Standard
Teletext (WST), North-American Broadcast Text
System (NABTS), Closed Caption (CC), Wide Screen
Signalling (WSS), Video Programming System (VPS),
Vertical Interval Time Code (VITC) variants
(EBU/SMPTE) etc.
• Standard ITU 656 Y-CB-CR 4:2:2 format (8-bit) on IPD
output bus
• Enhanced ITU 656 output format on IPD output bus
containing:
– active video
– raw CVBS data for INTERCAST applications
(27 MHz data rate)
– decoded VBI data
• Detection of copy protected input signals according to
the Macrovision
(1) standard. Can be used to prevent
unauthorized recording of pay-TV or video tape signals.
1.2
Video scaler
• Both up and downscaling
• Conversion to square pixel format
• NTSC to 288 lines (video phone)
• Phase accuracy better than 1/64 pixel or line, horizontally
or vertically
• Independent scaling definitions for odd and even fields
• Anti-alias filter for horizontal scaling
• Provides output as:
– scaled active video
– raw CVBS data for INTERCAST, WAVE-PHORE,
POPCON applications or general VBI data decoding
(27 MHz or sample rate converted)
• Local video output for Y-CB-CR 4 : 2 : 2 format (VMI,
VIP, ZV).
(1) Macrovision
™ is a trademark of the Macrovision Corporation.


Similar Part No. - SAA7109A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7109AE NXP-SAA7109AE Datasheet
1Mb / 208P
   HD-CODEC
Rev. 03-6 February 2007
More results

Similar Description - SAA7109A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7108AE NXP-SAA7108AE Datasheet
1Mb / 208P
   HD-CODEC
Rev. 03-6 February 2007
logo
Analog Devices
AD1983 AD-AD1983 Datasheet
427Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1981HD AD-AD1981HD Datasheet
385Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1981HD AD-AD1981HD_15 Datasheet
386Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
logo
Gennum Corporation
GS1503 GENNUM-GS1503 Datasheet
1Mb / 83P
   HD EMBEDDED AUDIO CODEC
logo
Realtek Semiconductor C...
ALC888S-VD REALTEK-ALC888S-VD_11 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD_11 REALTEK-ALC888S-VD_11_05 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
logo
Gennum Corporation
GS1503B GENNUM-GS1503B Datasheet
1Mb / 90P
   HD Embedded Audio CODEC Data Sheet
logo
Analog Devices
AD1986A AD-AD1986A_15 Datasheet
366Kb / 56P
   AC 97 and HD Audio SoundMAX Codec
REV. 0
AD1986A AD-AD1986A Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com