Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDB65N03 Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # SDB65N03
Description  N-Channel Logic Level E nhancement Mode Field E ffect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDB65N03 Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  SDB65N03 Datasheet HTML 1Page - SamHop Microelectronics Corp. SDB65N03 Datasheet HTML 2Page - SamHop Microelectronics Corp. SDB65N03 Datasheet HTML 3Page - SamHop Microelectronics Corp. SDB65N03 Datasheet HTML 4Page - SamHop Microelectronics Corp. SDB65N03 Datasheet HTML 5Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
E LE CTR ICAL CHAR ACTE R IS TICS (TC 25 C unless otherwise noted)
=
Parameter
Symbol
Condition
Min Typ Max Unit
OFF CHAR ACTER ISTICS
Drain-Source Breakdown Voltage
BVDSS
=
VGS 0V, ID 250uA
=
30
V
Zero Gate Voltage Drain Current
IDSS
VDS 24V, VGS 0V
=
=
10
uA
Gate-Body Leakage
IGSS
VGS 20V, VDS 0V
=
=
100 nA
ON CHAR ACTER ISTICS a
Gate Threshold Voltage
VGS(th)
VDS VGS, ID = 250uA
=
1
1.5
3
V
Drain-Source On-State R esistance
R DS(ON)
VGS = 10V, ID = 26A
8
9
VGS = 4.5V, ID = 21A
15
On-State Drain Current
ID(ON)
VDS = 10V, VGS = 10V
65
38
A
S
Forward Transconductance
FS
g
VDS = 10V, ID = 26A
DYNAMIC CHAR ACTER ISTICS
b
Input Capacitance
CISS
CRSS
COSS
Output Capacitance
R everse Transfer Capacitance
VDS =15V, VGS = 0V
f =1.0MHZ
1350
P
F
625
P
F
P
F
190
SWITCHING CHAR ACTER ISTICS
b
Turn-On Delay Time
R ise Time
Turn-Off Delay Time
tD(ON)
tr
tD(OFF)
tf
VDD = 15V,
ID = 1A,
VGS = 10V
R GEN = 6
ns
ns
ns
ns
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Qg
Qgs
Qgd
VDS =10V, ID = 65A,
VGS =10V
nC
nC
nC
C
30
Fall Time
4
41
6.9
5.8
2
12
S DP /B 65N03L
32
132
30
m ohm
m ohm
ohm
50
nC
VDS =10V, ID =65A,VGS =10V
VDS =10V, ID =65A,VGS =4.5V
20.5 24.5


Similar Part No. - SDB65N03

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDB60N03L SAMHOP-SDB60N03L Datasheet
519Kb / 6P
   N-Channel Logic Level E nhancement Mode Field E ffect Transistor
logo
SHOUDING Shouding Semic...
SDB628 SHOUDING-SDB628 Datasheet
2Mb / 7P
   High Efficiency 1.2MHz 2A Step Up Converter
More results

Similar Description - SDB65N03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDPB55N03L ETC1-SDPB55N03L Datasheet
319Kb / 5P
   N-Channel Logic Level E nhancement Mode Field E ffect Transistor
logo
SamHop Microelectronics...
SDP60N03L SAMHOP-SDP60N03L Datasheet
519Kb / 6P
   N-Channel Logic Level E nhancement Mode Field E ffect Transistor
SDP55N03L SAMHOP-SDP55N03L Datasheet
417Kb / 5P
   N-Channel Logic Level E nhancement Mode Field E ffect Transistor
logo
List of Unclassifed Man...
55N03L ETC1-55N03L Datasheet
415Kb / 5P
   N-Channel Logic Level E nhancement Mode Field E ffect Transistor
logo
SamHop Microelectronics...
SDP55N02 SAMHOP-SDP55N02 Datasheet
479Kb / 6P
   N-Channel E nhancement Mode Field E ffect Transistor
STU420S SAMHOP-STU420S Datasheet
940Kb / 9P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
STU3055L SAMHOP-STU3055L Datasheet
765Kb / 8P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
ST426S SAMHOP-ST426S Datasheet
175Kb / 9P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
STU426S SAMHOP-STU426S Datasheet
175Kb / 9P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
SDU40N03 SAMHOP-SDU40N03 Datasheet
386Kb / 5P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com