Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7632VFBR Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DAC7632VFBR
Description  16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7632VFBR Datasheet(HTML) 3 Page - Burr-Brown (TI)

  DAC7632VFBR Datasheet HTML 1Page - Burr-Brown (TI) DAC7632VFBR Datasheet HTML 2Page - Burr-Brown (TI) DAC7632VFBR Datasheet HTML 3Page - Burr-Brown (TI) DAC7632VFBR Datasheet HTML 4Page - Burr-Brown (TI) DAC7632VFBR Datasheet HTML 5Page - Burr-Brown (TI) DAC7632VFBR Datasheet HTML 6Page - Burr-Brown (TI) DAC7632VFBR Datasheet HTML 7Page - Burr-Brown (TI) DAC7632VFBR Datasheet HTML 8Page - Burr-Brown (TI) DAC7632VFBR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
DAC7632
3
SBAS234
www.ti.com
DAC7632VF
DAC7632VFB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ACCURACY
Linearity Error
±3
±4
±2
±3
LSB
Linearity Match
±4
±2
LSB
Differential Linearity Error
±2
±3
±1
±2
LSB
Monotonicity, TMIN to TMAX
14
15
Bits
Bipolar Zero Error
±1
±3
✻✻
mV
Bipolar Zero Error Drift
5
10
✻✻
ppm/
°C
Full-Scale Error
±1
±3
✻✻
mV
Full-Scale Error Drift
5
10
✻✻
ppm/
°C
Bipolar Zero Matching
Channel-to-Channel Matching
±1
±3
✻✻
mV
Full-Scale Matching
Channel-to-Channel Matching
±1
±3
✻✻
mV
Power-Supply Rejection Ratio (PSRR)
At Full Scale
10
100
✻✻
ppm/V
ANALOG OUTPUT
Voltage Output
RL = 10kΩ
VREF LVREFH
✻✻
V
Output Current
–1.25
+1.25
✻✻
mA
Maximum Load Capacitance
No Oscillation
500
pF
Short-Circuit Current
–10, +30
mA
Short-Circuit Duration
GND or VCC or VSS
Indefinite
REFERENCE INPUT
Ref High Input Voltage Range
VREFL + 1.25
+2.5
✻✻
V
Ref Low Input Voltage Range
–2.5
VREFH – 1.25
✻✻
V
Ref High Input Current
500
µA
Ref Low Input Current
–500
µA
DYNAMIC PERFORMANCE
Settling Time
To
±0.003%, 5V Output Step
8
10
✻✻
µs
Channel-to-Channel Crosstalk
0.5
LSB
Digital Feedthrough
2
nV-s
Output Noise Voltage
f = 10kHz
60
nV/
√Hz
DAC Glitch
7FFFH to 8000H or 8000H to 7FFFH
40
nV-s
DIGITAL INPUT
VIH
0.7 • VDD
V
VIL
0.3 • VDD
V
IIH
±10
µA
IIL
±10
µA
DIGITAL OUTPUT
VOH
IOH = –0.8mA
3.6
4.5
✻✻
V
VOL
IOL = 1.6mA
0.3
0.4
✻✻
V
POWER SUPPLY
VDD
+4.75
+5.0
+5.25
✻✻✻
V
VCC
+4.75
+5.0
+5.25
✻✻✻
V
VSS
–5.25
–5.0
–4.75
✻✻✻
V
ICC
0.7
1.1
✻✻
mA
IDD
50
µA
ISS
–1.2
–0.8
✻✻
mA
Power
7.5
11.5
✻✻
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
✻✻
°C
✻ Specifications same as DAC7632VF.
ELECTRICAL CHARACTERISTICS (Dual Supply)
At TA = TMIN to TMAX, VDD = VCC = +5V, VSS = –5V, VREFH = +2.5V, and VREFL = –2.5V, unless otherwise noted.


Similar Part No. - DAC7632VFBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7632VFBT TI1-DAC7632VFBT Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit, Dual Voltage Output
DAC7632VFBTG4 TI1-DAC7632VFBTG4 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit, Dual Voltage Output
More results

Similar Description - DAC7632VFBR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7654 BURR-BROWN-DAC7654 Datasheet
472Kb / 28P
   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7642 TI-DAC7642 Datasheet
770Kb / 20P
[Old version datasheet]   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7642 BURR-BROWN-DAC7642 Datasheet
806Kb / 22P
   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7642 TI1-DAC7642_15 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7641 TI1-DAC7641_08 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7641 BURR-BROWN-DAC7641 Datasheet
1,000Kb / 18P
   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7641 BURR-BROWN-DAC7641_08 Datasheet
1Mb / 22P
   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7664 TI-DAC7664 Datasheet
452Kb / 28P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7744 BURR-BROWN-DAC7744 Datasheet
458Kb / 23P
   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7654 TI1-DAC7654_15 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, Quad Voltage Output Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com