Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6407BS Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6407BS
Description  Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6407BS Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6407BS Datasheet HTML 1Page - Maxim Integrated Products MAX6407BS Datasheet HTML 2Page - Maxim Integrated Products MAX6407BS Datasheet HTML 3Page - Maxim Integrated Products MAX6407BS Datasheet HTML 4Page - Maxim Integrated Products MAX6407BS Datasheet HTML 5Page - Maxim Integrated Products MAX6407BS Datasheet HTML 6Page - Maxim Integrated Products MAX6407BS Datasheet HTML 7Page - Maxim Integrated Products MAX6407BS Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Voltage Detectors in 4-Bump (2 X 2)
Chip-Scale Package
4
_______________________________________________________________________________________
PIN
MAX6406/MAX6408
MAX6409/MAX6411
MAX6407/MAX6410
NAME
FUNCTION
A1
A1
GND
Ground
B1
OUT
Active-Low Output.
OUT remains low while VCC is below the threshold.
OUT is open-drain on the MAX6408/MAX6411 and push-pull on the
MAX6406/MAX6409.
B1
OUT
Active-High Output. OUT remains high while VCC is below the
threshold.
B2
B2
MR
Active-Low Manual Reset. Internal 50k
Ω pullup to VCC. Pull low to
assert the output. OUT remains asserted as long as
MR is low. Leave
unconnected or connect to VCC if unused.
A2
A2
VCC
Supply Voltage and Input for the Voltage Detector.
Pin Description
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
0
40
20
60
120
100
80
140
-40
-20
0
20
40
60
80
PROPAGATION DELAY (VCC RISING)
vs. TEMPERATURE
TEMPERATURE (
°C)
VOD = 20mV
VOD = 100mV
VOD = 10mV
VOD = 200mV
VOD = OVERDRIVE VOLTAGE
0
1
1000
100
10
MAXIMUM TRANSIENT DURATION
vs. THRESHOLD OVERDRIVE
500
200
100
400
300
THRESHOLD OVERDRIVE VTH - VCC (mV)
OUT/OUT IS ASSERTED ABOVE LINE


Similar Part No. - MAX6407BS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX640 MAXIM-MAX640 Datasheet
166Kb / 12P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
MAX6400 MAXIM-MAX6400 Datasheet
152Kb / 9P
   關P Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package
Rev 1; 8/01
MAX6400-MAX6405 MAXIM-MAX6400-MAX6405 Datasheet
152Kb / 9P
   關P Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package
Rev 1; 8/01
MAX6400BS__-T MAXIM-MAX6400BS__-T Datasheet
152Kb / 9P
   關P Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package
Rev 1; 8/01
MAX6401 MAXIM-MAX6401 Datasheet
152Kb / 9P
   關P Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package
Rev 1; 8/01
More results

Similar Description - MAX6407BS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6400 MAXIM-MAX6400 Datasheet
152Kb / 9P
   關P Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package
Rev 1; 8/01
MAX16072 MAXIM-MAX16072 Datasheet
1Mb / 8P
   μP Supervisory Circuits in 4-Bump (1mm x 1mm) Chip-Scale Package
Rev 0; 1/10
logo
Torex Semiconductor
XC612 TOREX-XC612_1 Datasheet
711Kb / 14P
   2-Channel Voltage Detectors
logo
Analog Devices
ADG758 AD-ADG758_15 Datasheet
359Kb / 12P
   4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG759 AD-ADG759_15 Datasheet
359Kb / 12P
   4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG759BCPZ AD-ADG759BCPZ Datasheet
359Kb / 12P
   3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG758 AD-ADG758 Datasheet
308Kb / 12P
   3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
REV. A
logo
Texas Instruments
TMP006 TI1-TMP006_17 Datasheet
1Mb / 38P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006BIYZFR TI1-TMP006BIYZFR Datasheet
789Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006_1107 TI-TMP006_1107 Datasheet
466Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com