Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6410BS Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6410BS
Description  Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6410BS Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6410BS Datasheet HTML 1Page - Maxim Integrated Products MAX6410BS Datasheet HTML 2Page - Maxim Integrated Products MAX6410BS Datasheet HTML 3Page - Maxim Integrated Products MAX6410BS Datasheet HTML 4Page - Maxim Integrated Products MAX6410BS Datasheet HTML 5Page - Maxim Integrated Products MAX6410BS Datasheet HTML 6Page - Maxim Integrated Products MAX6410BS Datasheet HTML 7Page - Maxim Integrated Products MAX6410BS Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX6406–MAX6411 is a family of ultra-low power
circuits used for monitoring battery, power-supply, and
regulated system voltages. Each detector contains a
precision bandgap reference comparator and is
trimmed to specified trip threshold voltages. These
devices provide excellent circuit reliability and low cost
by eliminating external components and adjustments
when monitoring system voltages from 2.5V to 5.0V. A
manual reset input is also included.
The MAX6406–MAX6411 assert a signal whenever the
VCC supply voltage falls below a preset threshold.
These devices are differentiated by their output logic
configurations and preset threshold voltages. The
MAX6406/MAX6409 (push-pull) and the MAX6408/
MAX6411 (open-drain) have an active-low output (OUT
is logic low when VCC is below VTH). The MAX6407/
MAX6410 have an active-high push-pull output (OUT
is logic high when VCC is below VTH). All parts are
guaranteed to be in the correct output logic state for
VCC down to 1V. The detector is designed to ignore
fast transients on VCC. The MAX6406/MAX6407/
MAX6408 have voltage thresholds between 2.20V and
3.08V in approximately 100mV increments. The
MAX6409/MAX6410/MAX6411 have voltage thresholds
between 3.30V and 4.63V in approximately 100mV
increments.
Ultra-low supply current of 500nA (MAX6406/MAX6407/
MAX6408) makes these parts ideal for use in portable
equipment. These devices are available in 4-bump
chip-scale packages (UCSP
).
Applications
Portable/Battery-Powered Equipment
Cell Phones
PDAs
MP3 Players
Pagers
Features
o Tiny 4-Bump (2 X 2) Chip-Scale Package, (Package
Pending Full Qualification—Expected Completion
Date 6/30/01. See UCSP Reliability Section for
More Details.)
o 70% Smaller Than SC70 Packages
o Ultra-Low 500nA Supply Current
(MAX6406/MAX6407/MAX6408)
o Factory-Trimmed Reset Thresholds from 2.20V to
4.63V in Approximately 100mV Increments
o ±2.5% Threshold Accuracy (-40°C to +85°C)
o Manual Reset Input
o Guaranteed OUT Valid to VCC = 1.0V
o Three Reset Output Logic Options: Active-Low
Push-Pull, Active-High Push-Pull, and Active-Low
Open-Drain
o Immune to Short VCC Transients
o No External Components
Voltage Detectors in 4-Bump (2 X 2)
Chip-Scale Package
________________________________________________________________ Maxim Integrated Products
1
19-2041; Rev 1; 8/01
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
The MAX6406–MAX6411 are available in factory-set VCC
detector thresholds from 2.20V to 4.63V, in approximately 0.1V
increments. Choose the desired threshold suffix from Table 1
and insert it in the blank space following “S”. There are 21
standard versions with a required order increment of 2500
pieces. Sample stock is generally held on the standard ver-
sions only (Table1). Required order increment is 10,000 pieces
for nonstandard versions (Table 2). Contact factory for avail-
ability. All devices available in tape-and-reel only.
UCSP reliability is integrally linked to the user’s assembly
methods, circuit board material, and environment. Refer to the
UCSP Reliability Notice in the UCSP Reliability section of this
data sheet for more information.
Pin Configuration appears at end of data sheet.
UCSP is a trademark of Maxim Integrated Products, Inc.
Ordering Information
PART
TEMP. RANGE
PIN-PACKAGE
MAX6406BS_ _-T
-40°C to +85°C
UCSP-4
MAX6407BS_ _-T
-40°C to +85°C
UCSP-4
MAX6408BS_ _-T
-40°C to +85°C
UCSP-4
MAX6409BS_ _-T
-40°C to +85°C
UCSP-4
MAX6410BS_ _-T
-40°C to +85°C
UCSP-4
MAX6411BS_ _-T
-40°C to +85°C
UCSP-4
Selector Guide
PART
NOMINAL
VTH (V)
OUT/
OUT Output Type
MAX6406
2.20 to 3.08
Push-Pull, Active-Low
MAX6407
2.20 to 3.08
Push-Pull, Active-High
MAX6408
2.20 to 3.08
Open-Drain, Active-Low
MAX6409
3.30 to 4.63
Push-Pull, Active-Low
MAX6410
3.30 to 4.63
Push-Pull, Active-High
MAX6411
3.30 to 4.63
Open-Drain, Active-Low


Similar Part No. - MAX6410BS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX641 MAXIM-MAX641 Datasheet
449Kb / 12P
   Fixed Output 10W CMOS Step-Up Switching Regulators
3/90
MAX641-MAX643 MAXIM-MAX641-MAX643 Datasheet
449Kb / 12P
   Fixed Output 10W CMOS Step-Up Switching Regulators
3/90
MAX6412 MAXIM-MAX6412 Datasheet
190Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
19-2336; Rev 1; 8/03
MAX6412 MAXIM-MAX6412 Datasheet
146Kb / 12P
   Low-Power, Single/Dual-Voltage 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 3; 3/10
MAX6412 MAXIM-MAX6412 Datasheet
193Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 5; 8/12
More results

Similar Description - MAX6410BS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6400 MAXIM-MAX6400 Datasheet
152Kb / 9P
   關P Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package
Rev 1; 8/01
MAX16072 MAXIM-MAX16072 Datasheet
1Mb / 8P
   μP Supervisory Circuits in 4-Bump (1mm x 1mm) Chip-Scale Package
Rev 0; 1/10
logo
Torex Semiconductor
XC612 TOREX-XC612_1 Datasheet
711Kb / 14P
   2-Channel Voltage Detectors
logo
Analog Devices
ADG758 AD-ADG758_15 Datasheet
359Kb / 12P
   4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG759 AD-ADG759_15 Datasheet
359Kb / 12P
   4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG759BCPZ AD-ADG759BCPZ Datasheet
359Kb / 12P
   3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG758 AD-ADG758 Datasheet
308Kb / 12P
   3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
REV. A
logo
Texas Instruments
TMP006 TI1-TMP006_17 Datasheet
1Mb / 38P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006BIYZFR TI1-TMP006BIYZFR Datasheet
789Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006_1107 TI-TMP006_1107 Datasheet
466Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com