Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD453N25S30MC Datasheet(PDF) 8 Page - International Rectifier

Part # SD453N25S30MC
Description  FAST RECOVERY DIODES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD453N25S30MC Datasheet(HTML) 8 Page - International Rectifier

Back Button SD453N25S30MC Datasheet HTML 2Page - International Rectifier SD453N25S30MC Datasheet HTML 3Page - International Rectifier SD453N25S30MC Datasheet HTML 4Page - International Rectifier SD453N25S30MC Datasheet HTML 5Page - International Rectifier SD453N25S30MC Datasheet HTML 6Page - International Rectifier SD453N25S30MC Datasheet HTML 7Page - International Rectifier SD453N25S30MC Datasheet HTML 8Page - International Rectifier SD453N25S30MC Datasheet HTML 9Page - International Rectifier SD453N25S30MC Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SD453N/R Series
8
Bulletin I2076 rev. A 09/94
www.irf.com
1E2
1E3
1E4
1E1
1E2
1E3
1E4
Pulse Basewidth (µs)
50 Hz
200
10000
100
4000
dv/dt = 1000V/us
400
1000
2000
6000
Sinusoidal Pulse
1500
3000
T = 70°C, V
= 800V
C
RRM
SD453N/R..S20 Series
tp
600
Fig. 25 - Frequency Characteristics
Fig. 24 - Maximum Total Energy Loss Per Pulse Characteristics
1E2
1E3
1E4
1E1
1E2
1E3
1E4
1
2
Pulse Basewidth (µs)
10 joules per pulse
6
4
dv/dt = 1000V/µs
Sinusoidal Pulse
0.6
0.4
0.2
0.1
SD453N/R..S20 Series
T = 150°C, V
= 800V
J
RRM
tp
Fig. 23 - Recovery Current Characteristics
Fig. 22 - Recovery Charge Characteristics
Fig. 21 - Recovery Time Characteristics
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
10
100
1000
Rate Of Fall Of Forward Current - di/dt (A/µs)
500 A
150 A
I
= 1000 A
Sine Pulse
FM
SD453N/R..S30 Series
T = 150 °C, V > 100V
J
r
0
200
400
600
800
1000
1200
0
50 100 150 200 250 300
Rate Of Fall Of Forward Current - di/dt (A/µs)
500 A
150 A
I
= 1000 A
Sine Pulse
FM
SD453N/R..S30 Series
T = 150 °C; V > 100V
r
J
0
50
100
150
200
250
300
350
400
450
500
550
0
50
100 150 200 250 300
500 A
Rate Of Fall Of F orward Current - di/dt (A/µs)
150 A
I
= 1000 A
Sine Pulse
FM
SD453N/R..S30 Series
T = 150 °C; V > 100V
J
r
0
50
100
150
200
250
300
350
400
450
0
50
100 150 200 250 300
500 A
Rate Of Fall Of Forward Current - di/dt (A/µs)
150 A
I
= 1000 A
Sine Pulse
FM
SD453N/R..S20 Series
T = 150 °C; V > 100V
J
r
0
100
200
300
400
500
600
700
800
0
50 100 150 200 250 300
Rate Of Fall Of Forward Current - di/dt (A/µs)
500 A
150 A
I
= 1000 A
Sine Pulse
FM
SD453N/R..S20 Series
T = 150 °C; V > 100V
J
r
2
2. 5
3
3. 5
4
4. 5
5
5. 5
6
10
100
1000
Rate Of Fall Of Forward Current - di/dt (A/µs)
500 A
150 A
I
= 1000 A
Sine Pulse
FM
SD453N/R..S20 Series
T = 150 °C; V > 100V
J
r
Fig. 18 - Recovery Time Characteristics
Fig. 19 - Recovery Charge Characteristics
Fig. 20 - Recovery Current Characteristics


Similar Part No. - SD453N25S30MC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD453N IRF-SD453N Datasheet
518Kb / 6P
   FAST RECOVERY DIODES Stud Version
logo
Vishay Siliconix
SD453N/R12 VISHAY-SD453N/R12 Datasheet
425Kb / 11P
   Fast Recovery Diodes (Stud Version), 400/450 A
Revision: 08-Apr-08
SD453N/R16 VISHAY-SD453N/R16 Datasheet
425Kb / 11P
   Fast Recovery Diodes (Stud Version), 400/450 A
Revision: 08-Apr-08
SD453N/R20 VISHAY-SD453N/R20 Datasheet
425Kb / 11P
   Fast Recovery Diodes (Stud Version), 400/450 A
Revision: 08-Apr-08
SD453N/R25 VISHAY-SD453N/R25 Datasheet
425Kb / 11P
   Fast Recovery Diodes (Stud Version), 400/450 A
Revision: 08-Apr-08
More results

Similar Description - SD453N25S30MC

ManufacturerPart #DatasheetDescription
logo
AEGIS SEMICONDUTORES LT...
A1C:70S.02.02 AEGIS-A1C:70S.02.02 Datasheet
803Kb / 4P
   Fast Recovery Diodes
A1C:70S.02.10 AEGIS-A1C:70S.02.10 Datasheet
990Kb / 4P
   Fast Recovery Diodes
logo
Sanken electric
CTU-34S SANKEN-CTU-34S Datasheet
324Kb / 5P
   Fast Recovery Diodes
logo
Rohm
RF601B2D ROHM-RF601B2D Datasheet
178Kb / 4P
   Fast recovery diodes
logo
International Rectifier
IRKL240 IRF-IRKL240_06 Datasheet
222Kb / 11P
   FAST RECOVERY DIODES
logo
Rohm
RF1005TF6S ROHM-RF1005TF6S Datasheet
164Kb / 1P
   Fast Recovery Diodes
RF601B2DTL ROHM-RF601B2DTL Datasheet
1Mb / 4P
   Fast recovery diodes
logo
Sanken electric
RF1A SANKEN-RF1A Datasheet
63Kb / 2P
   Fast Recovery Diodes
RU1B SANKEN-RU1B Datasheet
59Kb / 2P
   Fast Recovery Diodes
RH1Z SANKEN-RH1Z Datasheet
63Kb / 2P
   Fast Recovery Diodes
logo
AEGIS SEMICONDUTORES LT...
A1C:15S.02.02 AEGIS-A1C:15S.02.02 Datasheet
998Kb / 4P
   Fast Recovery Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com