Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9185DMP-18-T1 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SI9185DMP-18-T1
Description  Micropower 500-mA CMOS LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9185DMP-18-T1 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SI9185DMP-18-T1 Datasheet HTML 2Page - Vishay Siliconix SI9185DMP-18-T1 Datasheet HTML 3Page - Vishay Siliconix SI9185DMP-18-T1 Datasheet HTML 4Page - Vishay Siliconix SI9185DMP-18-T1 Datasheet HTML 5Page - Vishay Siliconix SI9185DMP-18-T1 Datasheet HTML 6Page - Vishay Siliconix SI9185DMP-18-T1 Datasheet HTML 7Page - Vishay Siliconix SI9185DMP-18-T1 Datasheet HTML 8Page - Vishay Siliconix SI9185DMP-18-T1 Datasheet HTML 9Page - Vishay Siliconix SI9185DMP-18-T1 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Si9185
Vishay Siliconix
www.vishay.com
6
Document Number: 71765
S-20641—Rev. B, 06-May-02
TYPICAL CHARACTERISTICS (INTERNALLY REGULATED, 25_C UNLESS NOTED)
0
50
100
150
200
250
300
0
100
200
300
400
500
600
Dropout Voltage vs. Load Current
ILOAD (mA)
0
50
100
150
200
250
300
–50
–25
0
25
50
75
100
125
150
Dropout Voltage vs. Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
123
456
Dropout Characteristic
VIN (V)
Junction Temperature (
_C)
0
50
100
150
200
250
300
350
400
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Dropout Voltage vs. VOUT
VOUT
RLOAD = 16.5 W
IOUT = 0 mA
IOUT = 500 mA
IOUT = 10 mA
IOUT = 200 mA
VOUT = 3.0 V
VOUT = 3.0 V
IOUT = 10 mA
IOUT = 200 mA
IOUT = 500 mA
–1.0
–0.8
–0.6
–0.4
–0.2
–0.0
0.2
–40
–20
0
20
40
60
80
100
120
140
Normalized VOUT vs. Temperature
Junction Temperature (
_C)
IOUT = 1 mA
IOUT = 500 mA
–0.75
–0.60
–0.45
–0.30
–0.15
0.00
0.15
0.30
0
50
100 150 200 250 300 350 400 450 500
Normalized Output Voltage vs. Load Current
Load Current (mA)
IOUT = 200 mA


Similar Part No. - SI9185DMP-18-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9185 VISHAY-SI9185 Datasheet
189Kb / 13P
   Micropower 500 mA CMOS LDO Regulator with Error Flag/Power-On-Reset
18-Jul-08
SI9185 VISHAY-SI9185_V01 Datasheet
189Kb / 13P
   Micropower 500 mA CMOS LDO Regulator with Error Flag/Power-On-Reset
18-Jul-08
More results

Similar Description - SI9185DMP-18-T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6219 ONSEMI-CAT6219 Datasheet
179Kb / 9P
   500 mA CMOS LDO Regulator
February, 2010 ??Rev. 9
CAT6219 ONSEMI-CAT6219_12 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
CAT6219-ADJTDGT3 ONSEMI-CAT6219-ADJTDGT3 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
logo
Vishay Siliconix
SI9185 VISHAY-SI9185_V01 Datasheet
189Kb / 13P
   Micropower 500 mA CMOS LDO Regulator with Error Flag/Power-On-Reset
18-Jul-08
logo
ON Semiconductor
CAT6202VP2-GT3 ONSEMI-CAT6202VP2-GT3 Datasheet
149Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
October, 2012 ??Rev. 0
CAT6202 ONSEMI-CAT6202 Datasheet
149Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
October, 2012 ??Rev. 0
CAT6202 ONSEMI-CAT6202_14 Datasheet
155Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
January, 2014 ??Rev. 1
NCP5501DT33RKG ONSEMI-NCP5501DT33RKG Datasheet
213Kb / 13P
   500 mA LDO Voltage Regulator
April, 2013 ??Rev. 12
logo
Richtek Technology Corp...
RT9184 RICHTEK-RT9184 Datasheet
186Kb / 10P
   500 MA DUAL LDO REGULATOR
logo
Fortune Semiconductor C...
FS8855 FORTUNE-FS8855 Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com