Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67040-S4340 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # Q67040-S4340
Description  Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67040-S4340 Datasheet(HTML) 4 Page - Infineon Technologies AG

  Q67040-S4340 Datasheet HTML 1Page - Infineon Technologies AG Q67040-S4340 Datasheet HTML 2Page - Infineon Technologies AG Q67040-S4340 Datasheet HTML 3Page - Infineon Technologies AG Q67040-S4340 Datasheet HTML 4Page - Infineon Technologies AG Q67040-S4340 Datasheet HTML 5Page - Infineon Technologies AG Q67040-S4340 Datasheet HTML 6Page - Infineon Technologies AG Q67040-S4340 Datasheet HTML 7Page - Infineon Technologies AG Q67040-S4340 Datasheet HTML 8Page - Infineon Technologies AG Q67040-S4340 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SKP06N60,
SKB06N60
SKA06N60
4Jul-02
10Hz
100Hz
1kHz
10kHz
100kHz
0A
10A
20A
30A
SKP06N60
SKB06N60
SKA06N60
T
C=110°C
T
C=80°C
1V
10V
100V
1000V
0,1A
1A
10A
SKP06N60
SKB06N60
SKA06N60
DC
1ms
200
µs
50
µs
15
µs
t
p=2µs
f, SWITCHING FREQUENCY
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 1. Collector current as a function of
switching frequency
(Tj
≤ 150°C, D = 0.5, V
CE = 400V,
VGE = 0/+15V, RG = 50
Ω)
Figure 2. Safe operating area
(D = 0, TC = 25
°C, T
j
≤ 150°C)
25°C
50°C
75°C
100°C
125°C
0W
20W
40W
60W
80W
SKP06N60
SKB06N60
SKA06N60
25°C
50°C
75°C
100°C
125°C
0A
5A
10A
SKA06N60
SKP06N60
SKB06N60
TC, CASE TEMPERATURE
TC, CASE TEMPERATURE
Figure 3. Power dissipation as a function
of case temperature
(Tj
≤ 150°C)
Figure 4. Collector current as a function of
case temperature
(VGE
≤ 15V, T
j
≤ 150°C)
Ic
Ic


Similar Part No. - Q67040-S4340

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67040-S4328 INFINEON-Q67040-S4328 Datasheet
108Kb / 10P
   Cool MOS??Power Transistor
2002-07-26
Q67040-S4351 INFINEON-Q67040-S4351 Datasheet
130Kb / 11P
   Cool MOS Power Transistor
2000-05-29
Q67040-S4351 INFINEON-Q67040-S4351 Datasheet
681Kb / 13P
   Cool MOS??Power Transistor
Rev. 2.6 2007-08-30
Q67040-S4352 INFINEON-Q67040-S4352 Datasheet
555Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.4 2008-04-11
Q67040-S4368 INFINEON-Q67040-S4368 Datasheet
280Kb / 9P
   Silicon Carbide Schottky Diode
2004-02-11
More results

Similar Description - Q67040-S4340

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SKP10N60A INFINEON-SKP10N60A_08 Datasheet
368Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
SKW15N120 INFINEON-SKW15N120 Datasheet
415Kb / 13P
   FAST IGBT IN NPT-TECHNOLOGY WITH SOFT, FAST RECOVERY ANTI-PARALLEL EmCon DIODE
Jul-02
SKW30N60 INFINEON-SKW30N60 Datasheet
393Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKP15N60 INFINEON-SKP15N60_08 Datasheet
377Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
SKP15N60 INFINEON-SKP15N60 Datasheet
450Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKP02N60 INFINEON-SKP02N60 Datasheet
397Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKW20N60 INFINEON-SKW20N60 Datasheet
400Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Mar-00
SKP10N60A INFINEON-SKP10N60A Datasheet
438Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Sep-02
SKB02N60 INFINEON-SKB02N60_07 Datasheet
1Mb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.2 Oct. 07
SKW15N120 INFINEON-SKW15N120_08 Datasheet
348Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2_2 Sep 08
SKB02N120 INFINEON-SKB02N120_07 Datasheet
1Mb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Oct 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com