Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG78XXL Datasheet(PDF) 5 Page - Micro Electronics

Part # SG78XXL
Description  POSITIVE FIXED VOLTAGE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

SG78XXL Datasheet(HTML) 5 Page - Micro Electronics

  SG78XXL Datasheet HTML 1Page - Micro Electronics SG78XXL Datasheet HTML 2Page - Micro Electronics SG78XXL Datasheet HTML 3Page - Micro Electronics SG78XXL Datasheet HTML 4Page - Micro Electronics SG78XXL Datasheet HTML 5Page - Micro Electronics SG78XXL Datasheet HTML 6Page - Micro Electronics SG78XXL Datasheet HTML 7Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SG7800A/SG7800 SERIES
05/01 Rev 1.4
LINFINITY Microelectronics Inc.
Copyright
© 1997
11861 Western Avenue
∞ Garden Grove, CA 92841
5
(714) 898-8121
∞ FAX: (714) 893-2570
12V POSITIVE REGULATOR
ELECTRICAL SPECIFICATIONS (Note 1)
(Unless otherwise specified, these specifications apply over the operating ambient temperatures for SG7812A/SG7812 with -55
°C ≤ T
A ≤ 150°C,
V
IN = 19V, IO = 500mA for the K and IG -Power Packages-, IO = 100mA for the T and L packages, CIN = 0.33µF, and COUT = 0.1µF. Low duty cycle pulse
testing techniques are used which maintains junction and case temperatures equal to the ambient temperature.)
SG7812A/SG7812
Units
SG7812
Min.
Typ. Max.
Min.
Typ. Max.
SG7812A
Test Conditions
Parameter
T
J = 25°C
V
IN = 14.5V to 30V, T J = 25°C
V
IN = 16V to 22V, TJ = 25°C
Power Pkgs: I
O = 5mA to 1.5A, TJ = 25°C
I
O = 250mA to 750mA, TJ = 25°C
T - Pkg: I
O = 5mA to 500mA, TJ = 25°C
V
IN = 15.5V to 27V
Power Pkgs: I
O = 5mA to 1.0A, P ≤ 20W
T - Pkg: I
O = 5mA to 500mA, P ≤ 2W
Over Temperature Range
T
J = 25°C
With Line: V
IN = 15V to 30V
With Load: I
O = 5mA to 1.0A (Power Pkgs.)
I
O = 5mA to 500mA (T)
∆V
O = 100mV, TJ = 25°C
Power Pkgs: I
O = 1.0A, T - Pkg: IO = 500mA
Power Pkgs: T
J = 25°C
T - Pkg: T
J = 25°C
Power Pkgs: V
IN = 35V, TJ = 25°C
T - Pkg: V
IN = 35V, TJ = 25°C
∆V
IN = 10V, f = 120Hz, TJ = 25°C
f = 10Hz to 100KHz (Note 2)
1000hrs. at T
J = 125°C
I
O = 5mA
Output Voltage
Line Regulation (Note 1)
Load Regulation (Note 1)
Total Output Voltage
Tolerance
Quiescent Current
Quiescent Current Change
Dropout Voltage
Peak Output Current
Short Circuit Current
Ripple Rejection
Output Noise Voltage (rms)
Long Term Stability
Thermal Shutdown
11.8
11.7
11.7
1.5
0.5
61
12.0
12
6
28
10
10
12.0
12.0
4
2
2.0
1.0
48
175
12.2
60
30
80
40
40
12.3
12.3
7
6
0.8
0.5
0.5
2.5
3.3
1.7
1.2
0.7
40
11.5
11.4
11.4
1.5
0.5
61
12.0
12
6
28
10
10
12.0
12.0
4
2
2.0
1.0
48
175
12.5
120
60
120
60
60
12.6
12.6
7
6
0.8
0.5
0.5
2.5
3.3
1.7
1.2
0.7
40
V
mV
mV
mV
mV
mV
V
V
mA
mA
mA
mA
mA
V
A
A
A
A
dB
µV/V
mV
°C
Note 1. All regulation tests are made at constant junction temperature with low duty cycle testing.
2. This test is guaranteed but is not tested in production.


Similar Part No. - SG78XXL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG78XXL ETC1-SG78XXL Datasheet
110Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Microsemi Corporation
SG78XXL-883B MICROSEMI-SG78XXL-883B Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
SG78XXL/883B MICROSEMI-SG78XXL/883B Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
SG78xxL/883B MICROSEMI-SG78xxL/883B Datasheet
420Kb / 8P
   Positive Fixed Voltage Regulator
SG78XXL883B MICROSEMI-SG78XXL883B Datasheet
409Kb / 8P
   Positive Fixed Voltage Regulator
More results

Similar Description - SG78XXL

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG7800A MICROSEMI-SG7800A Datasheet
96Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
List of Unclassifed Man...
SG7800A ETC1-SG7800A Datasheet
110Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Microsemi Corporation
SG7805K-883B MICROSEMI-SG7805K-883B Datasheet
409Kb / 8P
   Positive Fixed Voltage Regulator
logo
Seme LAB
IP140ME SEME-LAB-IP140ME Datasheet
336Kb / 8P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Microsemi Corporation
M3851014103BEA MICROSEMI-M3851014103BEA Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
KODENSHI_AUK CORP.
IL78L05 KODENSHI-IL78L05 Datasheet
237Kb / 13P
   FIXED VOLTAGE REGULATOR (POSITIVE)
logo
Microsemi Corporation
SG7800A MICROSEMI-SG7800A_1 Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
SG78XXA MICROSEMI-SG78XXA_10 Datasheet
420Kb / 8P
   Positive Fixed Voltage Regulator
SG7824AT-883B MICROSEMI-SG7824AT-883B Datasheet
396Kb / 8P
   Positive Fixed Voltage Regulator
logo
List of Unclassifed Man...
TS7800 ETC-TS7800 Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com