Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67040-S4138 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # Q67040-S4138
Description  SIPMOS Power Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67040-S4138 Datasheet(HTML) 7 Page - Infineon Technologies AG

  Q67040-S4138 Datasheet HTML 1Page - Infineon Technologies AG Q67040-S4138 Datasheet HTML 2Page - Infineon Technologies AG Q67040-S4138 Datasheet HTML 3Page - Infineon Technologies AG Q67040-S4138 Datasheet HTML 4Page - Infineon Technologies AG Q67040-S4138 Datasheet HTML 5Page - Infineon Technologies AG Q67040-S4138 Datasheet HTML 6Page - Infineon Technologies AG Q67040-S4138 Datasheet HTML 7Page - Infineon Technologies AG Q67040-S4138 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SPD 28N03
Data Sheet
7
06.99
Drain-source on-resistance
RDS(on) = f (Tj)
parameter :
ID = 28 A, VGS = 10 V
-60
-20
20
60
100
140
˚C
200
Tj
0.000
0.005
0.010
0.015
0.020
0.025
0.030
0.035
0.040
0.045
0.050
0.060
SPD28N03
typ
98%
Gate threshold voltage
VGS(th) = f (Tj)
parameter :
VGS = VDS, ID = 50 µA
-60
-20
20
60
100
140
˚C
200
Tj
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
4.4
V
5.0
min
typ
max
Typ. capacitances
C =
f (VDS)
parameter:
VGS = 0 V, f = 1 MHz
0
5
10
15
20
25
V
35
VDS
0
500
1000
pF
2000
Ciss
Coss
Crss
Forward characteristics of reverse diode
IF = f (VSD)
parameter:
Tj , tp = 80 µs
0.0
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
0
10
1
10
2
10
3
10
A
SPD28N03
T
j = 25 ˚C typ
T
j = 25 ˚C (98%)
T
j = 175 ˚C typ
T
j = 175 ˚C (98%)


Similar Part No. - Q67040-S4138

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67040-S4138-A2 SIEMENS-Q67040-S4138-A2 Datasheet
148Kb / 8P
   SIPMOS Power Transistor
More results

Similar Description - Q67040-S4138

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
   SIPMOS Power Transistor
05.99
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
   SIPMOS Power Transistor
06.99
SPB10N10L INFINEON-SPB10N10L Datasheet
240Kb / 8P
   SIPMOS Power-Transistor
2005-02-14
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
   SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
   SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
   SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
logo
Siemens Semiconductor G...
SPD23N05 SIEMENS-SPD23N05 Datasheet
148Kb / 8P
   SIPMOS Power Transistor
SPD31N05 SIEMENS-SPD31N05 Datasheet
134Kb / 8P
   SIPMOS Power Transistor
logo
Infineon Technologies A...
BUZ72L INFINEON-BUZ72L Datasheet
87Kb / 8P
   SIPMOS Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com