Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE2027 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE2027
Description  Integrated Circuit Hex LED Digit Driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2027 Datasheet(HTML) 2 Page - NTE Electronics

  NTE2027 Datasheet HTML 1Page - NTE Electronics NTE2027 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DC Electrical Characteristics:
(VSS = 10V, TA = 0° to +70°C, Note 3, Note 4 unless otherwise
specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Low Level Output Voltage
VOL
Input = 6.5V through 1k
Ω,
IOUT = 350mA, TA = +25°C
1.2
1.4
V
Input = 6.5V through 1k
Ω,
IOUT = 350mA
1.6
V
High Level Output Current
IOH
VOH = 10V, IIN = 40µA
200
µA
VOH = 10V, VIN = 0.5V
200
µA
Input Current at Max Input Voltage
II
VIN = 10V, IOL = 20mA
2.2
3.3
mA
Current into VSS Pin
ISS
1.0
mA
Note 3. Unless otherwise specified, Min/Max limits apply across the 0
° to +70°C temperature range.
Note 4. All currents into device pins shown as positive, out of device as negative, all voltages refer-
enced to GND unless otherwise specified. All values shown as mmax or Min on absolute
value basis.
AC Switching Characteristics (VSS = 7.5V, TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Propagation Delay Time
Low–to–High Level Output
tPLH
VIH = 7.5V, RL = 39Ω, CL = 15pF
300
ns
High–to–Low Level Output
tPHL
30
ns
VSS
1A
Pin Connection Diagram
1Y
3A
GND
5A
5Y
6Y
1
2
3
4
2Y
2A
5
6
3Y
7
4Y
14
13
12
11
6A
10
9
8
4A
.600 (15.24)
17
14
8
.300
(7.62)
.200 (5.08)
Max
.100 (2.45)
.099 (2.5) Min
.785 (19.95)
Max


Similar Part No. - NTE2027

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2020 NTE-NTE2020 Datasheet
24Kb / 3P
   Integrated Circuit 8-Channel Darlington Array/Driver
NTE2021 NTE-NTE2021 Datasheet
24Kb / 3P
   Integrated Circuit 8-Digit/Segment Fluorescent Display Driver
NTE2022 NTE-NTE2022 Datasheet
24Kb / 3P
   Integrated Circuit 8-Digit/Segment Fluorescent Display Driver
NTE2023 NTE-NTE2023 Datasheet
19Kb / 2P
   Integrated Circuit General Purpose, High Current 7-Segment Display Driver
NTE2024 NTE-NTE2024 Datasheet
21Kb / 2P
   Integrated Circuit 2-Digit BCD-to-7-Segment Decoder/Driver
More results

Similar Description - NTE2027

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75494 NSC-DS75494 Datasheet
86Kb / 4P
   Hex Digit Driver
logo
ams AG
AS2591 AMSCO-AS2591 Datasheet
74Kb / 10P
   16-Digit LCD Driver CMOS Integrated Circuit
logo
NTE Electronics
NTE1500 NTE-NTE1500 Datasheet
22Kb / 3P
   Integrated Circuit 7-Step LED Driver Circuit
NTE2021 NTE-NTE2021 Datasheet
24Kb / 3P
   Integrated Circuit 8-Digit/Segment Fluorescent Display Driver
NTE9936 NTE-NTE9936 Datasheet
56Kb / 2P
   Integrated Circuit DTL, Hex Inverter
NTE2024 NTE-NTE2024 Datasheet
21Kb / 2P
   Integrated Circuit 2-Digit BCD-to-7-Segment Decoder/Driver
NTE1503 NTE-NTE1503 Datasheet
20Kb / 2P
   Integrated Circuit 5-Step LED Driver Circuit for Logarithmic Response
NTE1513 NTE-NTE1513 Datasheet
24Kb / 3P
   Integrated Circuit 9-Step LED Driver Circuit for Logarithmic Scale
NTE7208 NTE-NTE7208 Datasheet
66Kb / 4P
   Integrated Circuit Constant Current Single Output LED Driver
NTE1502 NTE-NTE1502 Datasheet
20Kb / 2P
   Integrated Circuit 5-Step LED Driver Circuit for Linear Response
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com