Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA8233BH Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TA8233BH
Description  30W BTL X 2ch Audio Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8233BH Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TA8233BH Datasheet HTML 3Page - Toshiba Semiconductor TA8233BH Datasheet HTML 4Page - Toshiba Semiconductor TA8233BH Datasheet HTML 5Page - Toshiba Semiconductor TA8233BH Datasheet HTML 6Page - Toshiba Semiconductor TA8233BH Datasheet HTML 7Page - Toshiba Semiconductor TA8233BH Datasheet HTML 8Page - Toshiba Semiconductor TA8233BH Datasheet HTML 9Page - Toshiba Semiconductor TA8233BH Datasheet HTML 10Page - Toshiba Semiconductor TA8233BH Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TA8233BH
2002-10-30
7
(Precaution 1)
When the stand-by terminal was put to the low level after the ripple rapid discharging circuit was operated
(VCC≒8V) at the time when VCC was turned off, a pop noise may be generated. Therefore, VCC which makes
the stand-by terminal low shall be set at 8V or above so that (1) the stand-by terminal is put at the low level
and (2) the ripple rapid discharging circuit is turned on when VCC is turned off (in order of (1) and (2)). An
example of application is shown in Fig.9.
(Precaution 2)
If the falling time constant of the VCC line is large (the fall is gentle), the pop noise may become worse.
In this case, it is possible to prevent the pop noise from becoming worse by reducing the ability of “ripple rapid
discharging circuit at the time of VCC off” according to the increase of the capacity of ripple capacitor of pin(8).
However, it shall be kept in mind that the time for turning the power on becomes longer as the result of this
method.
8. External part list and description
Influence
Sym
-
bol
Recommended
Value
Feature
Smaller Than
Recommended Value
Larger Than
Recommended Value
Remarks
C1
4.7µF
DC blocking
Related to pop noise at VCC→on.
Related to gain.
Refer to item 4.
Related to pop noise at VCC→on.
C2
47µF
Feedback condenser
Determination of low cut
-off frequency
f
R
L
f
2
1
C2
×
×
p
=
C3
220µF
Ripple reduction
Time constant is small
at VCC→on or off.
Time constant is large
at VCC→on or off.
C4
0.12µF
Oscillation prevention Made liable to oscillate.
Oscillation allowance
Refer to item 3.
C5
1000µF
Ripple filter
For filtering power supply hum and ripple.
Large at using AC rectified power supply.
Small at using DC power supply.
C6
1000pF
Oscillation prevention Oscillation allowance improved.
Noise reduction
Refer to item 3.


Similar Part No. - TA8233BH

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8233BHQ TOSHIBA-TA8233BHQ Datasheet
1Mb / 14P
   Bipolar Linear Integrated Circuit
TA8233BHQ TOSHIBA-TA8233BHQ Datasheet
1Mb / 16P
   30W BTL 횞 2ch Audio Power Amplifier
TA8233BHQ TOSHIBA-TA8233BHQ_06 Datasheet
1Mb / 16P
   30W BTL 횞 2ch Audio Power Amplifier
More results

Similar Description - TA8233BH

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8233AH TOSHIBA-TA8233AH Datasheet
645Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8233H TOSHIBA-TA8233H Datasheet
598Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8221AH TOSHIBA-TA8221AH Datasheet
594Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8220H TOSHIBA-TA8220H Datasheet
596Kb / 12P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8220HQ TOSHIBA-TA8220HQ_06 Datasheet
1Mb / 15P
   30W BTL 횞 2ch Audio Power Amplifier
TA8221AHQ TOSHIBA-TA8221AHQ Datasheet
1Mb / 16P
   30W BTL 횞 2Ch Audio Power Amplifier
TA8220HQ TOSHIBA-TA8220HQ Datasheet
1Mb / 13P
   30W BTL 횞 2ch Audio Power Amplifier
TA8233BHQ TOSHIBA-TA8233BHQ_06 Datasheet
1Mb / 16P
   30W BTL 횞 2ch Audio Power Amplifier
TA8210AH TOSHIBA-TA8210AH Datasheet
495Kb / 11P
   20W BTL x 2CH AUDIO POWER AMPLIFIER
TA8210H TOSHIBA-TA8210H Datasheet
740Kb / 11P
   22W BTL x 2CH AUDIO POWER AMPLIFIER
1990-6-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com