Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFDU4300-TR3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TFDU4300-TR3
Description  Infrared Transceiver Module (SIR, 115.2 kbit/s)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFDU4300-TR3 Datasheet(HTML) 5 Page - Vishay Siliconix

  TFDU4300-TR3 Datasheet HTML 1Page - Vishay Siliconix TFDU4300-TR3 Datasheet HTML 2Page - Vishay Siliconix TFDU4300-TR3 Datasheet HTML 3Page - Vishay Siliconix TFDU4300-TR3 Datasheet HTML 4Page - Vishay Siliconix TFDU4300-TR3 Datasheet HTML 5Page - Vishay Siliconix TFDU4300-TR3 Datasheet HTML 6Page - Vishay Siliconix TFDU4300-TR3 Datasheet HTML 7Page - Vishay Siliconix TFDU4300-TR3 Datasheet HTML 8Page - Vishay Siliconix TFDU4300-TR3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
VISHAY
TFDU4300
Document Number 82614
Rev. 1.4, 26-Jan-04
Vishay Semiconductors
www.vishay.com
5
Electrical Characteristics
Transceiver
Tested @ Tamb = 25 °C, VCC1 = VCC2 = 2.7 V to 5.5 V unless otherwise noted.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
*) Standard illuminant A
**) To provide an improved immunity with increasing V
logic the typical threshold level is increasing with Vlogic and set to 0.5 x Vlogic. It is
recommended to use the specified min/max values to avoid increased operating current.
Parameter
Test Conditions
Symbol
Min
Typ.
Max
Unit
Supply voltage
Remark: For 2.4 V < VCC1 <
2.6 V @ Tamb < - 25 °C a minor
reduction of the receiver
sensitivity may occur
VCC1
2.4
5.5
V
Idle supply current @ VCC1
(receive mode, no signal)
SD = Low, Ee = 1 klx
*),
Tamb = - 25 °C to + 85 °C,
VCC1 = VCC2 = 2.7 V to 5.5 V
ICC1
90
130
µA
SD = Low, Ee = 1 klx
*),
Tamb = 25 °C,
VCC1 = VCC2 = 2.7 V to 5.5 V
ICC1
75
µA
Idle supply current @ Vlogic
(receive mode, no signal)
SD = Low, Ee = 1 klx
*), V
log,
pin 7, no signal, no load @ Rxd
Ilog
1
µA
Average dynamic supply
current, transmitting
IIRED = 300 mA, 20 % Duty
Cycle
ICC
65
mA
Standby supply current
SD = High, T = 25 °C, Ee = 0 klx
ISD
0.1
µA
SD = High, T = 70 °C
ISD
2
µA
SD = High, T = 85 °C
ISD
3
µA
Standby supply current, Vlogic
no signal, no load
Ilog
1
µA
Operating temperature range
TA
- 30
+ 85
°C
Output voltage low, Rxd
CLoad = 15 pF
VOL
- 0.5
0.15 x Vlogic
V
Output voltage high, Rxd
IOH = - 500 µAVOH
0.8 x Vlogic
Vlogic + 0.5
V
IOH = - 250 µA, CLoad = 15 pF
VOH
0.9 x Vlogic
Vlogic + 0.5
V
Rxd to VCC1 impedance
RRxd
400
500
600
k
Input voltage low (Txd, SD)
VIL
- 0.5
0.5
V
Input voltage high (Txd, SD)
CMOS level**)
VIH
Vlogic - 0.5
6
V
Input leakage current (Txd, SD)
VIN = 0.9 x Vlogic
IICH
- 2
+ 2
µA
Controlled pull down current
SD, Txd = "0" to "1",
VIN < 0.15 Vlogic
IIRTx
+ 150
µA
SD, Txd = "0" to "1",
VIN > 0.7 Vlogic
IIRTx
- 1
0
1
µA
Input capacitance (Txd, SD)
CIN
5pF


Similar Part No. - TFDU4300-TR3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU4301 VISHAY-TFDU4301 Datasheet
207Kb / 12P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA짰 Applications
Rev. 1.0, 22-Apr-10
TFDU4301 VISHAY-TFDU4301 Datasheet
331Kb / 14P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
01-Jan-2022
TFDU4301 VISHAY-TFDU4301 Datasheet
331Kb / 14P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
01-Jan-2023
TFDU4301-TR1 VISHAY-TFDU4301-TR1 Datasheet
207Kb / 12P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA짰 Applications
Rev. 1.0, 22-Apr-10
TFDU4301-TR1 VISHAY-TFDU4301-TR1 Datasheet
331Kb / 14P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
01-Jan-2022
More results

Similar Description - TFDU4300-TR3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFBS4650 VISHAY-TFBS4650_09 Datasheet
258Kb / 13P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.5,16-Sep-09
TFBS4652 VISHAY-TFBS4652 Datasheet
220Kb / 13P
   Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.1, 03-Jul-06
TFBS4652 VISHAY-TFBS4652_V02 Datasheet
348Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2023
TFBS4650 VISHAY-TFBS4650_08 Datasheet
262Kb / 14P
   Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.2, 28-May-08
TFBS4652 VISHAY-TFBS4652_09 Datasheet
226Kb / 11P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.3, 17-Sep-09
TFBS4650 VISHAY-TFBS4650_V02 Datasheet
341Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2023
TFDU4101 VISHAY-TFDU4101 Datasheet
266Kb / 16P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
Rev. 1.0, 11-Jul-06
TFBS4652 VISHAY-TFBS4652_V01 Datasheet
347Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)s
01-Jan-2022
TFDU4301-TT1 VISHAY-TFDU4301-TT1 Datasheet
207Kb / 12P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA짰 Applications
Rev. 1.0, 22-Apr-10
TFBS4650 VISHAY-TFBS4650_V01 Datasheet
341Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com