Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFDU4300-TT1 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # TFDU4300-TT1
Description  Infrared Transceiver Module (SIR, 115.2 kbit/s)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFDU4300-TT1 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button TFDU4300-TT1 Datasheet HTML 3Page - Vishay Siliconix TFDU4300-TT1 Datasheet HTML 4Page - Vishay Siliconix TFDU4300-TT1 Datasheet HTML 5Page - Vishay Siliconix TFDU4300-TT1 Datasheet HTML 6Page - Vishay Siliconix TFDU4300-TT1 Datasheet HTML 7Page - Vishay Siliconix TFDU4300-TT1 Datasheet HTML 8Page - Vishay Siliconix TFDU4300-TT1 Datasheet HTML 9Page - Vishay Siliconix TFDU4300-TT1 Datasheet HTML 10Page - Vishay Siliconix TFDU4300-TT1 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
VISHAY
TFDU4300
Document Number 82614
Rev. 1.4, 26-Jan-04
Vishay Semiconductors
www.vishay.com
7
Transmitter
Tested @ Tamb = 25 °C, VCC1 = VCC2 = 2.7 V to 5.5 V unless otherwise noted.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
*) Using an external current limiting resistor is allowed and recommended to reduce IRED intensity and operating current when current
reduction is intended to operate at the IrDA low power conditions. E.g. for VCC2 = 3.3 V a current limiting resistor of RS = 56 Ω
will allow a power minimized operation at IrDA low power conditions.
**) Note: Due to this wavelength restriction compared to the IrDA spec of 850 nm to 900 nm the transmitter is able to operate as source for
the standard Remote Control applications with codes as e.g. Phillips RC5/RC6® or RECS 80.
Parameter
Test Conditions
Symbol
Min
Typ.
Max
Unit
IRED operating current
limitation
No external resistor for current
limitation*)
ID
250
300
350
mA
Forward voltage of built-in IRED If = 300 mA
Vf
1.4
1.8
1.9
V
Output leakage IRED current
Txd = 0 V, 0 < VCC1 < 5.5 V
IIRED
- 1
1
µA
Output radiant intensity
α = 0 °, 15 °
Txd = High, SD = Low
Ie
30
65
mW/sr
VCC1 = 5.0 V, α = 0 °, 15 °
Txd = Low or SD = High
(Receiver is inactive as long as
SD = High)
Ie
0.04
mW/sr
Output radiant intensity, angle of
half intensity
α
± 24
°
Peak - emission wavelength**)
λp
880
900
nm
Spectral bandwidth
∆λ
45
nm
Optical rise time, fall time
tropt, tfopt
10
100
ns
Optical output pulse duration
input pulse width 1.63
µs,
115.2 kbit/s
topt
1.6
1.63
1.8
µs
input pulse width tTxd < 20 µstopt
tTxd
tTxd + 0.15
µs
input pulse width tTxd ≥ 20 µstopt
20
300
µs
Optical overshoot
25
%


Similar Part No. - TFDU4300-TT1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU4301 VISHAY-TFDU4301 Datasheet
207Kb / 12P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA짰 Applications
Rev. 1.0, 22-Apr-10
TFDU4301 VISHAY-TFDU4301 Datasheet
331Kb / 14P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
01-Jan-2022
TFDU4301 VISHAY-TFDU4301 Datasheet
331Kb / 14P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
01-Jan-2023
TFDU4301-TR1 VISHAY-TFDU4301-TR1 Datasheet
207Kb / 12P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA짰 Applications
Rev. 1.0, 22-Apr-10
TFDU4301-TR1 VISHAY-TFDU4301-TR1 Datasheet
331Kb / 14P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
01-Jan-2022
More results

Similar Description - TFDU4300-TT1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFBS4650 VISHAY-TFBS4650_09 Datasheet
258Kb / 13P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.5,16-Sep-09
TFBS4652 VISHAY-TFBS4652 Datasheet
220Kb / 13P
   Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.1, 03-Jul-06
TFBS4652 VISHAY-TFBS4652_V02 Datasheet
348Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2023
TFBS4650 VISHAY-TFBS4650_08 Datasheet
262Kb / 14P
   Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.2, 28-May-08
TFBS4652 VISHAY-TFBS4652_09 Datasheet
226Kb / 11P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.3, 17-Sep-09
TFBS4650 VISHAY-TFBS4650_V02 Datasheet
341Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2023
TFDU4101 VISHAY-TFDU4101 Datasheet
266Kb / 16P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
Rev. 1.0, 11-Jul-06
TFBS4652 VISHAY-TFBS4652_V01 Datasheet
347Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)s
01-Jan-2022
TFDU4301-TT1 VISHAY-TFDU4301-TT1 Datasheet
207Kb / 12P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA짰 Applications
Rev. 1.0, 22-Apr-10
TFBS4650 VISHAY-TFBS4650_V01 Datasheet
341Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com